Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY264G-TL Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # TNY264G-TL
Description  Enhanced, Energy Effi cient, Low Power Off-line Switcher
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY264G-TL Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button TNY264G-TL Datasheet HTML 4Page - Power Integrations, Inc. TNY264G-TL Datasheet HTML 5Page - Power Integrations, Inc. TNY264G-TL Datasheet HTML 6Page - Power Integrations, Inc. TNY264G-TL Datasheet HTML 7Page - Power Integrations, Inc. TNY264G-TL Datasheet HTML 8Page - Power Integrations, Inc. TNY264G-TL Datasheet HTML 9Page - Power Integrations, Inc. TNY264G-TL Datasheet HTML 10Page - Power Integrations, Inc. TNY264G-TL Datasheet HTML 11Page - Power Integrations, Inc. TNY264G-TL Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Rev. H 02/09
8
TNY263-268
www.powerint.com
up undervoltage threshold is set at 200 VDC, slightly below
the lowest required operating DC input voltage, for start-up at
170 VAC, with doubler. This feature saves several components
needed to implement the glitch-free turn-off compared with
discrete or TinySwitch-II based designs. During turn-on the
rectified DC input voltage needs to exceed 200 V undervoltage
threshold for the power supply to start operation. But, once
the power supply is on it will continue to operate down to
140 V rectified DC input voltage to provide the required hold
up time for the standby output.
The auxiliary primary side winding is rectified and filtered by
D2 and C2 to create a 12 V primary bias output voltage for the
main power supply primary controller. In addition, this voltage
is used to power the TinySwitch-II via R4. Although not
necessary for operation, supplying the TinySwitch-II externally
reduces the device quiescent dissipation by disabling the
internal drain derived current source normally used to keep the
BYPASS pin capacitor (C3) charged. An R4 value of 10 k
Ω
provides 600
μA into the BYPASS pin, which is slightly in
excess of the current consumption of TinySwitch-II. The
excess current is safely clamped by an on-chip active Zener
diode to 6.3 V.
The secondary winding is rectified and filtered by D3 and C6.
For a 15 W design an additional output capacitor, C7, is
required due to the larger secondary ripple currents compared
to the 10 W standby design. The auto-restart function limits
output current during short circuit conditions, removing the
need to over rate D3. Switching noise filtering is provided by L1
and C8. The 5 V output is sensed by U2 and VR1. R5 is used
to ensure that the Zener diode is biased at its test current and
R6 centers the output voltage at 5 V.
In many cases the Zener regulation method provides sufficient
accuracy (typically ± 6% over a
0 °C to 50 °C temperature
range). This is possible because TinySwitch-II limits the
dynamic range of the optocoupler LED current, allowing the
Zener diode to operate at near constant bias current.
However, if higher accuracy is required, a TL431 precision
reference IC may be used to replace VR1.
A simple constant current circuit is implemented using the V
BE
of transistor Q1 to sense the voltage across the current sense
resistor R4. When the drop across R4 exceeds the V
BE of
transistor Q1, it turns on and takes over control of the loop by
driving the optocoupler LED. Resistor R6 assures sufficient
voltage to keep the control loop in operation down to zero
volts at the output. With the output shorted, the drop across
R4 and R6 (~1.2 V) is sufficient to keep the Q1 and LED circuit
active. Resistors R7 and R9 limit the forward current that
could be drawn through VR1 by Q1 under output short circuit
conditions, due to the voltage drop across R4 and R6.
10 and 15 W Standby Circuits
Figures 15 and 16 show examples of circuits for standby
applications. They both provide two outputs: an isolated 5 V
and a 12 V primary referenced output. The first, using
TNY266P, provides 10 W, and the second, using TNY267P,
15 W of output power. Both operate from an input range of
140 VDC to 375 VDC, corresponding to a 230 VAC or 100/115
VAC with doubler input. The designs take advantage of the line
undervoltage detect, auto-restart and higher switching
frequency of TinySwitch-II. Operation at 132 kHz allows the
use of a smaller and lower cost transformer core, EE16 for
10 W and EE22 for 15 W. The removal of pin 6 from the 8 pin
DIP TinySwitch-II packages provides a large creepage
distance which improves reliability in high pollution
environments such as fan cooled power supplies.
Capacitor C1 provides high frequency decoupling of the high
voltage DC supply, only necessary if there is a long trace
length from the DC bulk capacitors of the main supply. The
line sense resistors R2 and R3 sense the DC input voltage for
line undervoltage. When the AC is turned off, the undervoltage
detect feature of the TinySwitch-II prevents auto-restart
glitches at the output caused by the slow discharge of large
storage capacitance in the main converter. This is achieved by
preventing the TinySwitch-II from switching when the input
voltage goes below a level needed to maintain output
regulation, and keeping it off until the input voltage goes above
the undervoltage threshold, when the AC is turned on again.
With R2 and R3, giving a combined value of 2 M
Ω, the power


Similar Part No. - TNY264G-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264G-TL POWERINT-TNY264G-TL Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results

Similar Description - TNY264G-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY266PG POWERINT-TNY266PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com