Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY264GN Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # TNY264GN
Description  Enhanced, Energy Effi cient, Low Power Off-line Switcher
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY264GN Datasheet(HTML) 3 Page - Power Integrations, Inc.

  TNY264GN Datasheet HTML 1Page - Power Integrations, Inc. TNY264GN Datasheet HTML 2Page - Power Integrations, Inc. TNY264GN Datasheet HTML 3Page - Power Integrations, Inc. TNY264GN Datasheet HTML 4Page - Power Integrations, Inc. TNY264GN Datasheet HTML 5Page - Power Integrations, Inc. TNY264GN Datasheet HTML 6Page - Power Integrations, Inc. TNY264GN Datasheet HTML 7Page - Power Integrations, Inc. TNY264GN Datasheet HTML 8Page - Power Integrations, Inc. TNY264GN Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Rev. H 02/09
3
TNY263-268
www.powerint.com
Figure 4.
Frequency Jitter.
TinySwitch-II Functional Description
TinySwitch-II combines a high voltage power MOSFET switch
with a power supply controller in one device. Unlike
conventional PWM (pulse width modulator) controllers,
TinySwitch-II uses a simple ON/OFF control to regulate the
output voltage.
The TinySwitch-II controller consists of an oscillator, enable
circuit (sense and logic), current limit state machine,
5.8 V regulator, BYPASS pin undervoltage circuit, over-
temperature protection, current limit circuit, leading edge
blanking and a 700 V power MOSFET. TinySwitch-II
incorporates additional circuitry for line undervoltage sense,
auto-restart and frequency jitter. Figure 2 shows the functional
block diagram with the most important features.
Oscillator
The typical oscillator frequency is internally set to an average
of 132 kHz. Two signals are generated from the oscillator: the
maximum duty cycle signal (DC
MAX) and the clock signal that
indicates the beginning of each cycle.
The TinySwitch-II oscillator incorporates circuitry that
introduces a small amount of frequency jitter, typically 8 kHz
peak-to-peak, to minimize EMI emission. The modulation rate
of the frequency jitter is set to 1 kHz to optimize EMI reduction
for both average and quasi-peak emissions. The frequency
jitter should be measured with the oscilloscope triggered at
the falling edge of the DRAIN waveform. The waveform in
Figure 4 illustrates the frequency jitter of the TinySwitch-II.
Enable Input and Current Limit State Machine
The enable input circuit at the EN/UV pin consists of a low
impedance source follower output set at 1.0 V. The current
through the source follower is limited to 240
μA. When the
current out of this pin exceeds 240
μA, a low logic level
(disable) is generated at the output of the enable circuit. This
enable circuit output is sampled at the beginning of each cycle
on the rising edge of the clock signal. If high, the power
MOSFET is turned on for that cycle (enabled). If low, the power
MOSFET remains off (disabled). Since the sampling is done
only at the beginning of each cycle, subsequent changes in
the EN/UV pin voltage or current during the remainder of the
cycle are ignored.
The current limit state machine reduces the current limit by
discrete amounts at light loads when TinySwitch-II is likely to
switch in the audible frequency range. The lower current limit
raises the effective switching frequency above the audio range
and reduces the transformer flux density, including the
associated audible noise. The state machine monitors the
sequence of EN/UV pin voltage levels to determine the load
condition and adjusts the current limit level accordingly in
discrete amounts.
Under most operating conditions (except when close to no-
load), the low impedance of the source follower keeps the
voltage on the EN/UV pin from going much below 1.0 V in the
disabled state. This improves the response time of the
optocoupler that is usually connected to this pin.
5.8 V Regulator and 6.3 V Shunt Voltage Clamp
The 5.8 V regulator charges the bypass capacitor connected
to the BYPASS pin to 5.8 V by drawing a current from the
voltage on the DRAIN pin whenever the MOSFET is off. The
BYPASS pin is the internal supply voltage node for the
TinySwitch-II. When the MOSFET is on, the TinySwitch-II
operates from the energy stored in the bypass capacitor.
Extremely low power consumption of the internal circuitry
allows TinySwitch-II to operate continuously from current it
takes from the DRAIN pin. A bypass capacitor value of 0.1
μF
is sufficient for both high frequency decoupling and energy
storage.
In addition, there is a 6.3 V shunt regulator clamping the
BYPASS pin at 6.3 V when current is provided to the BYPASS
pin through an external resistor. This facilitates powering of
TinySwitch-II externally through a bias winding to decrease the
no-load consumption to about 50 mW.
BYPASS Pin Undervoltage
The BYPASS pin undervoltage circuitry disables the power
MOSFET when the BYPASS pin voltage drops below 4.8 V.
Once the BYPASS pin voltage drops below 4.8 V, it must rise
back to 5.8 V to enable (turn-on) the power MOSFET.
Over Temperature Protection
The thermal shutdown circuitry senses the die temperature.
The threshold is typically set at 135
°C with 70 °C hysteresis.
When the die temperature rises above this threshold the
power MOSFET is disabled and remains disabled until the die
temperature falls by 70
°C, at which point it is re-enabled. A
large hysteresis of 70
°C (typical) is provided to prevent
overheating of the PC board due to a continuous fault
condition.
Current Limit
The current limit circuit senses the current in the power
MOSFET. When this current exceeds the internal threshold
(I
LIMIT), the power MOSFET is turned off for the remainder of
600
05
10
136 kHz
128 kHz
V
DRAIN
Time (
μs)
500
400
300
200
100
0


Similar Part No. - TNY264GN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY264GN POWERINT-TNY264GN Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264GN POWERINT-TNY264GN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY264GN-TL POWERINT-TNY264GN-TL Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264GN-TL POWERINT-TNY264GN-TL Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY264GN-TL POWERINT-TNY264GN-TL Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
More results

Similar Description - TNY264GN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY266PG POWERINT-TNY266PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY267PN POWERINT-TNY267PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com