Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985AIM5X-4.0 Datasheet(PDF) 9 Page - Texas Instruments

Part # LP2985AIM5X-4.0
Description  Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2985AIM5X-4.0 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP2985AIM5X-4.0 Datasheet HTML 5Page - Texas Instruments LP2985AIM5X-4.0 Datasheet HTML 6Page - Texas Instruments LP2985AIM5X-4.0 Datasheet HTML 7Page - Texas Instruments LP2985AIM5X-4.0 Datasheet HTML 8Page - Texas Instruments LP2985AIM5X-4.0 Datasheet HTML 9Page - Texas Instruments LP2985AIM5X-4.0 Datasheet HTML 10Page - Texas Instruments LP2985AIM5X-4.0 Datasheet HTML 11Page - Texas Instruments LP2985AIM5X-4.0 Datasheet HTML 12Page - Texas Instruments LP2985AIM5X-4.0 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LP2985-N
www.ti.com
SNVS018V – MARCH 2000 – REVISED JUNE 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified: CIN = 1µF, COUT = 4.7µF, VIN = VOUT(NOM) +1, TA = 25°C, ON/OFF pin is tied to VIN.
Load Transient Response
Line Transient Response
Figure 27.
Figure 28.
Line Transient Response
Line Transient Response
Figure 29.
Figure 30.
Line Transient Response
Turn-On Time
Figure 31.
Figure 32.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP2985-N


Similar Part No. - LP2985AIM5X-4.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2985AIM5X-4.0 NSC-LP2985AIM5X-4.0 Datasheet
478Kb / 21P
   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985AIM5X-4.0/NOPB TI1-LP2985AIM5X-4.0/NOPB Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23
LP2985AIM5X-4.0/NOPB TI-LP2985AIM5X-4.0/NOPB Datasheet
10Mb / 43P
[Old version datasheet]   LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
MAY 2023
LP2985AIM5X-4.0/NOPB TI-LP2985AIM5X-4.0/NOPB Datasheet
10Mb / 43P
[Old version datasheet]   LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
REVISED MAY 2023
LP2985AIM5X-4.0/NOPB TI1-LP2985AIM5X-4.0/NOPB Datasheet
10Mb / 43P
[Old version datasheet]   LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
REVISED JULY 2023
More results

Similar Description - LP2985AIM5X-4.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985-N TI-LP2985-N Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985-N TI-LP2985-N_15 Datasheet
1Mb / 41P
[Old version datasheet]   LP2985-N Micropower 150-mA Low-Noise Ultra-Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
logo
National Semiconductor ...
LP2992 NSC-LP2992 Datasheet
598Kb / 15P
   Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and LLP Packages Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2985LV-N TI-LP2985LV-N_15 Datasheet
1Mb / 21P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages ??2.0V Designed for Use with Very Low ESR Output Capacitors
LP2992IM5-5.0-NOPB TI1-LP2992IM5-5.0-NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
logo
National Semiconductor ...
LP2985 NSC-LP2985 Datasheet
478Kb / 21P
   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
LP2978 NSC-LP2978_09 Datasheet
286Kb / 8P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
logo
Texas Instruments
LP2992 TI-LP2992_15 Datasheet
2Mb / 33P
[Old version datasheet]   LP2992 Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low-ESR Output Capacitors
LP2985AIM5X-2.0 TI-LP2985AIM5X-2.0 Datasheet
1Mb / 22P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com