Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNK306DGTL Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # LNK306DGTL
Description  LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK306DGTL Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button LNK306DGTL Datasheet HTML 5Page - Power Integrations, Inc. LNK306DGTL Datasheet HTML 6Page - Power Integrations, Inc. LNK306DGTL Datasheet HTML 7Page - Power Integrations, Inc. LNK306DGTL Datasheet HTML 8Page - Power Integrations, Inc. LNK306DGTL Datasheet HTML 9Page - Power Integrations, Inc. LNK306DGTL Datasheet HTML 10Page - Power Integrations, Inc. LNK306DGTL Datasheet HTML 11Page - Power Integrations, Inc. LNK306DGTL Datasheet HTML 12Page - Power Integrations, Inc. LNK306DGTL Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
2-9
LNK302/304-306
9
Rev. I 11/08
ABSOLUTE MAXIMUM RATINGS(1,5)
DRAIN Voltage .................................................. -0.3 V to 700 V
Peak DRAIN Current (LNK302).................200 mA(375 mA)(2)
Peak DRAIN Current (LNK304).................400 mA(750 mA)(2)
Peak DRAIN Current (LNK305).................800 mA(1500 mA)(2)
PeakDRAINCurrent(LNK306).................1400mA(2600 mA)(2)
FEEDBACK Voltage .........................................-0.3 V to 9 V
FEEDBACK Current.............................................100 mA
BYPASS Voltage ..........................................-0.3 V to 9 V
StorageTemperature .......................................... -65
°C to150°C
Operating JunctionTemperature(3) ..................... -40
°C to150°C
Lead Temperature(4) ........................................................260
°C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. The higher peak DRAIN current is allowed if the DRAIN
to SOURCE voltage does not exceed 400 V.
3. Normally limited by internal circuitry.
4. 1/16 in. from case for 5 seconds.
5. Maximum ratings specified may be applied, one at a time,
without causing permanent damage to the product.
Exposure to Absolute Maximum Rating conditions for
extended periods of time may affect product reliability.
THERMAL IMPEDANCE
Thermal Impedance: P or G Package:
(
θ
JA) ........................... 70 °C/W
(3); 60
°C/W(4)
(
θ
JC)
(1) ............................................... 11
°C/W
D Package:
(
θ
JA) ..................... .... 100 °C/W
(3); 80
°C/W(4)
(
θ
JC)
(2) ............................................... 30
°C/W
Notes:
1. Measured on pin 2 (SOURCE) close to plastic interface.
2. Measured on pin 8 (SOURCE) close to plastic interface.
3. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610 g/m2) copper clad.
4. Soldered to 1 sq. in. (645 mm2), 2 oz. (610 g/m2) copper clad.
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 7
(Unless Otherwise Specified)
Min
Typ
Max
Units
CONTROL FUNCTIONS
Output
Frequency
f
OSC
T
J = 25 °C
Average
62
66
70
kHz
Peak-Peak Jitter
4
Maximum Duty
Cycle
DC
MAX
S2 Open
66
69
72
%
FEEDBACK Pin
Turnoff Threshold
Current
I
FB
T
J = 25 °C
30
49
68
μA
FEEDBACK Pin
Voltage at Turnoff
Threshold
V
FB
1.54
1.65
1.76
V
DRAIN Supply
Current
I
S1
V
FB ≥2 V
(MOSFET Not Switching)
See Note A
160
220
μA
I
S2
FEEDBACK
Open
(MOSFET
Switching)
See Notes A, B
LNK302/304
200
260
μA
LNK305
220
280
LNK306
250
310


Similar Part No. - LNK306DGTL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK306DG POWERINT-LNK306DG Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK306DG POWERINT-LNK306DG Datasheet
1Mb / 19P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
LNK306DG-TL POWERINT-LNK306DG-TL Datasheet
1Mb / 19P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
More results

Similar Description - LNK306DGTL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN-TL POWERINT-LNK305GN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
   LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com