Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARS1024 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ARS1024
Description  3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARS1024 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ARS1024 Datasheet HTML 1Page - Panasonic Semiconductor ARS1024 Datasheet HTML 2Page - Panasonic Semiconductor ARS1024 Datasheet HTML 3Page - Panasonic Semiconductor ARS1024 Datasheet HTML 4Page - Panasonic Semiconductor ARS1024 Datasheet HTML 5Page - Panasonic Semiconductor ARS1024 Datasheet HTML 6Page - Panasonic Semiconductor ARS1024 Datasheet HTML 7Page - Panasonic Semiconductor ARS1024 Datasheet HTML 8Page - Panasonic Semiconductor ARS1024 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RS (ARS)
ASCTB106E 201202-T
5. Surface-mount terminal and reversed contact type, E layout
Standard packing: 40 pcs. in an inner package (tube); 1,000 pcs. in an outer package
Standard packing: 500 pcs. in an inner package (tape and reel); 1,000 pcs. in an outer package
Note: The box at the end of a part number shows where packing type is indicated. If there is no indication, tube packing will be used.
If “X” or “Z” is added, tape and reel packing will be used. Example: ARS34A03 (tube packing), ARS34A03X (tape and reel packing)
6. Surface-mount terminal and reversed contact type, Y layout
Standard packing: 40 pcs. in an inner package (tube); 1,000 pcs. in an outer package
Standard packing: 500 pcs. in an inner package (tape and reel); 1,000 pcs. in an outer package
Note: The box at the end of a part number shows where packing type is indicated. If there is no indication, tube packing will be used.
If “X” or “Z” is added, tape and reel packing will be used. Example: ARS34Y03 (tube packing), ARS34Y03X (tape and reel packing)
RATING
1. Coil data
1) Single side stable type
2) 1 coil latching type
3) 2 coil latching type
Impedance
Nominal coil
voltage
Part No.
Single side stable type
1 coil latching type
2 coil latching type
50
3
V DC
ARS34A03
ARS35A03
ARS36A03
4.5 V DC
ARS34A4H
ARS35A4H
ARS36A4H
9
V DC
ARS34A09
ARS35A09
ARS36A09
12
V DC
ARS34A12
ARS35A12
ARS36A12
24
V DC
ARS34A24
ARS35A24
ARS36A24
75
3
V DC
ARS30A03
ARS31A03
ARS32A03
4.5 V DC
ARS30A4H
ARS31A4H
ARS32A4H
9
V DC
ARS30A09
ARS31A09
ARS32A09
12
V DC
ARS30A12
ARS31A12
ARS32A12
24
V DC
ARS30A24
ARS31A24
ARS32A24
Impedance
Nominal coil
voltage
Part No.
Single side stable type
1 coil latching type
2 coil latching type
50
3
V DC
ARS34Y03
ARS35Y03
ARS36Y03
4.5 V DC
ARS34Y4H
ARS35Y4H
ARS36Y4H
9
V DC
ARS34Y09
ARS35Y09
ARS36Y09
12
V DC
ARS34Y12
ARS35Y12
ARS36Y12
24
V DC
ARS34Y24
ARS35Y24
ARS36Y24
75
3
V DC
ARS30Y03
ARS31Y03
ARS32Y03
4.5 V DC
ARS30Y4H
ARS31Y4H
ARS32Y4H
9
V DC
ARS30Y09
ARS31Y09
ARS32Y09
12
V DC
ARS30Y12
ARS31Y12
ARS32Y12
24
V DC
ARS30Y24
ARS31Y24
ARS32Y24
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 60
°C 140°F)
3
V DC
75%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
66.7 mA
45
200 mW
110%V or less of
nominal voltage
4.5 V DC
44.4 mA
101.3
9
V DC
22.2 mA
405
12
V DC
16.7 mA
720
24
V DC
8.3 mA
2,880
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 60
°C 140°F)
3
V DC
75%V or less of
nominal voltage
(Initial)
75%V or less of
nominal voltage
(Initial)
66.7 mA
45
200 mW
110%V or less of
nominal voltage
4.5 V DC
44.4 mA
101.3
9
V DC
22.2 mA
405
12
V DC
16.7 mA
720
24
V DC
8.3 mA
2,880
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 60
°C 140°F)
3
V DC
75%V or less of
nominal voltage
(Initial)
75%V or less of
nominal voltage
(Initial)
133.3 mA
22.5
400 mW
110%V or less of
nominal voltage
4.5 V DC
88.9 mA
50.6
9
V DC
44.4 mA
202.5
12
V DC
33.3 mA
360
24
V DC
16.7 mA
1,440


Similar Part No. - ARS1024

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
ARS10 YANGJIE-ARS10 Datasheet
148Kb / 2P
   Silicon Rectifier
ARS10 YANGJIE-ARS10 Datasheet
148Kb / 2P
   Silicon Rectifier
ARS10 YANGJIE-ARS10 Datasheet
152Kb / 2P
   Silicon Rectifier
logo
Teledyne Technologies I...
ARS1047 TELEDYNE-ARS1047 Datasheet
182Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - ARS1024

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARS14Y4H PANASONIC-ARS14Y4H Datasheet
331Kb / 11P
   Miniature size Lineup includes 50/75 type
logo
Agilent(Hewlett-Packard...
86205A HP-86205A Datasheet
156Kb / 2P
   50 廓 & 75 廓 RF Bridges
logo
Panasonic Semiconductor
ARE10A12 PANASONIC-ARE10A12 Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
logo
Rosenberger Hochfrequen...
51K171-S00N4 ROSENBERGER-51K171-S00N4 Datasheet
188Kb / 2P
   MATCHING ATTENUATOR 50廓 JACK ??75廓 PLUG
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
   75廓 SMB Type Connectors
logo
Qorvo, Inc
QPL1815 QORVO-QPL1815 Datasheet
1Mb / 10P
   75廓 CATV Amplifier 50 ??1800MHz
Oct 21 , 2020
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
SSMB75-SP-1.5CCA-EXBV-CF DDK-SSMB75-SP-1.5CCA-EXBV-CF Datasheet
735Kb / 6P
   75 廓 SSMB Type Connectors
SSMB75 DDK-SSMB75 Datasheet
734Kb / 6P
   75 廓 SSMB Type Connectors
logo
Qorvo, Inc
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
   75廓 CATV Amplifier 50 ??1800MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com