Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGT1S11N120CNS Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # HGT1S11N120CNS
Description  43A, 1200V, NPT Series N-Channel IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGT1S11N120CNS Datasheet(HTML) 6 Page - Fairchild Semiconductor

  HGT1S11N120CNS Datasheet HTML 1Page - Fairchild Semiconductor HGT1S11N120CNS Datasheet HTML 2Page - Fairchild Semiconductor HGT1S11N120CNS Datasheet HTML 3Page - Fairchild Semiconductor HGT1S11N120CNS Datasheet HTML 4Page - Fairchild Semiconductor HGT1S11N120CNS Datasheet HTML 5Page - Fairchild Semiconductor HGT1S11N120CNS Datasheet HTML 6Page - Fairchild Semiconductor HGT1S11N120CNS Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
©2001 Fairchild Semiconductor Corporation
HGTG11N120CN, HGTP11N120CN, HGT1S11N120CNS Rev. B
FIGURE 15. CAPACITANCE vs COLLECTOR TO EMITTER
VOLTAGE
FIGURE 16. COLLECTOR TO EMITTER ON-STATE VOLTAGE
FIGURE 17. NORMALIZED TRANSIENT THERMAL RESPONSE, JUNCTION TO CASE
Typical Performance Curves Unless Otherwise Specified (Continued)
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
CRES
0
5
10
15
20
25
0
1
CIES
COES
3
4
FREQUENCY = 1MHz
2
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
3
12
01
0
2
15
DUTY CYCLE < 0.5%, TC = 110
oC
250
µs PULSE TEST
9
6
3
4
VGE = 10V
VGE = 15V
t1
t2
PD
SINGLE PULSE
0.5
0.2
0.1
0.05
0.02
t1, RECTANGULAR PULSE DURATION (s)
10-2
10-1
100
10-5
10-3
10-2
10-1
100
10-4
DUTY FACTOR, D = t1 / t2
PEAK TJ = (PD X ZθJC X RθJC) + TC
0.01
Test Circuit and Waveforms
FIGURE 18. INDUCTIVE SWITCHING TEST CIRCUIT
FIGURE 19. SWITCHING TEST WAVEFORMS
RG = 10Ω
L = 2mH
VDD = 960V
+
-
HGTG11N120CND
tfI
td(OFF)I
trI
td(ON)I
10%
90%
10%
90%
VCE
ICE
VGE
EOFF
EON2
HGTG11N120CN, HGTP11N120CN, HGT1S11N120CNS


Similar Part No. - HGT1S11N120CNS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGT1S11N120CNS INTERSIL-HGT1S11N120CNS Datasheet
81Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
January 2000
More results

Similar Description - HGT1S11N120CNS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG11N120CN INTERSIL-HGTG11N120CN Datasheet
81Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG11N120CND INTERSIL-HGTG11N120CND Datasheet
82Kb / 7P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG11N120CND FAIRCHILD-HGTG11N120CND Datasheet
110Kb / 8P
   43A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Unisonic Technologies
UG1N120 UTC-UG1N120 Datasheet
290Kb / 3P
   1200V NPT SERIES N-CHANNEL IGBT
logo
Fairchild Semiconductor
HGTG30N120CN FAIRCHILD-HGTG30N120CN Datasheet
113Kb / 8P
   75A, 1200V, NPT Series N-Channel IGBT
logo
Intersil Corporation
HGTD2N120CNS INTERSIL-HGTD2N120CNS Datasheet
89Kb / 7P
   13A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG10N120BN INTERSIL-HGTG10N120BN Datasheet
81Kb / 7P
   35A, 1200V, NPT Series N-Channel IGBT
January 2000
HGTG27N120BN INTERSIL-HGTG27N120BN Datasheet
82Kb / 7P
   72A, 1200V, NPT Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTD1N120BNS9A FAIRCHILD-HGTD1N120BNS9A Datasheet
96Kb / 8P
   5.3A, 1200V, NPT Series N-Channel IGBT
HGTG27N120BN FAIRCHILD-HGTG27N120BN Datasheet
212Kb / 8P
   72A, 1200V, NPT Series N-Channel IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com