Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY290KG Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # TNY290KG
Description  Energy-Efficient, Off-Line Switcher With Line Compensated Overload Power
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY290KG Datasheet(HTML) 3 Page - Power Integrations, Inc.

  TNY290KG Datasheet HTML 1Page - Power Integrations, Inc. TNY290KG Datasheet HTML 2Page - Power Integrations, Inc. TNY290KG Datasheet HTML 3Page - Power Integrations, Inc. TNY290KG Datasheet HTML 4Page - Power Integrations, Inc. TNY290KG Datasheet HTML 5Page - Power Integrations, Inc. TNY290KG Datasheet HTML 6Page - Power Integrations, Inc. TNY290KG Datasheet HTML 7Page - Power Integrations, Inc. TNY290KG Datasheet HTML 8Page - Power Integrations, Inc. TNY290KG Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Rev. A 09/12
3
TNY284-290
www.powerint.com
to provide an output overvoltage function with a Zener
connected from the BYPASS/MULTI-FUNCTIONAL pin to a
bias winding supply.
ENABLE/UNDERVOLTAGE (EN/UV) Pin:
This pin has dual functions: enable input and line undervoltage
sense. During normal operation, switching of the power
MOSFET is controlled by this pin. MOSFET switching is
terminated when a current greater than a threshold current is
drawn from this pin. Switching resumes when the current being
pulled from the pin drops to less than a threshold current. A
modulation of the threshold current reduces group pulsing. The
threshold current is between 75
μA and 115 μA.
The ENABLE/UNDERVOLTAGE pin also senses line
undervoltage conditions through an external resistor connected
to the DC line voltage. If there is no external resistor connected
to this pin, TinySwitch-4 detects its absence and disables the
line undervoltage function.
SOURCE (S) Pin:
This pin is internally connected to the output MOSFET source
for high-voltage power return and control circuit common.
TinySwitch-4 Functional Description
TinySwitch-4 combines a high-voltage power MOSFET switch
with a power supply controller in one device. Unlike conventional
PWM (pulse width modulator) controllers, it uses a simple
ON/OFF control to regulate the output voltage.
The controller consists of an oscillator, enable circuit (sense and
logic), current limit state machine, 5.85 V regulator, BYPASS/
MULTI-FUNCTION pin undervoltage, overvoltage circuit, and
current limit selection circuitry, over-temperature protection,
current limit circuit, leading edge blanking, and a 725 V power
MOSFET. TinySwitch-4 incorporates additional circuitry for line
undervoltage sense, auto-restart, adaptive switching cycle
on-time extension, and frequency jitter. Figure 3 shows the
functional block diagram with the most important features.
Figure 5.
Frequency Jitter.
600
05
10
136 kHz
128 kHz
VDRAIN
Time (
µs)
500
400
300
200
100
0
Oscillator
The typical oscillator frequency is internally set to an average of
132 kHz. Two signals are generated from the oscillator: the
maximum duty cycle signal (DC
MAX) and the clock signal that
indicates the beginning of each cycle.
The oscillator incorporates circuitry that introduces a small
amount of frequency jitter, typically 8 kHz peak-to-peak, to
minimize EMI emission. The modulation rate of the frequency
jitter is set to 1 kHz to optimize EMI reduction for both average
and quasi-peak emissions. The frequency jitter should be
measured with the oscilloscope triggered at the falling edge of
the DRAIN waveform. The waveform in Figure 5 illustrates the
frequency jitter.
Enable Input and Current Limit State Machine
The enable input circuit at the ENABLE/UNDERVOLTAGE pin
consists of a low impedance source follower output set at 1.2 V.
The current through the source follower is limited to 115
μA.
When the current out of this pin exceeds the threshold current,
a low logic level (disable) is generated at the output of the
enable circuit, until the current out of this pin is reduced to less
than the threshold current. This enable circuit output is
sampled at the beginning of each cycle on the rising edge of the
clock signal. If high, the power MOSFET is turned on for that
cycle (enabled). If low, the power MOSFET remains off
(disabled). Since the sampling is done only at the beginning of
each cycle, subsequent changes in the ENABLE/UNDER-
VOLTAGE pin voltage or current during the remainder of the
cycle are ignored.
The current limit state machine reduces the current limit by
discrete amounts at light loads when TinySwitch-4 is likely to
switch in the audible frequency range. The lower current limit
raises the effective switching frequency above the audio range
and reduces the transformer flux density, including the
associated audible noise. The state machine monitors the
sequence of enable events to determine the load condition and
adjusts the current limit level accordingly in discrete amounts.
Under most operating conditions (except when close to
no-load), the low impedance of the source follower keeps the
voltage on the ENABLE/UNDERVOLTAGE pin from going much
below 1.2 V in the disabled state. This improves the response
time of the optocoupler that is usually connected to this pin.
5.85 V Regulator and 6.4 V Shunt Voltage Clamp
The 5.85 V regulator charges the bypass capacitor connected
to the BYPASS pin to 5.85 V by drawing a current from the
voltage on the DRAIN pin whenever the MOSFET is off. The
BYPASS/MULTI-FUNCTION pin is the internal supply voltage
node. When the MOSFET is on, the device operates from the
energy stored in the bypass capacitor. Extremely low power
consumption of the internal circuitry allows TinySwitch-4 to
operate continuously from current it takes from the DRAIN pin.
A bypass capacitor value of 0.1
μF is sufficient for both high
frequency decoupling and energy storage.
In addition, there is a 6.4 V shunt regulator clamping the
BYPASS/MULTI-FUNCTION pin at 6.4 V when current is
provided to the BYPASS/MULTI-FUNCTION pin through an


Similar Part No. - TNY290KG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY290KG-TL POWERINT-TNY290KG-TL Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
More results

Similar Description - TNY290KG

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY284 POWERINT-TNY284 Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com