Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTG12N60B3 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HGTG12N60B3
Description  27A, 600V, UFS Series N-Channel IGBTs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTG12N60B3 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HGTG12N60B3 Datasheet HTML 1Page - Fairchild Semiconductor HGTG12N60B3 Datasheet HTML 2Page - Fairchild Semiconductor HGTG12N60B3 Datasheet HTML 3Page - Fairchild Semiconductor HGTG12N60B3 Datasheet HTML 4Page - Fairchild Semiconductor HGTG12N60B3 Datasheet HTML 5Page - Fairchild Semiconductor HGTG12N60B3 Datasheet HTML 6Page - Fairchild Semiconductor HGTG12N60B3 Datasheet HTML 7Page - Fairchild Semiconductor HGTG12N60B3 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2003 Fairchild Semiconductor Corporation
HGTG12N60B3 Rev. C1
Current Turn-On Delay Time
td(ON)I
IGBT and Diode at TJ = 150
oC
ICE = 12A
VCE = 480V
VGE = 15V
RG = 25Ω
L = 1mH
Test Circuit (Figure 17)
-22
-
ns
Current Rise Time
trI
-23
-
ns
Current Turn-Off Delay Time
td(OFF)I
-
280
295
ns
Current Fall Time
tfI
-
112
175
ns
Turn-On Energy (Note 4)
EON1
-
165
-
µJ
Turn-On Energy (Note 4)
EON2
-
500
525
µJ
Turn-Off Energy (Note 3)
EOFF
-
660
800
µJ
Thermal Resistance Junction To Case
RθJC
--
1.2
oC/W
NOTES:
3. Turn-Off Energy Loss (EOFF) is defined as the integral of the instantaneous power loss starting at the trailing edge of the input pulse and ending
at the point where the collector current equals zero (ICE = 0A). All devices were tested per JEDEC Standard No. 24-1 Method for Measurement
of Power Device Turn-Off Switching Loss. This test method produces the true total Turn-Off Energy Loss.
4. Values for two Turn-On loss conditions are shown for the convenience of the circuit designer. EON1 is the turn-on loss of the IGBT only. EON2
is the turn-on loss when a typical diode is used in the test circuit and the diode is at the same TJ as the IGBT. The diode type is specified in
Figure 17.
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. DC COLLECTOR CURRENT vs CASE
TEMPERATURE
FIGURE 2. MINIMUM SWITCHING SAFE OPERATING AREA
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TC, CASE TEMPERATURE (
oC)
50
5
0
20
10
15
25
30
VGE = 15V
25
75
100
125
150
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
50
700
30
0
10
20
300
400
200
100
500
600
40
0
60
70
80
90
100
TJ = 150
oC, R
G = 25Ω, VGE = 15V, L = 100µH
HGTG12N60B3


Similar Part No. - HGTG12N60B3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG12N60B3D INTERSIL-HGTG12N60B3D Datasheet
117Kb / 7P
   27A, 600V, UFS Series N-Channel IGBTs with Anti-Parallel Hyperfast Diode
January 2000
More results

Similar Description - HGTG12N60B3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP12N60B3 INTERSIL-HGTP12N60B3 Datasheet
112Kb / 7P
   27A, 600V, UFS Series N-Channel IGBTs
January 2000
HGT1S20N60B3S INTERSIL-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
   6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGTP12N60C3 FAIRCHILD-HGTP12N60C3 Datasheet
131Kb / 7P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTG12N60B3D INTERSIL-HGTG12N60B3D Datasheet
117Kb / 7P
   27A, 600V, UFS Series N-Channel IGBTs with Anti-Parallel Hyperfast Diode
January 2000
HGTD7N60C3S INTERSIL-HGTD7N60C3S Datasheet
144Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Fairchild Semiconductor
HGTD7N60C3S FAIRCHILD-HGTD7N60C3S Datasheet
166Kb / 8P
   14A, 600V, UFS Series N-Channel IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com