Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARS15Y4H Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ARS15Y4H
Description  3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARS15Y4H Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ARS15Y4H Datasheet HTML 4Page - Panasonic Semiconductor ARS15Y4H Datasheet HTML 5Page - Panasonic Semiconductor ARS15Y4H Datasheet HTML 6Page - Panasonic Semiconductor ARS15Y4H Datasheet HTML 7Page - Panasonic Semiconductor ARS15Y4H Datasheet HTML 8Page - Panasonic Semiconductor ARS15Y4H Datasheet HTML 9Page - Panasonic Semiconductor ARS15Y4H Datasheet HTML 10Page - Panasonic Semiconductor ARS15Y4H Datasheet HTML 11Page - Panasonic Semiconductor ARS15Y4H Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RS (ARS)
ASCTB106E 201202-T
NOTES
1. Coil operating power
Pure DC current should be applied to the
coil. The wave form should be
rectangular. If it includes ripple, the ripple
factor should be less than 5%.
However, check it with the actual circuit
since the characteristics may be slightly
different. The nominal operating voltage
should be applied to the coil for more
than 30 ms to set/reset the latching type
relay.
2. Coil connection
When connecting coils, refer to the wiring
diagram to prevent mis-operation or
malfunction.
3. External magnetic field
Since RS relays are highly sensitive
polarized relays, their characteristics will
be affected by a strong external magnetic
field. Avoid using the relay under that
condition.
4. Cleaning
For automatic cleaning, the boiling
method is recommended. Avoid
ultrasonic cleaning which subjects the
relays to high frequency vibrations, which
may cause the contacts to stick.
It is recommended that alcoholic solvents
be used.
5. Conditions for operation, transport
and storage conditions
1) Temperature
• Single side stable standard and latching
type: –40 to 70
°C –40 to 158°F
• Single side stable silent type:
–40 to 60
°C –40 to 140°F
2) Humidity: 5 to 85% RH
(Avoid freezing and condensation.)
The humidity range varies with the
temperature. Use within the range
indicated in the graph below.
3) Atmospheric pressure: 86 to 106 kPa
Temperature and humidity range for
usage, transport, and storage:
Single side stable standard
and latching type
Single side stable silent type
4) Condensation
Condensation forms when there is a
sudden change in temperature under
high temperature and high humidity
conditions. Condensation will cause
deterioration of the relay insulation.
5) Freezing
Condensation or other moisture may
freeze on the relay when the temperature
is lower than 0
°C 32°F. This causes
problems such as sticking of movable
parts or operational time lags.
6) Low temperature, low humidity
environments
The plastic becomes brittle if the relay is
exposed to a low temperature, low
humidity environment for long periods of
time.
7) Storage requirements
Since the relay is sensitive to humidity,
the surface-mount type is packaged with
tightly sealed anti-humidity packaging.
However, when storing, please be careful
of the following.
(1) Please use promptly once the anti-
humidity pack is opened.
If relays are left as is after unpacking,
they will absorb moisture which will result
in loss of air tightness as a result of case
expansion due to thermal stress when
reflow soldering during the mounting
process. (within one day, 30
°C and
60%R.H or less)
(2) When storing for a log period after
opening the anti-humidity pack, storage
in anti-humidity packaging with an anti-
humidity bag to which silica gel has been
added, is recommended.
*Furthermore, if the relay is solder
mounted when it has been subjected to
excessive humidity, cracks and leaks can
occur. Be sure to mount the relay under
the required mounting conditions.
6. Soldering
1) Please meet the following conditions if
this relay is to be automatically soldered.
(1) Preheating: Max. 120
°C 248°F
(terminal solder surface) for max. 120
seconds
(2) Soldering: Max. 260
±5°C 500±9°F for
max. 6 seconds
*Relays are influenced by the type of PC
board used. Please confirm with the
actual PC board you plan to use.
*Please avoid reflow soldering.
2) Surface-mount terminal
In case of automatic soldering, the
following conditions should be observed
(1) Position of measuring temperature
(2) IR (infrared reflow) soldering method
• Mounting cautions
Rise in relay temperature depends
greatly on the component mix on a given
PC board and the heating method of the
reflow equipment. Therefore, please test
beforehand using actual equipment to
ensure that the temperature where the
relay terminals are soldered and the
temperature at the top of the relay case
are within the conditions given above.
3) Please meet the following conditions if
this relay is to be soldered by hand.
(1) 260
°C 500°F for max. 10 seconds
(2) 350
°C 662°F for max. 3 seconds
The effect on the relay depends on the
actual substrate used. Please verify the
substrate to be used.
(3) Avoid ultrasonic cleaning. Doing so
will adversely affect relay characteristics.
Please use alcohol-based cleaning
solvents when cleaning relays.
7. Tape and reel packing
1) Tape dimensions
2) Dimensions of plastic reel
Humidity, %R.H.
Temperature,
°C °F
Tolerance range
85
5
070
-40
32
158
-40
(Avoid
condensation
when used at
temperatures
higher than
0
°C 32°F)
(Avoid freezing
when used at
temperatures
lower than
0
°C 32°F)
Humidity, %R.H.
Temperature,
°C °F
Tolerance range
85
5
060
-40
32
140
-40
(Avoid
condensation
when used at
temperatures
higher than
0
°C 32°F)
(Avoid freezing
when used at
temperatures
lower than
0
°C 32°F)
A
A: Surface of PC board where relay is mounted.
T1
T2
T3
t1
t2
T1=150 to 180
°C
T2=230
°C and higher
T3=250
°C max.
t1=60s to 120s
t2=within 30s
8.6
.339
8.3
.327
Relay polarity bar
RS relay
.630
16.0 .079
2.0
0.4
.016
4.0
.157
Tape coming out direction
Z type
X type
(General tolerance:
±0.1 ±.004)
.472
12.0
24.0
±0.3
.945
±.012
.069
1.75
11.5
.453
15.00
.591
dia.
.059
+.004
0
dia.
1.5
+0.1
0
±0.2
24.4
+2.0
0
.961
+.079
0
2.0
±.008
.079
13
dia.
±0.2
.512
dia.
±.008
.827
dia.
±.031
21
dia.
±0.8
80 dia.
±1
3.150
dia.
±.039
380 dia.
±2
14.961
dia.
±.079
.079
±.020
2.0
±0.5


Similar Part No. - ARS15Y4H

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
ARS1505 MIC-ARS1505 Datasheet
39Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
ARS151 MIC-ARS151 Datasheet
39Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
ARS152 MIC-ARS152 Datasheet
39Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
ARS154 MIC-ARS154 Datasheet
39Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
ARS156 MIC-ARS156 Datasheet
39Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
More results

Similar Description - ARS15Y4H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARS14Y4H PANASONIC-ARS14Y4H Datasheet
331Kb / 11P
   Miniature size Lineup includes 50/75 type
logo
Agilent(Hewlett-Packard...
86205A HP-86205A Datasheet
156Kb / 2P
   50 廓 & 75 廓 RF Bridges
logo
Panasonic Semiconductor
ARE10A12 PANASONIC-ARE10A12 Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
logo
Rosenberger Hochfrequen...
51K171-S00N4 ROSENBERGER-51K171-S00N4 Datasheet
188Kb / 2P
   MATCHING ATTENUATOR 50廓 JACK ??75廓 PLUG
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
   75廓 SMB Type Connectors
logo
Qorvo, Inc
QPL1815 QORVO-QPL1815 Datasheet
1Mb / 10P
   75廓 CATV Amplifier 50 ??1800MHz
Oct 21 , 2020
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
SSMB75-SP-1.5CCA-EXBV-CF DDK-SSMB75-SP-1.5CCA-EXBV-CF Datasheet
735Kb / 6P
   75 廓 SSMB Type Connectors
SSMB75 DDK-SSMB75 Datasheet
734Kb / 6P
   75 廓 SSMB Type Connectors
logo
Qorvo, Inc
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
   75廓 CATV Amplifier 50 ??1800MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com