Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARS164H Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ARS164H
Description  3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARS164H Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ARS164H Datasheet HTML 4Page - Panasonic Semiconductor ARS164H Datasheet HTML 5Page - Panasonic Semiconductor ARS164H Datasheet HTML 6Page - Panasonic Semiconductor ARS164H Datasheet HTML 7Page - Panasonic Semiconductor ARS164H Datasheet HTML 8Page - Panasonic Semiconductor ARS164H Datasheet HTML 9Page - Panasonic Semiconductor ARS164H Datasheet HTML 10Page - Panasonic Semiconductor ARS164H Datasheet HTML 11Page - Panasonic Semiconductor ARS164H Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RS (ARS)
ASCTB106E 201202-T
10.16
0.6
10.16
8.6
14.6
3.2
3.2
.024
.126
.126
Lot No.
JAPAN
0.6
.024
The part numbers
depend on the
type and voltage.
.400
.400
.575
14.0 .551
12
10
11
15
45
8
13
6
17
7
16
+
-
NC
NO
COM
2
18
Direction indication
2
+
-
5
COM
7
6
8
4
18 17
13
15
11 10
16
12
RESET
SET
Direction indication
-
+
+
18
5
COM
17
13
2
7
6
8
4
15
11 10
16
12
RESET
SET
Direction indication
5
COM
NC
NO
2
7
6
8
4
18 17
13
15
11 10
16
12
-
+
Direction indication
5
COM
2
7
6
8
4
-
+
18 17
13
15
11 10
16
12
RESET
SET
Direction indication
5
COM
2
7
6
8
4
18 17
13
15
11 10
16
12
-
+
+
RESET
SET
Direction indication
.006
0.15
.006
0.15
.339
11.2
.441
9.2
.362
8.0
.315
0.5
0.5
1.27
.020
.020
.050
0.5
.020
3.2
.126
8-0.4
8-.016
.126
.024
3.2
0.6
<Standard contact type>
<Reversed contact type>
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2-coil latching type
(Reset condition)
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2-coil latching type
(Reset condition)
2) Y layout
External dimensions
Schematic (Top view)
Tolerance:
±0.3 ±.012
<Standard contact type>
<Reversed contact type>
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2-coil latching type
(Reset condition)
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2-coil latching type
(Reset condition)
12
10
11
15
4
8
14 13
6
17
7
16
+
-
NC
NO
COM
2
18
Direction indication
2
COM
+
-
7
6
8
4
18 17
13
14
15
11 10
16
12
RESET
SET
Direction indication
-
+
+
18 17
13
14
2
7
6
8
4
15
11 10
16
12
COM
RESET
SET
Direction indication
NC
NO
COM
2
7
6
8
4
18 17
13
14
15
11 10
16
12
-
+
Direction indication
2
7
6
8
4
-
+
18 17
13
14
15
11 10
16
12
COM
RESET
SET
Direction indication
2
7
6
8
4
18 17
13
14
15
11 10
16
12
-
+
+
COM
RESET
SET
Direction indication
The part numbers
depend on the
type and voltage.
10.16
.400
0.5
0.5
0.5
.020
0.6
3.2
.126
0.6
8-0.4
8-.016
10.16
.400
.126
8.6
.339
14.6
.575
3.2
.024
3.2
0.6
3.2
.024
.024
.126
.126
11.2
.441
14.0 .551
9.2
.362
1.27
.020
.020
.050
Lot No.
JAPAN
8.0
.315
.006
0.15
.006
0.15
2. Impedance: 75
Ω type
1) E layout
External dimensions
Schematic (Top view)
Tolerance:
±0.3 ±.012
10.16
0.6
10.16
8.6
14.6
3.2
3.2
.024
.126
.126
Lot No.
JAPAN
0.6
.024
The part numbers
depend on the
type and voltage.
.400
.400
.575
14.0 .551
12
10
11
15
45
8
13
6
17
7
16
+
-
NC
NO
COM
2
18
Direction indication
2
+
-
5
COM
7
6
8
4
18 17
13
15
11 10
16
12
RESET
SET
Direction indication
-
+
+
18
5
COM
17
13
2
7
6
8
4
15
11 10
16
12
RESET
SET
Direction indication
5
COM
NC
NO
2
7
6
8
4
18 17
13
15
11 10
16
12
-
+
Direction indication
5
COM
2
7
6
8
4
-
+
18 17
13
15
11 10
16
12
RESET
SET
Direction indication
5
COM
2
7
6
8
4
18 17
13
15
11 10
16
12
-
+
+
RESET
SET
Direction indication
.006
0.15
.006
0.15
.339
11.2
.441
9.2
.362
8.0
.315
0.5
0.5
1.27
.020
.020
.050
0.5
.020
3.2
.126
8-0.4
8-.016
.126
.024
3.2
0.6
<Standard contact type>
<Reversed contact type>
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2-coil latching type
(Reset condition)
Single side stable type
(Deenergized condition)
1 coil latching type
(Reset condition)
2-coil latching type
(Reset condition)
2) Y layout
External dimensions
Schematic (Top view)
Tolerance:
±0.3 ±.012


Similar Part No. - ARS164H

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
ARS169 TELEDYNE-ARS169 Datasheet
133Kb / 2P
   SMTO-8B CASCADABLE ARS169 AMPLIFIER
More results

Similar Description - ARS164H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARS14Y4H PANASONIC-ARS14Y4H Datasheet
331Kb / 11P
   Miniature size Lineup includes 50/75 type
logo
Agilent(Hewlett-Packard...
86205A HP-86205A Datasheet
156Kb / 2P
   50 廓 & 75 廓 RF Bridges
logo
Panasonic Semiconductor
ARE10A12 PANASONIC-ARE10A12 Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
logo
Rosenberger Hochfrequen...
51K171-S00N4 ROSENBERGER-51K171-S00N4 Datasheet
188Kb / 2P
   MATCHING ATTENUATOR 50廓 JACK ??75廓 PLUG
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
   75廓 SMB Type Connectors
logo
Qorvo, Inc
QPL1815 QORVO-QPL1815 Datasheet
1Mb / 10P
   75廓 CATV Amplifier 50 ??1800MHz
Oct 21 , 2020
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
SSMB75-SP-1.5CCA-EXBV-CF DDK-SSMB75-SP-1.5CCA-EXBV-CF Datasheet
735Kb / 6P
   75 廓 SSMB Type Connectors
SSMB75 DDK-SSMB75 Datasheet
734Kb / 6P
   75 廓 SSMB Type Connectors
logo
Qorvo, Inc
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
   75廓 CATV Amplifier 50 ??1800MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com