Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY268P Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # TNY268P
Description  Enhanced, Energy Effi cient, Low Power Off-line Switcher
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY268P Datasheet(HTML) 2 Page - Power Integrations, Inc.

  TNY268P Datasheet HTML 1Page - Power Integrations, Inc. TNY268P Datasheet HTML 2Page - Power Integrations, Inc. TNY268P Datasheet HTML 3Page - Power Integrations, Inc. TNY268P Datasheet HTML 4Page - Power Integrations, Inc. TNY268P Datasheet HTML 5Page - Power Integrations, Inc. TNY268P Datasheet HTML 6Page - Power Integrations, Inc. TNY268P Datasheet HTML 7Page - Power Integrations, Inc. TNY268P Datasheet HTML 8Page - Power Integrations, Inc. TNY268P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Rev. H 02/09
2
TNY263-268
www.powerint.com
Figure 2.
Functional Block Diagram.
Figure 3.
Pin Configuration.
Pin Functional Description
DRAIN (D) Pin:
Power MOSFET drain connection. Provides internal operating
current for both start-up and steady-state operation.
BYPASS (BP) Pin:
Connection point for a 0.1
μF external bypass capacitor for the
internally generated 5.8 V supply.
ENABLE/UNDERVOLTAGE (EN/UV) Pin:
This pin has dual functions: enable input and line undervoltage
sense. During normal operation, switching of the power
MOSFET is controlled by this pin. MOSFET switching is
terminated when a current greater than 240
μA is drawn from
this pin. This pin also senses line undervoltage conditions
through an external resistor connected to the DC line voltage.
If there is no external resistor connected to this pin,
TinySwitch-II detects its absence and disables the line
undervoltage function.
SOURCE (S) Pin:
Control circuit common, internally connected to output
MOSFET source.
SOURCE (HV RTN) Pin:
Output MOSFET source connection for high voltage return.
PI-2643-030701
CLOCK
OSCILLATOR
5.8 V
4.8 V
SOURCE
(S)
S
R
Q
DCMAX
BYPASS
(BP)
+
-
VI
LIMIT
FAULT
PRESENT
CURRENT LIMIT
COMPARATOR
ENABLE
LEADING
EDGE
BLANKING
THERMAL
SHUTDOWN
+
-
DRAIN
(D)
REGULATOR
5.8 V
BYPASS PIN
UNDER-VOLTAGE
1.0 V + VT
ENABLE/
UNDER-
VOLTAGE
(EN/UV)
Q
240 A50 A
LINE UNDER-VOLTAGE
RESET
AUTO-
RESTART
COUNTER
JITTER
1.0 V
6.3 V
CURRENT
LIMIT STATE
MACHINE
PI-2685-101600
EN/UV
D
S
S
S (HV RTN)
S (HV RTN)
BP
P Package (DIP-8B)
G Package (SMD-8B)
8
5
7
1
4
2
3


Similar Part No. - TNY268P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY268P POWERINT-TNY268P Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
   15W PC Standby power supply
TNY268P POWERINT-TNY268P Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY268P POWERINT-TNY268P Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
More results

Similar Description - TNY268P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY266PG POWERINT-TNY266PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com