Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNY268G Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # TNY268G
Description  Enhanced, Energy Effi cient, Low Power Off-line Switcher
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY268G Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button TNY268G Datasheet HTML 7Page - Power Integrations, Inc. TNY268G Datasheet HTML 8Page - Power Integrations, Inc. TNY268G Datasheet HTML 9Page - Power Integrations, Inc. TNY268G Datasheet HTML 10Page - Power Integrations, Inc. TNY268G Datasheet HTML 11Page - Power Integrations, Inc. TNY268G Datasheet HTML 12Page - Power Integrations, Inc. TNY268G Datasheet HTML 13Page - Power Integrations, Inc. TNY268G Datasheet HTML 14Page - Power Integrations, Inc. TNY268G Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Rev. H 02/09
11
TNY263-268
www.powerint.com
core size and design (continuous or discontinuous), efficiency,
minimum specified input voltage, input storage capacitance,
output voltage, output diode forward drop, etc., and can be
different from the values shown in Table 1.
Audible Noise
The TinySwitch-II practically eliminates any transformer audio
noise using simple ordinary varnished transformer construction.
No gluing of the cores is needed. The audio noise reduction is
accomplished by the TinySwitch-II controller reducing the
current limit in discrete steps as the load is reduced. This
minimizes the flux density in the transformer when switching at
audio frequencies.
Worst Case EMI & Efficiency Measurement
Since identical TinySwitch-II supplies may operate at several
different frequencies under the same load and line conditions,
care must be taken to ensure that measurements are made
under worst case conditions. When measuring efficiency or
EMI verify that the TinySwitch-II is operating at maximum
frequency and that measurements are made at both low and
high line input voltages to ensure the worst case result is
obtained.
Layout
Single Point Grounding
Use a single point ground connection at the SOURCE pin for
the BYPASS pin capacitor and the Input Filter Capacitor
(see Figure 17).
Primary Loop Area
The area of the primary loop that connects the input filter
capacitor, transformer primary and TinySwitch-II together
should be kept as small as possible.
Primary Clamp Circuit
A clamp is used to limit peak voltage on the DRAIN pin at turn-
off. This can be achieved by using an RCD clamp (as shown
in Figure 14). A Zener and diode clamp (200 V) across the
primary or a single 550 V Zener clamp from DRAIN to
SOURCE can also be used. In all cases care should be taken
to minimize the circuit path from the clamp components to the
transformer and TinySwitch-II.
Thermal Considerations
Copper underneath the TinySwitch-II acts not only as a single
point ground, but also as a heatsink. The hatched areas
shown in Figure 17 should be maximized for good heat sinking
of TinySwitch-II and the same applies to the output diode.
EN/UV pin
If a line undervoltage detect resistor is used then the resistor
should be mounted as close as possible to the EN/UV pin to
minimize noise pick up.
The voltage rating of a resistor should be considered for the
undervoltage detect (Figure 15: R2, R3) resistors. For 1/4 W
resistors, the voltage rating is typically 200 V continuous,
whereas for 1/2 W resistors the rating is typically 400 V
continuous.
Y-Capacitor
The placement of the Y-capacitor should be directly from the
primary bulk capacitor positive rail to the common/return
terminal on the secondary side. Such placement will maximize
the EMI benefit of the Y-capacitor and avoid problems in
common-mode surge testing.
Optocoupler
It is important to maintain the minimum circuit path from the
optocoupler transistor to the TinySwitch-II EN/UV and
SOURCE pins to minimize noise coupling.
The EN/UV pin connection to the optocoupler should be kept
to an absolute minimum (less than 12.7 mm or 0.5 in.), and
this connection should be kept away from the DRAIN pin
(minimum of 5.1 mm or 0.2 in.).
Output Diode
For best performance, the area of the loop connecting the
secondary winding, the output diode and the output filter
capacitor, should be minimized. See Figure 17 for optimized
layout. In addition, sufficient copper area should be provided
at the anode and cathode terminals of the diode for adequate
heatsinking.
Input and Output Filter Capacitors
There are constrictions in the traces connected to the input
and output filter capacitors. These constrictions are present
for two reasons. The first is to force all the high frequency
currents to flow through the capacitor (if the trace were wide
then it could flow around the capacitor). Secondly, the
Constrictions minimize the heat transferred from the TinySwitch-II
to the input filter capacitor and from the secondary diode to
the output filter capacitor. The common/return (the negative
output terminal in Figure 17) terminal of the output filter
capacitor should be connected with a short, low impedance
path to the secondary winding. In addition, the common/
return output connection should be taken directly from the
secondary winding pin and not from the Y-capacitor
connection point.
PC Board Cleaning
Power Integrations does not recommend the use of “no clean”
flux.
For the most up-to-date information visit the PI website
at: www.powerint.com.


Similar Part No. - TNY268G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY268G POWERINT-TNY268G Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY268G POWERINT-TNY268G Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY268G POWERINT-TNY268G Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY268G POWERINT-TNY268G Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY268GN POWERINT-TNY268GN Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results

Similar Description - TNY268G

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY266PG POWERINT-TNY266PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com