Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARS114H Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ARS114H
Description  3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARS114H Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ARS114H Datasheet HTML 4Page - Panasonic Semiconductor ARS114H Datasheet HTML 5Page - Panasonic Semiconductor ARS114H Datasheet HTML 6Page - Panasonic Semiconductor ARS114H Datasheet HTML 7Page - Panasonic Semiconductor ARS114H Datasheet HTML 8Page - Panasonic Semiconductor ARS114H Datasheet HTML 9Page - Panasonic Semiconductor ARS114H Datasheet HTML 10Page - Panasonic Semiconductor ARS114H Datasheet HTML 11Page - Panasonic Semiconductor ARS114H Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RS (ARS)
ASCTB106E 201202-T
Insertion loss compensation
The insertion loss of relay itself is given
by subtracting the insertion loss of
shortcircuit the COM and the NC (or NO).
(signal path and two connectors)
9. Others
1) The switching lifetime is defined under
the standard test condition specified in
the JIS* C 5442 standard (temperature
15 to 35
°C 59 to 95°F, humidity 25 to
75%). Check this with the real device as it
is affected by coil driving circuit, load
type, activation frequency, activation
phase, ambient conditions and other
factors.
Also, be especially careful of loads such
as those listed below.
• When used for AC load-operating and
the operating phase is synchronous,
rocking and fusing can easily occur due
to contact shifting.
• When high-frequency opening and
closing of the relay is performed with a
load that causes arcs at the contacts,
nitrogen and oxygen in the air is fused by
the arc energy and HNO3 is formed. This
can corrode metal materials.
Three countermeasures for these are
listed here.
(1) Incorporate an arc-extinguishing
circuit.
(2) Lower the operating frequency
(3) Lower the ambient humidity
2) Use the relay within specifications
such as coil rating, contact rating and on/
off service life. If used beyond limits, the
relay may overheat, generate smoke or
catch fire.
3) Be careful not to drop the relay. If
accidentally dropped, carefully check its
appearance and characteristics before
use.
4) Be careful to wire the relay correctly.
Otherwise, malfunction, overheat, fire or
other trouble may occur.
5) If a relay stays on in a circuit for many
months or years at a time without being
activated, circuit design should be
reviewed so that the relay can remain
non-excited. A coil that receives current
all the time heats, which degrades
insulation earlier than expected. A
latching type relay is recommended for
such circuits.
6) To ensure accurate operation of the
latching type amidst surrounding
temperature changes and other factors
that might affect the set and reset pulse
times, we recommend a coil impress set
and reset pulse width of at least 30 ms at
the rated operation voltage.
7) The latching type relay is shipped in
the reset position. But jolts during
transport or impacts during installation
can change the reset position. It is,
therefore, advisable to build a circuit in
which the relay can be initialized (set and
reset) just after turning on the power.
8) If silicone materials (e.g., silicone
rubbers, silicone oils, silicone coating
agents, silicone sealers) are used in the
vicinity of the relay, the gas emitted from
the silicone may adhere to the contacts of
the relay during opening and closing and
lead to improper contact. If this is the
case, use a material other than silicone.
For general cautions for use, please
refer to the “General Application
Guidelines”.


Similar Part No. - ARS114H

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ARS11-B2-IC08-1 PF-ARS11-B2-IC08-1 Datasheet
3Mb / 7P
   Ethernet-APL Rail Field Switch
ARS11-B2-IC08-2 PF-ARS11-B2-IC08-2 Datasheet
3Mb / 7P
   Ethernet-APL Rail Field Switch
ARS11-B2-IC16-1 PF-ARS11-B2-IC16-1 Datasheet
3Mb / 7P
   Ethernet-APL Rail Field Switch
ARS11-B2-IC16-2 PF-ARS11-B2-IC16-2 Datasheet
3Mb / 7P
   Ethernet-APL Rail Field Switch
ARS11-B2-IC24-1 PF-ARS11-B2-IC24-1 Datasheet
3Mb / 7P
   Ethernet-APL Rail Field Switch
More results

Similar Description - ARS114H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ARS14Y4H PANASONIC-ARS14Y4H Datasheet
331Kb / 11P
   Miniature size Lineup includes 50/75 type
logo
Agilent(Hewlett-Packard...
86205A HP-86205A Datasheet
156Kb / 2P
   50 廓 & 75 廓 RF Bridges
logo
Panasonic Semiconductor
ARE10A12 PANASONIC-ARE10A12 Datasheet
120Kb / 5P
   2.6 GHz SMALL MICROWAVE RELAYS
logo
Rosenberger Hochfrequen...
51K171-S00N4 ROSENBERGER-51K171-S00N4 Datasheet
188Kb / 2P
   MATCHING ATTENUATOR 50廓 JACK ??75廓 PLUG
logo
DDK Ltd.
27CP DDK-27CP Datasheet
198Kb / 5P
   75廓 SMB Type Connectors
logo
Qorvo, Inc
QPL1815 QORVO-QPL1815 Datasheet
1Mb / 10P
   75廓 CATV Amplifier 50 ??1800MHz
Oct 21 , 2020
logo
DDK Ltd.
BNC75 DDK-BNC75 Datasheet
177Kb / 4P
   75廓 BNC Type Connectors
SSMB75-SP-1.5CCA-EXBV-CF DDK-SSMB75-SP-1.5CCA-EXBV-CF Datasheet
735Kb / 6P
   75 廓 SSMB Type Connectors
SSMB75 DDK-SSMB75 Datasheet
734Kb / 6P
   75 廓 SSMB Type Connectors
logo
Qorvo, Inc
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
   75廓 CATV Amplifier 50 ??1800MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com