Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH32PN2R2NN0 Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # LQH32PN2R2NN0
Description  DESIGN ENGINEERING KITS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH32PN2R2NN0 Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button LQH32PN2R2NN0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQH32PN2R2NN0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LQH32PN2R2NN0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LQH32PN2R2NN0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LQH32PN2R2NN0 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LQH32PN2R2NN0 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LQH32PN2R2NN0 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LQH32PN2R2NN0 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. LQH32PN2R2NN0 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
Note: Design Kit Contents are subject to change without notice.
G-06-G
DESIGN ENGINEERING KITS
GENERAL CERAMIC CHIP CAPACITORS
0402 – 1210 (6.3 to 50 VDC)
No.
Description
Murata Global P/N
Qty
1
0402/X5R/1uF/10V
GRM155R61A105KE15
20
2
0402/X5R/1uF/6.3V
GRM155R60J105KE19
20
3
0402/X5R/2.2uF/4V
GRM155R60G225ME15
20
4
0603/X5R/1uF/25V
GRM188R61E105KA12
20
5
0603/X5R/1uF/16V
GRM185R61C105KE44
20
6
0603/X5R/2.2uF/16V
GRM188R61C225KE15
20
7
0603/X5R/2.2uF/10V
GRM188R61A225KE34
20
8
0603/X5R/4.7uF/6.3V
GRM188R60J475KE19
20
9
0603/X5R/10uF/6.3V
GRM188R60J106ME47
20
10
0805/X7R/1uF/50V
GRM21BR71H105KA12
20
11
0805/X7R/1uF/25V
GRM21BR71E105KA99
20
12
0805/X5R/1uF/25V
GRM216R61E105KA12
20
13
0805/X7R/1uF/16V
GRM21BR71C105KA01
20
14
0805/X5R/2.2uF/25V
GRM219R61E225KA12
20
15
0805/X7R/2.2uF/10V
GRM21BR71A225KA01
20
16
0805/X5R/4.7uF/25V
GRM21BR61E475KA12
20
17
0805/X5R/4.7uF/16V
GRM21BR61C475KA88
20
18
0805/X5R/4.7uF/10V
GRM219R61A475KE34
20
19
0805/X5R/10uF/16V
GRM21BR61C106KE15
20
20
0805/X5R/10uF/10V
GRM21BR61A106KE19
20
21
0805/X5R/22uF/6.3V
GRM21BR60J226ME39
20
22
0805/X5R/22uF/4V
GRM219R60G226ME66
20
23
1206/X7R/2.2uF/25V
GRM31MR71E225KA93
20
24
1206/X5R/4.7uF/50V
GRM31CR71H475KA12
20
25
1206/X7R/10uF/25V
GRM31CR71E106KA12
20
26
1206/X5R/10uF/25V
GRM31CR61E106KA12
20
27
1206/X5R/10uF/10V
GRM319R61A106KE19
20
28
1206/X5R/22uF/16V
GRM31CR61C226ME15
20
29
1206/X5R/47uF/6.3V
GRM31CR60J476ME19
20
30
1206/X5R/100uF/6.3V
GRM31CR60J107ME39
20
31
1210/X7R/10uF/35V
GRM32ER7YA106KA12
20
32
1210/X5R/22uF/25V
GRM32ER61E226ME15
20
33
1210/X7R/22uF/10V
GRM32ER71A226ME20
20
34
1210/X5R/47uF/16V
GRM32ER61C476ME15
20
35
1210/X5R/100uF/6.3V
GRM32ER60J107ME20
20
I
TA chip capacitor replacement product lineup is available in X7R (X7S, X7T, X7U), X6S(X6T) and X5R temperature characteristics with a
capacitance of 1uF and larger.
I
The line of high volumetric capacitance ceramic chip capacitors is available in 6.3V, 10V, 16V, 25V and 50V.
I
No Polarity
I
GRM series is offered with a Ni barrier termination plated with Matte Tin, and is RoHS compliant.
I
Stringent dimensional tolerances allow highly reliable, high speed automatic chip placement on PCBs.
GRM– – – KIT- HICAP– – E
NOTE: For Ceramic Chip Capacitors, dashes are part of
the part number and must be included when placing
an order.


Similar Part No. - LQH32PN2R2NN0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH32PN2R2NN0 MURATA-LQH32PN2R2NN0 Datasheet
85Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PN2R2NN0K MURATA-LQH32PN2R2NN0K Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH32PN2R2NN0L MURATA-LQH32PN2R2NN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results

Similar Description - LQH32PN2R2NN0

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
CST306K TRIAD-CST306K Datasheet
76Kb / 1P
   Engineering Development/Design Sample Kits
logo
Johanson Technology Inc...
S-0603 JOHANSON-S-0603 Datasheet
61Kb / 2P
   CERAMIC CAPACITOR ENGINEERING DESIGN KITS
logo
TRIAD MAGNETICS
CME375K TRIAD-CME375K Datasheet
82Kb / 1P
   Engineering Development/Design Sample Kits
CST206K TRIAD-CST206K Datasheet
77Kb / 1P
   Engineering Development/Design Sample Kits
CMT908K TRIAD-CMT908K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
CME2425K TRIAD-CME2425K Datasheet
81Kb / 1P
   Engineering Development/Design Sample Kits
GDE25K TRIAD-GDE25K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
logo
Kemet Corporation
T495C107M006ATE150 KEMET-T495C107M006ATE150 Datasheet
132Kb / 2P
   Tantalum Chip Engineering Kits
logo
EAO AG.
2002940001 EAO-2002940001 Datasheet
1Mb / 9P
   S09 outdoor Design-In Kits
Rev. 01
logo
Bourns Electronic Solut...
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com