Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECWF2395 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECWF2395
Description  Metallized Polypropylene Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF2395 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECWF2395 Datasheet HTML 1Page - Panasonic Semiconductor ECWF2395 Datasheet HTML 2Page - Panasonic Semiconductor ECWF2395 Datasheet HTML 3Page - Panasonic Semiconductor ECWF2395 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Plastic Film Capacitors
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
■Rating, Dimension & Quantity / Ammo Box
●Type ECWF(A) Rated voltage:450VDC
Dimensions (mm)
Quantity
max
Part No.
Capac
itance
(μF)
max
max
Straight
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
F
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
max
Φd
Ammo
7.5mm
ECWF2W104□A( )
0.10
13.0
5.1
14.3
14.3
7.5
10.0
1.5
0.6
ECWF2W124□A( )
0.12
13.0
5.4
14.5
14.5
7.5
10.0
1.5
0.6
1200
ECWF2W154□A( )
0.15
13.0
5.7
14.9
14.9
7.5
10.0
1.5
0.6
1100
ECWF2W184□A( )
0.18
13.0
6.1
15.2
15.2
7.5
10.0
1.5
0.6
ECWF2W224□A( )
0.22
13.0
6.5
15.6
15.6
7.5
10.0
1.5
0.6
1000
ECWF2W274□A( )
0.27
13.0
7.0
16.1
16.1
7.5
10.0
1.5
0.6
900
ECWF2W334□A( )
0.33
13.0
7.6
16.7
16.7
7.5
10.0
1.5
0.6
ECWF2W394□A( )
0.39
13.0
8.1
17.2
17.2
7.5
10.0
1.5
0.6
800
ECWF2W474□A( )
0.47
13.0
8.7
17.9
17.9
7.5
10.0
1.5
0.6
700
ECWF2W564□A( )
0.56
18.1
7.0
11.5
16.5
18.5
15.0
7.5
15.0
1.5
0.8
ECWF2W684□A( )
0.68
18.1
7.5
12.1
17.1
19.1
15.0
7.5
15.0
1.5
0.8
ECWF2W824□A( )
0.82
18.1
8.2
12.7
17.7
19.7
15.0
7.5
15.0
1.5
0.8
400
ECWF2W105□A( )
1.00
18.1
9.3
12.6
17.6
19.6
15.0
7.5
15.0
1.5
0.8
ECWF2W125□A( )
1.20
18.8
9.7
14.7
19.7
21.7
15.0
7.5
15.0
1.5
0.8
ECWF2W155□A( )
1.50
18.8
10.7
15.8
20.8
22.8
15.0
7.5
15.0
1.5
0.8
300
ECWF2W185□A( )
1.80
18.8
11.6
16.7
21.7
23.7
15.0
7.5
15.0
1.5
0.8
ECWF2W225□A( )
2.20
18.8
12.8
17.9
22.9
24.9
15.0
7.5
15.0
1.5
0.8
200
ECWF2W275□A( )
2.70
26.3
10.6
16.5
21.5
23.5
22.5
15.0
22.5
1.5
0.8
ECWF2W335□A( )
3.30
26.3
11.7
17.5
22.5
24.5
22.5
15.0
22.5
1.5
0.8
ECWF2W395□A( )
3.90
26.3
12.6
18.4
23.4
25.4
22.5
15.0
22.5
1.5
0.8
ECWF2W475□A( )
4.70
26.3
13.8
19.6
24.6
26.6
22.5
15.0
22.5
1.5
0.8
Capacitance tolerance code
Suffix for lead crimped


Similar Part No. - ECWF2395

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF2395 PANASONIC-ECWF2395 Datasheet
100Kb / 3P
   Metallized Polypropylene Film Capacitors
ECWF2395 PANASONIC-ECWF2395 Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2395A PANASONIC-ECWF2395A Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2395JA PANASONIC-ECWF2395JA Datasheet
408Kb / 10P
   Metallized Polypropylene Film Capacitors
ECWF2395MB PANASONIC-ECWF2395MB Datasheet
92Kb / 4P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF2395

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com