Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTG20N60A4 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HGTG20N60A4
Description  600V, SMPS Series N-Channel IGBTs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTG20N60A4 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HGTG20N60A4 Datasheet HTML 1Page - Fairchild Semiconductor HGTG20N60A4 Datasheet HTML 2Page - Fairchild Semiconductor HGTG20N60A4 Datasheet HTML 3Page - Fairchild Semiconductor HGTG20N60A4 Datasheet HTML 4Page - Fairchild Semiconductor HGTG20N60A4 Datasheet HTML 5Page - Fairchild Semiconductor HGTG20N60A4 Datasheet HTML 6Page - Fairchild Semiconductor HGTG20N60A4 Datasheet HTML 7Page - Fairchild Semiconductor HGTG20N60A4 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
HGTG20N60A4, HGTP20N60A4 Rev. B
FIGURE 11. TURN-OFF DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 12. FALL TIME vs COLLECTOR TO EMITTER
CURRENT
FIGURE 13. TRANSFER CHARACTERISTIC
FIGURE 14. GATE CHARGE WAVEFORMS
FIGURE 15. TOTAL SWITCHING LOSS vs CASE
TEMPERATURE
FIGURE 16. TOTAL SWITCHING LOSS vs GATE RESISTANCE
Typical Performance Curves Unless Otherwise Specified (Continued)
80
60
70
ICE, COLLECTOR TO EMITTER CURRENT (A)
120
100
110
90
VGE = 12V, VGE = 15V, TJ = 25
oC
VGE = 12V, VGE = 15V, TJ = 125
oC
RG = 3Ω, L = 500µH, VCE = 390V
15
10
20
25
30
35
40
5
ICE, COLLECTOR TO EMITTER CURRENT (A)
16
32
24
48
64
40
56
RG = 3Ω, L = 500µH, VCE = 390V
72
80
15
10
20
25
30
35
40
5
TJ = 125
oC, V
GE = 12V OR 15V
TJ = 25
oC, V
GE = 12V OR 15V
0
80
120
78
9
10
12
VGE, GATE TO EMITTER VOLTAGE (V)
11
160
200
240
6
PULSE DURATION = 250
µs
DUTY CYCLE < 0.5%, VCE = 10V
TJ = 125
oC
TJ = -55
oC
TJ = 25
oC
40
QG, GATE CHARGE (nC)
2
14
0
4
10
IG(REF) = 1mA, RL = 15Ω, TJ = 25
oC
VCE = 200V
VCE = 400V
6
8
12
16
VCE = 600V
20
40
60
80
120
100
140
160
0
ICE = 10A
0
0.2
0.4
50
75
100
TC, CASE TEMPERATURE (
oC)
0.6
1.0
125
25
150
1.8
0.8
ETOTAL = EON2 + EOFF
RG = 3Ω, L = 500µH, VCE = 390V, VGE = 15V
1.4
1.2
1.6
ICE = 30A
ICE = 20A
0.1
10
100
RG, GATE RESISTANCE (Ω)
1
3
1000
10
TJ = 125
oC, L = 500µH, VCE = 390V, VGE = 15V
ETOTAL = EON2 + EOFF
ICE = 10A
ICE = 20A
ICE = 30A
HGTG20N60A4, HGTP20N60A4


Similar Part No. - HGTG20N60A4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HGTG20N60A4 FAIRCHILD-HGTG20N60A4 Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG20N60A4 INTERSIL-HGTG20N60A4 Datasheet
354Kb / 9P
   600V, SMPS Series N-Channel IGBTs
October 1999
HGTG20N60A4 INTERSIL-HGTG20N60A4 Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
logo
Intersil Corporation
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
More results

Similar Description - HGTG20N60A4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG20N60A4 INTERSIL-HGTG20N60A4 Datasheet
354Kb / 9P
   600V, SMPS Series N-Channel IGBTs
October 1999
logo
Fairchild Semiconductor
HGT1S20N60A4S9A FAIRCHILD-HGT1S20N60A4S9A Datasheet
908Kb / 8P
   600V, SMPS Series N-Channel IGBTs
HGTP12N60A4 FAIRCHILD-HGTP12N60A4 Datasheet
229Kb / 8P
   600V, SMPS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
   6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGTG12N60B3 FAIRCHILD-HGTG12N60B3 Datasheet
247Kb / 8P
   27A, 600V, UFS Series N-Channel IGBTs
HGTP12N60C3 FAIRCHILD-HGTP12N60C3 Datasheet
131Kb / 7P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGT1S20N60B3S INTERSIL-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com