Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GCM31A7U2J122JX01D Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # GCM31A7U2J122JX01D
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCM31A7U2J122JX01D Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button GCM31A7U2J122JX01D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GCM31A7U2J122JX01D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GCM31A7U2J122JX01D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GCM31A7U2J122JX01D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GCM31A7U2J122JX01D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCM31A7U2J122JX01D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCM31A7U2J122JX01D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GCM31A7U2J122JX01D Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GCM31A7U2J122JX01D Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
Temperature
Characteristic Codes
Public
STD Code
Reference
Temperature
Temperature Characteristics
Capacitance Change Each Temperature (%)
Capacitance Change
or Temperature
Coefficient
Operating
Temperature
Range
–55°C
Max.
–25°C
–10°C
Temperature
Range
C0G
U2J
X7R
X7S
X7T
X8L
: Murata Temperature Characteristic
X8G
: Murata Temperature Characteristic
EIA
EIA
EIA
EIA
EIA
25°C
25°C
25°C
25°C
25°C
25°C
25°C
25 to 150°C
25 to 125°C
25 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 150°C
0±30ppm/°C
0±30ppm/°C
–750±120ppm/°C
±15%
±22%
+22%, –33%
+15%, –40%
–55 to 150°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 125°C
–55 to 150°C
0.58
0.58
8.78
-
-
-
-
Min.
–0.24
–0.24
5.04
-
-
-
-
Max.
0.4
0.4
6.04
-
-
-
-
Min.
–0.17
–0.17
3.47
-
-
-
-
Max.
0.25
0.25
3.84
-
-
-
-
Min.
–0.11
–0.11
2.21
-
-
-
-
C0G U2J
EIA:
X7R X7S
X8L
X8G
Murata Temperature Characteristic:
X7T
0.6×
0.3
L×W (mm)
0.33
T max. (mm)
Rated Voltage (Vdc)
25
C0G
1.0×
0.5
0.55
50
C0G
10
C0
1.6×0.8
0.9
100
C0G
50
C0G
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
p17
Cap. / TC Code
1.0pF
2.0pF
3.0pF
4.0pF
5.0pF
How to read the Capacitance Table
Temperature Characteristics Table
The Table is colored by temperature characteristic codes.
Refer to the following Table for the meaning of each code.
The values can be narrowed down in the order of size,
rated voltage, and temperature characteristics.
Refers to the page of the part number list.
Check the part number list for the applicable product number.
Capacitance Table
C03E.pdf
May.17,2013
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.


Similar Part No. - GCM31A7U2J122JX01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM31A7U2J122JX01 MURATA1-GCM31A7U2J122JX01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results

Similar Description - GCM31A7U2J122JX01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com