Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERA2AEB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERA2AEB
Description  Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERA2AEB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERA2AEB Datasheet HTML 1Page - Panasonic Semiconductor ERA2AEB Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Metal Film (Thin Film) Chip Resistors, High Reliability Type
–40 –20
0
20
40
60
80 100 120 140 160
0
180
–60
85 °C
–55 °C
20
40
60
80
100
Ambient Temperature (°C)
155 °C
a
b
t
W
L
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=√Rated Power
× Resistance Values, or Limiting Element Voltage
listed above, whichever less.
(2) Overload (Short-time Overload) Test Voltage (SOTV) shall be determined from SOTV=2.5
× Power Rating or max. Overload Voltage listed above
whichever less.
(3) E192 series resistance values are also available. Please contact us for details.
Ratings
Power Derating Curve
For resistors operated in ambient temperatures above
85 °C, power rating shall be derated in accordance
with the figure on the right.
Type
(inch size)
Power
Rating
at 85 °C
(W)
Limiting
Element
Voltage
(1)
(V)
Maximum
Overload
Voltage
(2)
(V)
Type
(detail)
Resistance
Tolerance
(%)
T.C.R.
(
×10–6/°C)
Resistance
Range
(3)
(
Ω)
Category
Temperature
Range
(°C)
ERA2A
(0402)
0.063
25
50
ERA2AKD
±0.5
±100
10 to 46.4 (E24, E96)
–55 to +155
ERA2AED
±0.5
±25
47 to 100 k (E24, E96)
ERA2AEB
±0.1
ERA2APB
±0.1
±15
200 to 47 k (E24, E96)
ERA2ARC
±0.25
±10
200 to 47 k (E24, E96)
ERA2ARB
±0.1
ERA3A
(0603)
0.1
75
150
ERA3AHD
±0.5
±50
10 to 46.4 (E24, E96)
ERA3AED
±0.5
±25
47 to 330 k (E24, E96)
ERA3AEB
±0.1
ERA3APB
±0.1
±15
470 to 100 k (E24, E96)
ERA3ARB
±0.1
±10
1 k to 100 k (E24, E96)
ERA3ARW
±0.05
ERA6A
(0805)
0.125
100
200
ERA6AHD
±0.5
±50
10 to 46.4 (E24, E96)
ERA6AED
±0.5
±25
47 to
1 M (E24, E96)
ERA6AEB
±0.1
ERA6APB
±0.1
±15
470 to 100 k (E24, E96)
ERA6ARB
±0.1
±10
1 k to 100 k (E24, E96)
ERA6ARW
±0.05
ERA8A
(1206)
0.25
150
300
ERA8AHD
±0.5
±50
10 to 46.4 (E24, E96)
ERA8AED
±0.5
±25
47 to
1 M (E24, E96)
ERA8AEB
±0.1
ERA8APB
±0.1
±15
470 to 100 k (E24, E96)
ERA8ARB
±0.1
±10
1 k to 100 k (E24, E96)
ERA8ARW
±0.05
Dimensions in mm (not to scale)
Construction
Protective coating
Alumina substrate
Electrode (Inner)
Electrode
(Between)
High reliability
metal film
Electrode (Outer)
Type
(inch size)
Dimensions (mm)
Mass (Weight)
[g/1000 pcs.]
LWa
b
t
ERA2A
(0402)
1.00
±0.10
0.50
+0.10
0.15
±0.10
0.25
±0.10
0.35
±0.05
0.6
ERA3A
(0603)
1.60
±0.20
0.80
±0.20
0.30
±0.20
0.30
±0.20
0.45
±0.10
2
ERA6A
(0805)
2.00
±0.20
1.25
±0.10
0.40
±0.25
0.40
±0.25
0.50
±0.10
4
ERA8A
(1206)
3.20
±0.20
1.60
+0.05
0.50
±0.25
0.50
±0.25
0.60
±0.10
8
–0.05
–0.15
Aug. 2012
03
9


Similar Part No. - ERA2AEB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA2AEB PANASONIC-ERA2AEB Datasheet
64Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA2AEB PANASONIC-ERA2AEB Datasheet
67Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA2AEB PANASONIC-ERA2AEB Datasheet
77Kb / 2P
   Metal Film Thin Film Chip Resistors High Reliability Type
ERA2AEB PANASONIC-ERA2AEB Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA2AEB PANASONIC-ERA2AEB Datasheet
64Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
More results

Similar Description - ERA2AEB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA-2AEB5232X PANASONIC-ERA-2AEB5232X Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB103V PANASONIC-ERA-3AEB103V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB202V PANASONIC-ERA-3AEB202V Datasheet
67Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB123V PANASONIC-ERA-3AEB123V Datasheet
67Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-2AED103X PANASONIC-ERA-2AED103X Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-6AED153V PANASONIC-ERA-6AED153V Datasheet
86Kb / 3P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB5112V PANASONIC-ERA-3AEB5112V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB391V PANASONIC-ERA-3AEB391V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AED332V PANASONIC-ERA-3AED332V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB203V PANASONIC-ERA-3AEB203V Datasheet
67Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com