Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERA3APB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERA3APB
Description  Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERA3APB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERA3APB Datasheet HTML 1Page - Panasonic Semiconductor ERA3APB Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Metal Film (Thin Film) Chip Resistors, High Reliability Type
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
1
2
3
4
5
6
7
8
9
10
11
Metal Film
Chip Resistors
Product Code
Size, Power Rating
Type: inch
Power Rating
0.063 W
0.1 W
0.125 W
0.25 W
Temperature Coefficient
Code
R
P
E
H
K
±10 10
–6/°C
±15 10
–6/°C
±25 10
–6/°C
±50 10
–6/°C
±100 10
–6/°C
Resistance Tolerance
Code
W
B
C
D
Tolerance
±0.05 %
±0.1 %
±0.25 %
±0.5 %
Resistance Value
Consist of three figures for E24 series resistance value.
The first two digits are significant figures of resistance
and the third one denotes number of zeros following.
(example) 102 : 1 k
Packaging Methods
Code
X
V
Packaging
Type
T.C.R.
2A : 0402
3A : 0603
6A : 0805
8A : 1206
Punched Carrier Taping
2 mm pitch, 10,000 pcs.
Punched CarrierTaping
4 mm pitch, 5,000 pcs.
ERA2A
ERA3A
ERA6A
ERA8A
1
2
3
4
5
6
7
8
9
11
12
Metal Film
Chip Resistors
Product Code
Size, Power Rating
Type: inch
Power Rating
0.063 W
0.1 W
0.125 W
0.25 W
Temperature Coefficient
Code
R
P
E
H
K
±10 10
–6/°C
±15 10
–6/°C
±25 10
–6/°C
±50 10
–6/°C
±100 10
–6/°C
Resistance Tolerance
Code
W
B
C
D
Tolerance
±0.05 %
±0.1 %
±0.25 %
±0.5 %
Resistance Value
Consist of four figures for E96 series resistance value.
The first three digits are significant figures of resistance
and the fourth one denotes number of zeros following.
(example) 1051 : 1.05 k
Packaging Methods
Code
X
V
Packaging
Type
T.C.R.
2A : 0402
3A : 0603
6A : 0805
8A : 1206
Punched Carrier Taping
2 mm pitch, 10,000 pcs.
Punched CarrierTaping
4 mm pitch, 5,000 pcs.
ERA2A
ERA3A
ERA6A
ERA8A
10
Metal Film (Thin Film) Chip Resistors,
High Reliability Type
0402, 0603, 0805, 1206
Type:
ERA 2A, 3A, 6A, 8A
Features
● High reliability ...............Stable at high temperature and humidity
(85 °C 85 %RH rated load, Category temperature range : –55 to +155 °C)
● High accuracy...............Small resistance tolerance and Temperature Coefficient of Resistance
● High performance.........Low current noise, excellent linearity
● Reference Standard......IEC 60115-8, JIS C 5201-8, EIAJ RC-2133B
● RoHS compliant
Explanation of Part Numbers
● E24 Series
● E96 Series
■ Packaging Methods, Land Pattern, Soldering Conditions and Safety Precautions
Please see Data Files
Aug. 2012
03
8


Similar Part No. - ERA3APB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA3APB PANASONIC-ERA3APB Datasheet
64Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA3APB PANASONIC-ERA3APB Datasheet
67Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA3APB PANASONIC-ERA3APB Datasheet
77Kb / 2P
   Metal Film Thin Film Chip Resistors High Reliability Type
ERA3APB PANASONIC-ERA3APB Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
ERA3APB PANASONIC-ERA3APB Datasheet
64Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type
More results

Similar Description - ERA3APB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA-2AEB5232X PANASONIC-ERA-2AEB5232X Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB103V PANASONIC-ERA-3AEB103V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB202V PANASONIC-ERA-3AEB202V Datasheet
67Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB123V PANASONIC-ERA-3AEB123V Datasheet
67Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-2AED103X PANASONIC-ERA-2AED103X Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-6AED153V PANASONIC-ERA-6AED153V Datasheet
86Kb / 3P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB5112V PANASONIC-ERA-3AEB5112V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB391V PANASONIC-ERA-3AEB391V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AED332V PANASONIC-ERA-3AED332V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB392V PANASONIC-ERA-3AEB392V Datasheet
80Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB203V PANASONIC-ERA-3AEB203V Datasheet
67Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com