Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JAN2N72251N6072E3 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JAN2N72251N6072E3
Description  1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPESSOR Qualified per MIL-PRF-19500/507
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN2N72251N6072E3 Datasheet(HTML) 1 Page - Microsemi Corporation

  JAN2N72251N6072E3 Datasheet HTML 1Page - Microsemi Corporation JAN2N72251N6072E3 Datasheet HTML 2Page - Microsemi Corporation JAN2N72251N6072E3 Datasheet HTML 3Page - Microsemi Corporation JAN2N72251N6072E3 Datasheet HTML 4Page - Microsemi Corporation JAN2N72251N6072E3 Datasheet HTML 5Page - Microsemi Corporation JAN2N72251N6072E3 Datasheet HTML 6Page - Microsemi Corporation JAN2N72251N6072E3 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
T4-LDS-0097, Rev. 3 (120714)
©2012 Microsemi Corporation
Page 1 of 7
1N6036(A) thru 1N6072(A)
Available on
commercial
versions
1500 WATT BIDIRECTIONAL
TRANSIENT VOLTAGE SUPPESSOR
Qualified per MIL-PRF-19500/507
Qualified Levels:
JAN, JANTX, and
JANTXV
DESCRIPTION
DO-13 (DO-202AA)
Package
Also available in:
DO-13 package
(unidirectional)
1N5629 – 1N5665A
Case 1 package
(plastic equivalent)
1.5KE6.8C – 1.5KE220CA
DO-215AB package
(Gull-wing)
SMCG5.0 – SMCG170A
DO-214AB package
(J-bend)
SMCJ5.0 – SMCJ170A
MSC – Lawrence
6 Lake Street,
Lawrence, MA 01841
Tel: 1-800-446-1158 or
(978) 620-2600
Fax: (978) 689-0803
MSC – Ireland
Gort Road Business Park,
Ennis, Co. Clare, Ireland
Tel: +353 (0) 65 6840044
Fax: +353 (0) 65 6822298
Website:
www.microsemi.com
This popular Transient Voltage Suppressor (TVS) series for 1N6036 thru 1N6072A are JEDEC
registered selections for bidirectional devices. All have the same high Peak Pulse Power
rating of 1500 W with extremely fast response times. They are also available in military
qualified selections as described in the “Features” section herein. They are most often used
for protecting against transients from inductive switching environments, induced RF effects, or
induced secondary lightning effects as found in lower surge levels of IEC61000-4-5. They are
also very successful in protecting airborne avionics and electrical systems. Since their
response time is virtually instantaneous, they can also protect from ESD and EFT per
IEC61000-4-2 and IEC61000-4-4.
Important: For the latest information, visit our website http://www.microsemi.com.
FEATURES
Bidirectional TVS series in axial packages for thru-hole mounting.
Suppresses transients up to 1500 watts @ 10/1000 µs (see Figure 1).
Clamps transients in less than 100 pico seconds.
Working voltage (VWM) range 5.5 V to 185 V.
Hermetically sealed DO-13 metal package.
JAN, JANTX, JANTXV military qualifications also available per MIL-PRF-19500/507 for the tighter
tolerance “A” suffix types by adding the JAN, JANTX, or JANTXV prefix, e.g. JANTXV1N6036A,
etc.
RoHS compliant versions available (commercial grade only).
APPLICATIONS / BENEFITS
Protection from switching transients and induced RF.
Protection from ESD & EFT per IEC 61000-4-2 and IEC 61000-4-4.
Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance:
Class 1: 1N6036 to 1N6072A
Class 2: 1N6036 to 1N6067A
Class 3: 1N6036 to 1N6061A
Class 4: 1N6036 to 1N6054A
Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance:
Class 1: 1N6036 to 1N6064A
Class 2: 1N6036 to 1N6057A
Class 3: 1N6036 to 1N6049A
Class 4: 1N6036 to 1N6042A
Secondary lightning protection per IEC61000-4-5 with 2 Ohms source impedance:
Class 2: 1N6036 to 1N6048A
Class 3: 1N6036 to 1N6041A
Inherently radiation hard as described in Microsemi “MicroNote 050”.


Similar Part No. - JAN2N72251N6072E3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N7225 MICROSEMI-JAN2N7225 Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
More results

Similar Description - JAN2N72251N6072E3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N2982BJAN MICROSEMI-1N2982BJAN Datasheet
482Kb / 8P
   10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
   Schottky Barrier Diode Qualified per MIL-PRF-19500/444
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JANTX2N3743 MICROSEMI-JANTX2N3743 Datasheet
60Kb / 2P
   PNP HIGH VOLTAGE SILICON TRANSISTOR Qualified per MIL-PRF-19500/397
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com