Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM78L18UA Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM78L18UA
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM78L18UA Datasheet(HTML) 5 Page - New Japan Radio

  NJM78L18UA Datasheet HTML 1Page - New Japan Radio NJM78L18UA Datasheet HTML 2Page - New Japan Radio NJM78L18UA Datasheet HTML 3Page - New Japan Radio NJM78L18UA Datasheet HTML 4Page - New Japan Radio NJM78L18UA Datasheet HTML 5Page - New Japan Radio NJM78L18UA Datasheet HTML 6Page - New Japan Radio NJM78L18UA Datasheet HTML 7Page - New Japan Radio NJM78L18UA Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NJM78L00
- 5 -
Ver.2003-07-18
■ ELECTRICAL CHARACTERISTICS(CIN=0.33µF, CO=0.1µF, Tj=25°C)
Measurement is to be conducted is pulse testing.
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
NJM78L18A
Output Voltage
VO
VIN=27V, IO=40mA
17.1
18.0
18.9
V
Line Regulation 1
∆VO-VIN1
VIN=22V to 33V, IO=40mA
-
-
320
mV
Line Regulation 2
∆VO-VIN2
VIN=22V to 33V, IO=40mA
-
-
270
mV
Load Regulation 1
∆VO-IO1
VIN=27V, IO=1 to 40mA
-
-
80
mV
Load Regulation 2
∆VO-IO2
VIN=27V, IO=1 to 100mA
-
-
160
mV
Quiescent Current
IQ
VIN=27V, IO=0mA
-
2.2
6.5
mA
Average Temperature
Coefficient of Output Voltage
∆VO/∆T
VIN=27V, IO=1mA
-
1.1
-
mV/°C
Ripple Rejection
RR
23V< VIN <33V, IO=40mA, ein=1VP-P, f=120Hz
33
59
-
dB
Output Noise Voltage
VNO
VIN=27V, BW=10Hz to 100kHz, IO=40mA
-
230
-
µV
NJM78L20A
Output Voltage
VO
VIN=29V, IO=40mA
19.0
20.0
21.0
V
Line Regulation 1
∆VO-VIN1
VIN=23V to 34V, IO=40mA
-
-
330
mV
Line Regulation 2
∆VO-VIN2
VIN=24V to 34V, IO=40mA
-
-
280
mV
Load Regulation 1
∆VO-IO1
VIN=29V, IO=1 to 40mA
-
-
90
mV
Load Regulation 2
∆VO-IO2
VIN=29V, IO=1 to 100mA
-
-
180
mV
Quiescent Current
IQ
VIN=29V, IO=0mA
-
2.3
7
mA
Average Temperature
Coefficient of Output Voltage
∆VO/∆T
VIN=29V, IO=1mA
-
1.2
-
mV/°C
Ripple Rejection
RR
24V< VIN <34V, IO=40mA, ein=1VP-P, f=120Hz
32
58
-
dB
Output Noise Voltage
VNO
VIN=29V, BW=10Hz to 100kHz, IO=40mA
-
250
-
µV
NJM78L24A
Output Voltage
VO
VIN=33V, IO=40mA
22.8
24
25.2
V
Line Regulation 1
∆VO-VIN1
VIN=27V to 38V, IO=40mA
-
-
350
mV
Line Regulation 2
∆VO-VIN2
VIN=28V to 38V, IO=40mA
-
-
300
mV
Load Regulation 1
∆VO-IO1
VIN=33V, IO=1 to 40mA
-
-
100
mV
Load Regulation 2
∆VO-IO2
VIN=33V, IO=1 to 100mA
-
-
200
mV
Quiescent Current
IQ
VIN=33V, IO=0mA
-
2.3
7
mA
Average Temperature
Coefficient of Output Voltage
∆VO/∆T
VIN=33V, IO=1mA
-
1.4
-
mV/°C
Ripple Rejection
RR
27.5V< VIN <37.5V, IO=40mA, ein=1VP-P, f=120Hz
32
57
-
dB
Output Noise Voltage
VNO
VIN=33V, BW=10Hz to 100kHz, IO=40mA
-
280
-
µV
(*1) : SOT-89 package only.
(*2) : TO-92 package only.
(*3) : SOT-89, TO-92, EMP8
■ SOT-89 MARK
NJM78L02A
8
A
NJM78L03A
8
B
NJM78L05A
8
C
NJM78L06A
8
E
NJM78L62A
8
Z
NJM78L07A
8
F
NJM78L08A
8
G
NJM78L09A
8
H
NJM78L10A
8
J
NJM78L12A
8
K
NJM78L15A
8
L
NJM78L18A
8
M
NJM78L20A
8
N
NJM78L24A
8
P
(1) 8 : Positive Output
(2) VO Rank
(3) The end of A.D.
(4) Production Mouth
Oct. ···X
Nov. ···Y
Dec.···Z


Similar Part No. - NJM78L18UA

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM78L18A NJRC-NJM78L18A Datasheet
195Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78L18A NJRC-NJM78L18A Datasheet
195Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM78L18A ETC2-NJM78L18A Datasheet
216Kb / 9P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
NJM78L18A ETC2-NJM78L18A Datasheet
216Kb / 9P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - NJM78L18UA

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com