Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ1T Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERJ1T
Description  Thick Film Chip Resistors 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJ1T Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERJ1T Datasheet HTML 1Page - Panasonic Semiconductor ERJ1T Datasheet HTML 2Page - Panasonic Semiconductor ERJ1T Datasheet HTML 3Page - Panasonic Semiconductor ERJ1T Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
E
1
R
2
J
3
3
4
G
5
E
6
Y
7
J
8
1
9
0
10
2
11
V
12
Thick Film
Chip Resistors
Product Code
Size, Power Rating
1GE : 0201
2GE : 0402
3GE : 0603
6GE : 0805
8GE : 1206
14 : 1210
12 : 1812
12Z : 2010
1T : 2512
0.05 W
0.063 W
0.1 W
0.125 W
0.25 W
0.25 W
0.5 W
0.5 W
1W
Power R.
Marking
Code
Y
]Nil
Marking
Value Marking on
black side
No marking
Resistance Tolerance
Code
J
0
Tolerance
± 5%
Jumper
The first two digits are significant figures of resistance and
the third one denotes number of zeros following. Decimal
Point is expressed by R as 4.7 = 4R7.
Jumper is expressed by R00.
Resistance Value
Packaging Methods
Code
V
U
B
X
Y
C
Packaging
Punched (Paper) Taping
(Only 3G, 6G, 8G type)
Embossed Taping
(Only 14, 12, 12Z, 1T type)
Bulk case
(Only 2G, 3G, 6G type)
Punched (Paper) Taping
2 mm pitch, 10000 pcs.
(Only 2G, 3G type)
Punched (Paper) Taping
2 mm pitch, 20000 pcs.
(Only 2G type)
Punched (Paper) Taping
2 mm pitch, 15000 pcs.
(Only 1G type)
Type : inches
Thick Film Chip Resistors
Thick Film Chip Resistors
0201, 0402, 0603, 0805, 1206,
1210, 1812, 2010, 2512
Type:
ERJ 1G, 2G, 3G, 6G, 8G, 14,
12, 12Z, 1T
s Features
q Small size and lightweight
For PCB size reduction and lightweight products
q High reliability
Metal glaze thick film resistive element and three layers of electrodes result in high reliability
q Matching with placement machine
Taping and bulk case packagings for automatic placement machine
q Solderability
Suitable for both reflow soldering and flow soldering
q Reference Standards
IEC 60115-8, JIS C 5201-8, EIAJ RC-2134A
s Explanation of Part Numbers
V When omitted, all the rest P/N factors shall be moved up respectively.


Similar Part No. - ERJ1T

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ1T PANASONIC-ERJ1T Datasheet
81Kb / 2P
   Thick Film Chip Resistors
ERJ1T PANASONIC-ERJ1T Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ1T PANASONIC-ERJ1T Datasheet
127Kb / 5P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ1T PANASONIC-ERJ1T Datasheet
71Kb / 2P
   Thick Film Chip Resistors
ERJ1T0102C PANASONIC-ERJ1T0102C Datasheet
252Kb / 5P
   Thick Film Chip Resistors
More results

Similar Description - ERJ1T

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-2GEJ472X PANASONIC-ERJ-2GEJ472X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ104X PANASONIC-ERJ-2GEJ104X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-3GEYJ106V PANASONIC-ERJ-3GEYJ106V Datasheet
218Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1TYJ1R0U PANASONIC-ERJ-1TYJ1R0U Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1GEJ104C PANASONIC-ERJ-1GEJ104C Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-1GEJ8R2C PANASONIC-ERJ-1GEJ8R2C Datasheet
127Kb / 5P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ221X PANASONIC-ERJ-2GEJ221X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
ERJ-2GEJ183X PANASONIC-ERJ-2GEJ183X Datasheet
84Kb / 2P
   Thick Film Chip Resistors 01005, 0201, 0402, 0603, 0805, 1206, 1210, 1812, 2010, 2512
logo
YAGEO Corporation
RL1206FR-070R47L YAGEO-RL1206FR-070R47L Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS sizes 0402/0603/0805/1206/ 1210/1218/2010/2512 RoHS compliant & Halogen Free
logo
Panasonic Semiconductor
ERA-3AEB753V PANASONIC-ERA-3AEB753V Datasheet
81Kb / 2P
   Metal Film (Thin Film) Chip Resistors, High Reliability Type 0201, 0402, 0603, 0805, 1206
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com