Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDS1N5712-1E3 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # CDS1N5712-1E3
Description  Schottky Barrier Diode Qualified per MIL-PRF-19500/444
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDS1N5712-1E3 Datasheet(HTML) 3 Page - Microsemi Corporation

  CDS1N5712-1E3 Datasheet HTML 1Page - Microsemi Corporation CDS1N5712-1E3 Datasheet HTML 2Page - Microsemi Corporation CDS1N5712-1E3 Datasheet HTML 3Page - Microsemi Corporation CDS1N5712-1E3 Datasheet HTML 4Page - Microsemi Corporation CDS1N5712-1E3 Datasheet HTML 5Page - Microsemi Corporation CDS1N5712-1E3 Datasheet HTML 6Page - Microsemi Corporation CDS1N5712-1E3 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
T4-LDS-0040, Rev. 4 (6/4/13)
©2013 Microsemi Corporation
Page 3 of 7
1N5711-1, 1N5712-1, 1N6857-1, and
1N6858-1; DSB2810 and DSB5712
ELECTRICAL CHARACTERISTICS @ 25 ºC unless otherwise noted
TYPE
NUMBER
MINIMUM
BREAKDOWN
VOLTAGE
MAXIMUM
FORWARD
VOLTAGE
MAXIMUM
FORWARD
VOLTAGE
WORKING
PEAK
REVERSE
VOLTAGE
MAXIMUM
REVERSE
LEAKAGE
CURRENT
MAXIMUM
CAPACITANCE
@ V R = 0
VOLTS
f = 1.0 MHz
V (BR) @ 10 µA
V F @ 1 mA
V F @ IF
V RWM
IR @ VR
C
Volts
Volts
V @ mA
V (pk)
nA
Volts
pF
1N5711-1
70
0.41
1.0 @ 15
50
200
50
2.0
1N5712-1
20
0.41
1.0 @ 35
16
150
16
2.0
1N6857-1
20
0.35
0.75 @ 35
16
150
16
4.5
1N6858-1
70
0.36
0.65 @ 15
50
200
50
4.5
DSB2810
20
0.41
1.0 @ 35
16
100
15
2.0
DSB5712
20
0.41
1.0 @ 35
16
150
16
2.0


Similar Part No. - CDS1N5712-1E3

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CDS1 SCHURTER-CDS1 Datasheet
509Kb / 5P
   Touch Display Switch
CDS1 SCHURTER-CDS1 Datasheet
510Kb / 5P
   Touch Display Switch
05.01.2022
logo
List of Unclassifed Man...
CDS10CD010D03 ETC1-CDS10CD010D03 Datasheet
512Kb / 5P
   Miniature Dipped, Mica Capacitors
CDS10CD010DO3F ETC2-CDS10CD010DO3F Datasheet
281Kb / 4P
   Reel packaging available
CDS10CD020D03 ETC1-CDS10CD020D03 Datasheet
512Kb / 5P
   Miniature Dipped, Mica Capacitors
More results

Similar Description - CDS1N5712-1E3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
1N2982BJAN MICROSEMI-1N2982BJAN Datasheet
482Kb / 8P
   10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
JANS2N2222A MICROSEMI-JANS2N2222A Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
JANTX2N3902 MICROSEMI-JANTX2N3902 Datasheet
60Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/371
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com