Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JAN1N2994BRBE3 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # JAN1N2994BRBE3
Description  10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN1N2994BRBE3 Datasheet(HTML) 8 Page - Microsemi Corporation

  JAN1N2994BRBE3 Datasheet HTML 1Page - Microsemi Corporation JAN1N2994BRBE3 Datasheet HTML 2Page - Microsemi Corporation JAN1N2994BRBE3 Datasheet HTML 3Page - Microsemi Corporation JAN1N2994BRBE3 Datasheet HTML 4Page - Microsemi Corporation JAN1N2994BRBE3 Datasheet HTML 5Page - Microsemi Corporation JAN1N2994BRBE3 Datasheet HTML 6Page - Microsemi Corporation JAN1N2994BRBE3 Datasheet HTML 7Page - Microsemi Corporation JAN1N2994BRBE3 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
T4-LDS-0075, Rev. 3 (5/24/13)
©2013 Microsemi Corporation
Page 8 of 8
1N2970B – 1N3015B and
1N3993A – 1N3998A
PACKAGE DIMENSIONS
NOTES:
1.
Dimensions are in inches. Millimeters are given for information only.
2.
See “Mechanical and Packaging” for the polarity of the terminals.
3.
Threads shall be 10–32 UNF–2A in accordance with FED–STD–H28. Maximum pitch diameter
(SD) of plated threads is 0.1697 inch (4.31 mm).
4.
Maximum torque allowed on the 10–32 UNF–2B nut when assembled on the thread is 15 inch-
pounds.
5.
The angular orientation and peripheral configuration of terminal 1 is undefined, however, the
major surfaces over dimension C and C1 shall be flat.
6.
Dimension CD cannot exceed dimension HF.
7.
A chamfer or undercut on one or both ends of the hex portion is optional; minimum base diameter
at the seating plane is 0.403 inch (10.24 mm).
8.
Length of incomplete or undercut threads UD.
9.
In accordance with ASME Y14.5M, diameters are equivalent to Φx symbology.
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
C
-
0.250
-
6.35
5
C1
0.012
0.065
0.30
1.65
5
CD
0.255
0.424
6.48
10.77
6
CH
0.300
0.405
7.62
10.29
HF
0.424
0.437
10.77
11.1
6
HT1
0.075
0.175
1.91
4.45
7
HT2
0.060
0.175
1.52
4.45
7
OAH
0.600
0.800
15.24
20.32
SD
-
-
-
-
2
SL
0.422
0.453
10.72
11.51
SU
-
0.078
-
1.98
UD
0.163
0.189
4.14
4.80
8
ΦT
0.060
0.095
1.52
2.41


Similar Part No. - JAN1N2994BRBE3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N2994B MICROSEMI-JAN1N2994B Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
More results

Similar Description - JAN1N2994BRBE3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
1N6051AJANTX MICROSEMI-1N6051AJANTX Datasheet
534Kb / 7P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPESSOR Qualified per MIL-PRF-19500/507
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
   Schottky Barrier Diode Qualified per MIL-PRF-19500/444
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
JANS2N2222A MICROSEMI-JANS2N2222A Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com