Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP15WB473F03RC Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # NCP15WB473F03RC
Description  DESIGN ENGINEERING KITS
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15WB473F03RC Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button NCP15WB473F03RC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP15WB473F03RC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NCP15WB473F03RC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NCP15WB473F03RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP15WB473F03RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15WB473F03RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15WB473F03RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15WB473F03RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP15WB473F03RC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
Note: Design Kit Contents are subject to change without notice.
G-06-G
DESIGN ENGINEERING KITS
GENERAL CERAMIC CHIP CAPACITORS
0201 (6.3 to 25 VDC)
0201 (6.3 to 25 VDC) Tight Tolerance
I
Better Q and low ESR at VHF, UHF and microwave frequencies.
I
0201 and 0402 sizes with Copper inner electrode.
I
Low power consumption, yield ratio improvement due to the
better Q or lower ESR.
I
GJM series is suited to VCO or PA module applications.
I
GJM series is offered with a Ni barrier termination plated with
Matte Tin (Sn), and is RoHS compliant.
No.
Description
Murata Global P/N
Qty.
1
0201/C0G/0.20pF/25V
GJM0335C1ER20BB01
20
2
0201/C0G/0.30pF/25V
GJM0335C1ER30BB01
20
3
0201/C0G/0.40pF/25V
GJM0335C1ER40BB01
20
4
0201/C0G/0.50pF/25V
GJM0335C1ER50BB01
20
5
0201/C0G/0.60pF/25V
GJM0335C1ER60BB01
20
6
0201/C0G/0.70pF/25V
GJM0335C1ER70BB01
20
7
0201/C0G/0.80pF/25V
GJM0335C1ER80BB01
20
8
0201/C0G/0.90pF/25V
GJM0335C1ER90BB01
20
9
0201/C0G/1.0pF/25V
GJM0335C1E1R0CB01
20
10
0201/C0G/1.1pF/25V
GJM0335C1E1R1CB01
20
11
0201/C0G/1.2pF/25V
GJM0335C1E1R2CB01
20
12
0201/C0G/1.3pF/25V
GJM0335C1E1R3CB01
20
13
0201/C0G/1.5pF/25V
GJM0335C1E1R5CB01
20
14
0201/C0G/1.6pF/25V
GJM0335C1E1R6CB01
20
15
0201/C0G/1.8pF/25V
GJM0335C1E1R8CB01
20
16
0201/C0G/2.0pF/25V
GJM0335C1E2R0CB01
20
17
0201/C0G/2.2pF/25V
GJM0335C1E2R2CB01
20
18
0201/C0G/2.4pF/25V
GJM0335C1E2R4CB01
20
19
0201/C0G/2.7pF/25V
GJM0335C1E2R7CB01
20
20
0201/C0G/3.0pF/25V
GJM0335C1E3R0CB01
20
21
0201/C0G/3.3pF/25V
GJM0335C1E3R3CB01
20
22
0201/C0G/3.6pF/25V
GJM0335C1E3R6CB01
20
23
0201/C0G/3.9pF/25V
GJM0335C1E3R9CB01
20
24
0201/C0G/4.0pF/25V
GJM0335C1E4R0CB01
20
25
0201/C0G/4.3pF/25V
GJM0335C1E4R3CB01
20
26
0201/C0G/4.7pF/25V
GJM0335C1E4R7CB01
20
27
0201/C0G/5.0pF/25V
GJM0335C1E5R0CB01
20
28
0201/C0G/5.1pF/25V
GJM0335C1E5R1DB01
20
29
0201/C0G/5.6pF/25V
GJM0335C1E5R6DB01
20
30
0201/C0G/6.0pF/25V
GJM0335C1E6R0DB01
20
31
0201/C0G/6.2pF/25V
GJM0335C1E6R2DB01
20
32
0201/C0G/6.8pF/25V
GJM0335C1E6R8DB01
20
33
0201/C0H/7.0pF/25V
GJM0336C1E7R0DB01
20
34
0201/C0H/7.5pF/25V
GJM0336C1E7R5DB01
20
35
0201/C0H/8.0pF/25V
GJM0336C1E8R0DB01
20
36
0201/C0H/8.2pF/25V
GJM0336C1E8R2DB01
20
37
0201/C0H/9.0pF/25V
GJM0336C1E9R0DB01
20
38
0201/C0H/9.1pF/25V
GJM0336C1E9R1DB01
20
39
0201/C0H/10pF/25V
GJM0336C1E100JB01
20
40
0201/C0H/12pF/25V
GJM0336C1E120JB01
20
41
0201/C0H/15pF/25V
GJM0336C1E150JB01
20
42
0201/C0H/18pF/25V
GJM0336C1E180JB01
20
43
0201/C0H/20pF/25V
GJM0336C1E200JB01
20
44
0201/C0G/22pF/6.3V
GJM0335C0J220JB01
20
45
0201/C0G/27pF/6.3V
GJM0335C0J270JB01
20
46
0201/C0G/33pF/6.3V
GJM0335C0J330JB01
20
GJM03-KIT– – – – – – – – E
I
Better Q and low ESR at VHF, UHF and microwave frequencies.
I
0201 and 0402 sizes with Copper inner electrode.
I
Tight tolerance
[W] = +/-0.05pF for 5pF & under [B] = +/-0.1pF for under 10pF
[C] = +/-0.25pF for under 10pF
[F] = +/-1% for 10pF & over [G] = +/-2% for 10pF & over
I
Low power consumption, yield ratio improvement due to the
better Q or lower ESR.
I
GJM series is suited to VCO or PA module applications.
I
GJM series is offered with a Ni barrier termination plated with
Matte Tin (Sn), and is RoHS compliant.
No.
Description
Murata Global P/N
Qty.
1
0201/C0G/0.20pF/25V
GJM0335C1ER20WB01
20
2
0201/C0G/0.30pF/25V
GJM0335C1ER30WB01
20
3
0201/C0G/0.40pF/25V
GJM0335C1ER40WB01
20
4
0201/C0G/0.50pF/25V
GJM0335C1ER50WB01
20
5
0201/C0G/0.60pF/25V
GJM0335C1ER60WB01
20
6
0201/C0G/0.70pF/25V
GJM0335C1ER70WB01
20
7
0201/C0G/0.80pF/25V
GJM0335C1ER80WB01
20
8
0201/C0G/0.90pF/25V
GJM0335C1ER90WB01
20
9
0201/C0G/1.0pF/25V
GJM0335C1E1R0BB01
20
10
0201/C0G/1.1pF/25V
GJM0335C1E1R1BB01
20
11
0201/C0G/1.2pF/25V
GJM0335C1E1R2BB01
20
12
0201/C0G/1.3pF/25V
GJM0335C1E1R3BB01
20
13
0201/C0G/1.5pF/25V
GJM0335C1E1R5BB01
20
14
0201/C0G/1.6pF/25V
GJM0335C1E1R6BB01
20
15
0201/C0G/1.8pF/25V
GJM0335C1E1R8BB01
20
16
0201/C0G/2.0pF/25V
GJM0335C1E2R0BB01
20
17
0201/C0G/2.2pF/25V
GJM0335C1E2R2BB01
20
18
0201/C0G/2.4pF/25V
GJM0335C1E2R4BB01
20
19
0201/C0G/2.7pF/25V
GJM0335C1E2R7BB01
20
20
0201/C0G/3.0pF/25V
GJM0335C1E3R0BB01
20
21
0201/C0G/3.3pF/25V
GJM0335C1E3R3BB01
20
22
0201/C0G/3.6pF/25V
GJM0335C1E3R6BB01
20
23
0201/C0G/3.9pF/25V
GJM0335C1E3R9BB01
20
24
0201/C0G/4.0pF/25V
GJM0335C1E4R0BB01
20
25
0201/C0G/4.3pF/25V
GJM0335C1E4R3BB01
20
26
0201/C0G/4.7pF/25V
GJM0335C1E4R7BB01
20
27
0201/C0G/5.0pF/25V
GJM0335C1E5R0BB01
20
28
0201/C0G/5.1pF/25V
GJM0335C1E5R1CB01
20
29
0201/C0G/5.6pF/25V
GJM0335C1E5R6CB01
20
30
0201/C0G/6.0pF/25V
GJM0335C1E6R0CB01
20
31
0201/C0G/6.2pF/25V
GJM0335C1E6R2CB01
20
32
0201/C0G/6.8pF/25V
GJM0335C1E6R8CB01
20
33
0201/C0H/7.0pF/25V
GJM0336C1E7R0CB01
20
34
0201/C0H/7.5pF/25V
GJM0336C1E7R5CB01
20
35
0201/C0H/8.0pF/25V
GJM0336C1E8R0CB01
20
36
0201/C0H/8.2pF/25V
GJM0336C1E8R2CB01
20
37
0201/C0H/9.0pF/25V
GJM0336C1E9R0CB01
20
38
0201/C0H/9.1pF/25V
GJM0336C1E9R1CB01
20
39
0201/C0H/10pF/25V
GJM0336C1E100GB01
20
40
0201/C0H/12pF/25V
GJM0336C1E120GB01
20
41
0201/C0H/15pF/25V
GJM0336C1E150GB01
20
42
0201/C0H/18pF/25V
GJM0336C1E180GB01
20
43
0201/C0H/20pF/25V
GJM0336C1E200GB01
20
44
0201/C0G/22pF/6.3V
GJM0335C0J220GB01
20
45
0201/C0G/27pF/6.3V
GJM0335C0J270GB01
20
46
0201/C0G/33pF/6.3V
GJM0335C0J330GB01
20
GJM03-KIT- T T O L – – – E
NOTE: For Ceramic Chip Capacitors, dashes are part of
the part number and must be included when placing
an order.


Similar Part No. - NCP15WB473F03RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15WB473F03RC MURATA-NCP15WB473F03RC Datasheet
1Mb / 44P
   NTC Thermistors
NCP15WB473F03RC MURATA-NCP15WB473F03RC Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP15WB473F03RC MURATA-NCP15WB473F03RC Datasheet
205Kb / 3P
   NTC Thermistors
logo
Murata Manufacturing Co...
NCP15WB473F03RC MURATA1-NCP15WB473F03RC Datasheet
585Kb / 3P
   NTC Thermistors
10/11/2022
NCP15WB473F03RC MURATA1-NCP15WB473F03RC Datasheet
630Kb / 3P
   NTC for Temperature Sensor
12/18/2023
More results

Similar Description - NCP15WB473F03RC

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
CST306K TRIAD-CST306K Datasheet
76Kb / 1P
   Engineering Development/Design Sample Kits
logo
Johanson Technology Inc...
S-0603 JOHANSON-S-0603 Datasheet
61Kb / 2P
   CERAMIC CAPACITOR ENGINEERING DESIGN KITS
logo
TRIAD MAGNETICS
CME375K TRIAD-CME375K Datasheet
82Kb / 1P
   Engineering Development/Design Sample Kits
CST206K TRIAD-CST206K Datasheet
77Kb / 1P
   Engineering Development/Design Sample Kits
CMT908K TRIAD-CMT908K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
CME2425K TRIAD-CME2425K Datasheet
81Kb / 1P
   Engineering Development/Design Sample Kits
GDE25K TRIAD-GDE25K Datasheet
83Kb / 1P
   Engineering Development/Design Sample Kits
logo
Kemet Corporation
T495C107M006ATE150 KEMET-T495C107M006ATE150 Datasheet
132Kb / 2P
   Tantalum Chip Engineering Kits
logo
EAO AG.
2002940001 EAO-2002940001 Datasheet
1Mb / 9P
   S09 outdoor Design-In Kits
Rev. 01
logo
Bourns Electronic Solut...
H-1203 BOURNS-H-1203 Datasheet
87Kb / 2P
   New Bourns Amplifi er Potentiometer Design Kits Released
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com