Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTP20N60C3 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HGTP20N60C3
Description  45A, 600V, UFS Series N-Channel IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTP20N60C3 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HGTP20N60C3 Datasheet HTML 1Page - Fairchild Semiconductor HGTP20N60C3 Datasheet HTML 2Page - Fairchild Semiconductor HGTP20N60C3 Datasheet HTML 3Page - Fairchild Semiconductor HGTP20N60C3 Datasheet HTML 4Page - Fairchild Semiconductor HGTP20N60C3 Datasheet HTML 5Page - Fairchild Semiconductor HGTP20N60C3 Datasheet HTML 6Page - Fairchild Semiconductor HGTP20N60C3 Datasheet HTML 7Page - Fairchild Semiconductor HGTP20N60C3 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
HGTG20N60C3, HGTP20N60C3, HGT1S20N60C3S Rev. B
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
ALL TYPES
UNITS
Collector to Emitter Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . BVCES
600
V
Collector Current Continuous
At TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
C25
45
A
At TC = 110
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
C110
20
A
Collector Current Pulsed (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ICM
300
A
Gate to Emitter Voltage Continuous. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGES
±20
V
Gate to Emitter Voltage Pulsed . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGEM
±30
V
Switching Safe Operating Area at TJ = 150
oC (Figure 2) . . . . . . . . . . . . . . . . . . . . . . . SSOA
20A at 600V
Power Dissipation Total at TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P
D
164
W
Power Dissipation Derating TC > 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.32
W/oC
Reverse Voltage Avalanche Energy . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . EARV
100
mJ
Operating and Storage Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, see Tech Brief 334. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
Short Circuit Withstand Time (Note 2) at VGE = 12V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . tSC
4
µs
Short Circuit Withstand Time (Note 2) at VGE = 10V. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . tSC
10
µs
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Pulse width limited by maximum junction temperature.
2. VCE(PK) = 360V, TJ = 125
oC, R
G = 10Ω.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Collector to Emitter Breakdown Voltage
BVCES
IC = 250µA, VGE = 0V
600
-
-
V
Emitter to Collector Breakdown Voltage
BVECS
IC = 10mA, VGE = 0V
15
28
-
V
Collector to Emitter Leakage Current
ICES
VCE = BVCES
TC = 25
oC
-
-
250
µA
TC = 150
oC-
-
5.0
mA
Collector to Emitter Saturation Voltage
VCE(SAT)
IC = IC110
VGE = 15V
TC = 25
oC-
1.4
1.8
V
TC = 150
oC-
1.5
1.9
V
Gate to Emitter Threshold Voltage
VGE(TH)
IC = 250µA, VCE = VGE
3.4
4.8
6.3
V
Gate to Emitter Leakage Current
IGES
VGE = ±20V
-
-
±250
nA
Switching SOA
SSOA
TJ = 150
oC, R
G =
10
Ω, VGE = 15V,
L = 100
µH
VCE = 480V
120
-
-
A
VCE = 600V
20
-
-
A
Gate to Emitter Plateau Voltage
VGEP
ICE = IC110, VCE = 0.5 BVCES
-8.4
-
V
On-State Gate Charge
QG(ON)
ICE = IC110
VCE = 0.5 BVCES
VGE = 15V
-
91
110
nC
VGE = 20V
-
122
145
nC
Current Turn-On Delay Time
td(ON)I
IGBT and Diode at TJ = 25
oC
ICE = IC110
VCE = 0.8 BVCES
VGE = 15V
RG = 10Ω
L = 1mH
Test Circuit (Figure 17)
-28
32
ns
Current Rise Time
trI
-24
28
ns
Current Turn-Off Delay Time
td(OFF)I
-
151
210
ns
Current Fall Time
tfI
-55
98
ns
Turn-On Energy (Note 4)
EON1
-
295
320
µJ
Turn-On Energy (Note 4)
EON2
-
500
550
µJ
Turn-Off Energy (Note 3)
EOFF
-
500
700
µJ
HGTG20N60C3, HGTP20N60C3, HGT1S20N60C3S


Similar Part No. - HGTP20N60C3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP20N60C3 INTERSIL-HGTP20N60C3 Datasheet
81Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTP20N60C3 FAIRCHILD-HGTP20N60C3 Datasheet
153Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
HGTP20N60C3R FAIRCHILD-HGTP20N60C3R Datasheet
107Kb / 6P
   40A, 600V, Rugged UFS Series N-Channel IGBTs
More results

Similar Description - HGTP20N60C3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTG20N60C3 INTERSIL-HGTG20N60C3 Datasheet
81Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGT1S20N60C3S9A FAIRCHILD-HGT1S20N60C3S9A Datasheet
153Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
90Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
HGTG30N60B3D FAIRCHILD-HGTG30N60B3D Datasheet
214Kb / 8P
   60A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG30N60C3 INTERSIL-HGTG30N60C3 Datasheet
99Kb / 6P
   63A, 600V, UFS Series N-Channel IGBT
January 2000
HGTG40N60B3 INTERSIL-HGTG40N60B3 Datasheet
76Kb / 7P
   70A, 600V, UFS Series N-Channel IGBT
January 2000
logo
Fairchild Semiconductor
HGTG40N60B3 FAIRCHILD-HGTG40N60B3 Datasheet
154Kb / 8P
   70A, 600V, UFS Series N-Channel IGBT
logo
Harris Corporation
HGTG40N6 HARRIS-HGTG40N6 Datasheet
65Kb / 6P
   70A, 600V, UFS Series N-Channel IGBT
logo
Intersil Corporation
HGTG20N60C3D INTERSIL-HGTG20N60C3D Datasheet
82Kb / 7P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
logo
Fairchild Semiconductor
HGTG20N60C3D FAIRCHILD-HGTG20N60C3D Datasheet
123Kb / 8P
   45A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com