Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YPY1112H Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # YPY1112H
Description  Single Color High Brightness Type
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

YPY1112H Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  YPY1112H Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. YPY1112H Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. YPY1112H Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. YPY1112H Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. YPY1112H Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. YPY1112H Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. YPY1112H Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. YPY1112H Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. YPY1112H Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Color and Luminous Intensity
Page 2
TYP.
IF
MIN.
TYP.
IF
YBG1112H
AlGaInP
Green
562
20
4.3
12
20
YPY1112H
AlGaInP
Yellow
Green
572
20
19.8
35
20
FY1112H
AlGaInP
Yellow
590
20
25
65
20
FA1112H
AlGaInP
Orange
605
20256520
FR1112H
AlGaInP
Red
626
20
25
50
20
Iv (mcd)
Lens
Color
Luminous Intensity
Dominant
Wavelength
λd (nm)
Part No.
Material
Emitted
Color
Milky
White
Single Color High Brightness Type
1112H Series
(Ta=25℃)
2005.7.29


Similar Part No. - YPY1112H

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
YPY1111C STANLEY-YPY1111C Datasheet
374Kb / 20P
   Single Color High Brightness Type
YPY1111C-0005 STANLEY-YPY1111C-0005 Datasheet
432Kb / 24P
   Single Color Low Current Type
YPY1111C-0005 STANLEY-YPY1111C-0005 Datasheet
465Kb / 24P
   Single Color Low Current Type (IF=5mA)
YPY1113F-1215-TR STANLEY-YPY1113F-1215-TR Datasheet
580Kb / 20P
   Lead-free soldering compatible
YPY1114C-0005 STANLEY-YPY1114C-0005 Datasheet
264Kb / 14P
   Single Color 1608 (h=0.4 mm) Type
More results

Similar Description - YPY1112H

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
YPY1104B STANLEY-YPY1104B Datasheet
259Kb / 18P
   Single Color High Brightness Type
FR1113F-TR STANLEY-FR1113F-TR Datasheet
311Kb / 18P
   Single Color High Brightness Type
FY1112H-TR STANLEY-FY1112H-TR Datasheet
368Kb / 20P
   Single Color High Brightness Type
FY1101F-TR STANLEY-FY1101F-TR Datasheet
288Kb / 16P
   Single Color High Brightness Type
FR1105W-RR STANLEY-FR1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
FR1111C-TR STANLEY-FR1111C-TR Datasheet
374Kb / 20P
   Single Color High Brightness Type
FY1101F STANLEY-FY1101F Datasheet
245Kb / 16P
   Single Color High Brightness Type
YBG1105W STANLEY-YBG1105W Datasheet
396Kb / 19P
   Single Color High Brightness Type
FY1112C-TR STANLEY-FY1112C-TR Datasheet
281Kb / 16P
   Single Color High Brightness Type
logo
Stanford Microdevices
FY1105W-RR STANFORD-FY1105W-RR Datasheet
440Kb / 19P
   Single Color High Brightness Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com