Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTX1N2971BBE3 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JANTX1N2971BBE3
Description  10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N2971BBE3 Datasheet(HTML) 2 Page - Microsemi Corporation

  JANTX1N2971BBE3 Datasheet HTML 1Page - Microsemi Corporation JANTX1N2971BBE3 Datasheet HTML 2Page - Microsemi Corporation JANTX1N2971BBE3 Datasheet HTML 3Page - Microsemi Corporation JANTX1N2971BBE3 Datasheet HTML 4Page - Microsemi Corporation JANTX1N2971BBE3 Datasheet HTML 5Page - Microsemi Corporation JANTX1N2971BBE3 Datasheet HTML 6Page - Microsemi Corporation JANTX1N2971BBE3 Datasheet HTML 7Page - Microsemi Corporation JANTX1N2971BBE3 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
T4-LDS-0075, Rev. 3 (5/24/13)
©2013 Microsemi Corporation
Page 2 of 8
1N2970B – 1N3015B and
1N3993A – 1N3998A
MECHANICAL and PACKAGING
CASE: Industry standard DO-4, (DO-203AA), 7/16” hex, stud with 10-32 threads, welded, hermetically sealed metal and glass.
TERMINALS: Tin-lead plated or RoHS compliant matte-tin plating (commercial grade only) on nickel.
POLARITY: 1N2970B – 1N3015B: Std. Polarity is anode to stud. Reverse polarity (cathode to stud) indicated by suffix “RB”.
1N3993A – 1N3998A: Std. Polarity is cathode to stud. Reverse polarity (anode to stud) indicated by suffix “RA”.
MOUNTING HARDWARE: Consult factory for optional insulator, bushing solder terminal, washers, and nut.
WEIGHT: Approximately 7.5 grams.
See Package Dimensions on last page.
PART NOMENCLATURE
1N2970 – 1N3015 series only:
JAN
1N2970
R B
e3
Reliability Level
JAN = JAN level
JANTX = JANTX level
JANTXV = JANTXV level
Blank = Commercial
JEDEC type number
(see Electrical Characteristics
table)
RoHS Compliance
e3 = RoHS compliant (available
on commercial grade only)
Blank = non-RoHS compliant
5% Tolerance
(Consult factory for other
tolerances)
Polarity
blank = Standard (Anode to
Stud)
R = Reverse (Cathode to Stud)
1N3993 – 1N3998 series only:
JAN
1N3993
R A
e3
Reliability Level
JAN = JAN level
JANTX = JANTX level
JANTXV = JANTXV level
Blank = Commercial
JEDEC type number
(see Electrical Characteristics
table)
RoHS Compliance
e3 = RoHS compliant (available
on commercial grade only)
Blank = non-RoHS compliant
5% Tolerance
(Consult factory for other
tolerances)
Polarity
blank = Standard (Cathode to
Stud)
R = Reverse (Anode to Stud)


Similar Part No. - JANTX1N2971BBE3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N2971B MICROSEMI-JANTX1N2971B Datasheet
215Kb / 4P
   10 WATT ZENER DIODES
More results

Similar Description - JANTX1N2971BBE3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
1N6051AJANTX MICROSEMI-1N6051AJANTX Datasheet
534Kb / 7P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPESSOR Qualified per MIL-PRF-19500/507
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
   Schottky Barrier Diode Qualified per MIL-PRF-19500/444
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
JANS2N2222A MICROSEMI-JANS2N2222A Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com