Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB18NM80 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STB18NM80
Description  N-channel 800 V, 0.25 廓, 17 A, MDmes Power MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB18NM80 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STB18NM80 Datasheet HTML 7Page - STMicroelectronics STB18NM80 Datasheet HTML 8Page - STMicroelectronics STB18NM80 Datasheet HTML 9Page - STMicroelectronics STB18NM80 Datasheet HTML 10Page - STMicroelectronics STB18NM80 Datasheet HTML 11Page - STMicroelectronics STB18NM80 Datasheet HTML 12Page - STMicroelectronics STB18NM80 Datasheet HTML 13Page - STMicroelectronics STB18NM80 Datasheet HTML 14Page - STMicroelectronics STB18NM80 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
STB18NM80, STF18NM80, STP18NM80, STW18NM80
Package mechanical data
Doc ID 15421 Rev 5
11/21
Figure 22.
D²PAK (TO-263) drawing
Figure 23.
D²PAK footprint(a)
a.
All dimensions are in millimeters
0079457_T
16.90
12.20
9.75
3.50
5.08
1.60
Footprint


Similar Part No. - STB18NM80

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB18NM80 ISC-STB18NM80 Datasheet
336Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STB18NM80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF18NM80 STMICROELECTRONICS-STF18NM80 Datasheet
1Mb / 21P
   N-channel 800 V, 0.25 廓, 17 A, MDmesh??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
logo
Fairchild Semiconductor
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQPF6N80CT FAIRCHILD-FQPF6N80CT Datasheet
1,018Kb / 10P
   N-Channel QFET짰 MOSFET 800 V, 5.5 A, 2.5 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
logo
STMicroelectronics
STF24NM60N STMICROELECTRONICS-STF24NM60N Datasheet
996Kb / 19P
   N-channel 600 V, 0.168 廓, 17 A MDmesh??II Power MOSFET
logo
Fairchild Semiconductor
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQA10N80C-F109 FAIRCHILD-FQA10N80C-F109 Datasheet
435Kb / 8P
   FQA10N80C_F109 N-Channel QFET짰 MOSFET 800 V, 10 A, 1.1 廓
FQD5N15TM FAIRCHILD-FQD5N15TM Datasheet
846Kb / 8P
   N-Channel QFET짰 MOSFET 150 V, 4.3 A, 800 m廓
logo
STMicroelectronics
STB21NK50Z STMICROELECTRONICS-STB21NK50Z Datasheet
360Kb / 13P
   N-channel 500 V, 0.23 廓, 17 A, D2PAK Zener-protected superMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com