Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTX1N4468ME3 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # JANTX1N4468ME3
Description  VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N4468ME3 Datasheet(HTML) 3 Page - Microsemi Corporation

  JANTX1N4468ME3 Datasheet HTML 1Page - Microsemi Corporation JANTX1N4468ME3 Datasheet HTML 2Page - Microsemi Corporation JANTX1N4468ME3 Datasheet HTML 3Page - Microsemi Corporation JANTX1N4468ME3 Datasheet HTML 4Page - Microsemi Corporation JANTX1N4468ME3 Datasheet HTML 5Page - Microsemi Corporation JANTX1N4468ME3 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
T4-LDS-0183, Rev. 3 (120901)
©2012 Microsemi Corporation
Page 3 of 6
1N4460 – 1N4496 and 1N6485 – 1N6491
ELECTRICAL CHARACTERISTICS @ 25 ºC Case temperature
TYPE
NOMINAL
ZENER
VOLTAGE
VZ
TEST
CURRENT
IZT
MAXIMUM
DYNAMIC
IMPEDANCE
ZZT @ IZT
MAXIMUM KNEE
IMPEDANCE
ZZK @ IZK
MAXIMUM
REVERSE
CURRENT
IR @ VR
MAXIMUM
CONTINUOUS
CURRENT
IZM
(Note 1)
SURGE
CURRENT
@ 8.3 ms
square wave
IZSM
Volts
mA
Ohms
Ohms
mA
µA
Volts
mA
Amps
1N4460
1N4461
1N4462
1N4463
6.2
6.8
7.5
8.2
40.0
37.0
34.0
31.0
4
2.5
2.5
3
200
200
400
400
1.0
1.0
.5
.5
10.0
5.0
1.0
.50
3.72
4.08
4.50
4.92
230
210
191
174
2.3
2.1
1.9
1.7
1N4464
1N4465
1N4466
1N4467
9.1
10.0
11.0
12.0
28.0
25.0
23.0
21.0
4
5
6
7
500
500
550
550
.5
.25
.25
.25
.30
.30
.30
.20
5.46
8.00
8.80
9.60
157
143
130
119
1.6
1.4
1.3
1.2
1N4468
1N4469
1N4470
1N4471
13.0
15.0
16.0
18.0
19.0
17.0
15.5
14.0
8
9
10
11
550
600
600
650
.25
.25
.25
.25
.05
.05
.05
.05
10.4
12.0
12.8
14.4
110
95
90
79
1.1
.95
.90
.79
1N4472
1N4473
1N4474
1N4475
20.0
22.0
24.0
27.0
12.5
11.5
10.5
9.5
12
14
16
18
650
650
700
700
.25
.25
.25
.25
.05
.05
.05
.05
16.0
17.6
19.2
21.6
71
65
60
53
.71
.65
.60
.53
1N4476
1N4477
1N4478
1N4479
30.0
33.0
36.0
39.0
8.5
7.5
7.0
6.5
20
25
27
30
750
800
850
900
.25
.25
.25
.25
.05
.05
.05
.05
24.0
26.4
28.8
31.2
48
43
40
37
.48
.43
.40
.37
1N4480
1N4481
1N4482
1N4483
43.0
47.0
51.0
56.0
6.0
5.5
5.0
4.5
40
50
60
70
950
1000
1100
1300
.25
.25
.25
.25
.05
.05
.05
.25
34.4
37.6
40.8
44.8
33
30
28
26
.33
.30
.28
.26
1N4484
1N4485
1N4486
1N4487
62.0
68.0
75.0
82.0
4.0
3.7
3.3
3.0
80
100
130
160
1500
1700
2000
2500
.25
.25
.25
.25
.25
.25
.25
.25
49.6
54.4
60.0
65.6
23
21
19
17
.23
.21
.19
.17
1N4488
1N4489
1N4490
1N4491
91.0
100.0
110.0
120.0
2.8
2.5
2.3
2.0
200
250
300
400
3000
3100
4000
4500
.25
.25
.25
.25
.25
.25
.25
.25
72.8
80.0
88.0
96.0
16
14
13
12
.16
.14
.13
.12
1N4492
1N4493
1N4494
1N4495
130.0
150.0
160.0
180.0
1.9
1.7
1.6
1.4
500
700
1000
1300
5000
6000
6500
7000
.25
.25
.25
.25
.25
.25
.25
.25
104.0
120.0
128.0
144.0
11
9.5
8.9
7.9
.11
.095
.089
.079
1N4496
200.0
1.2
1500
8000
.25
.25
160.0
7.2
.072
1N6485
1N6486
1N6487
1N6488
3.3
3.6
3.9
4.3
76.0
69.0
64.0
58.0
10
10
9
9
400
400
400
400
1.0
1.0
1.0
1.0
50
50
35
5.0
1.0
1.0
1.0
1.0
433
397
366
332
4.2
3.9
3.6
3.3
1N6489
1N6490
1N6491
4.7
5.1
5.6
53.0
49.0
45.0
8
7
5
500
500
600
1.0
1.0
1.0
4.0
1.0
0.5
1.0
1.0
2.0
304
280
255
3.0
2.7
2.5
NOTE:
1. See “Maximum Ratings” for PD temperature conditions for leaded package where IZM is applicable.


Similar Part No. - JANTX1N4468ME3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N4468 MICROSEMI-JANTX1N4468 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
JANTX1N4468US MICROSEMI-JANTX1N4468US Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
More results

Similar Description - JANTX1N4468ME3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460_10 Datasheet
185Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
1N4954US MICROSEMI-1N4954US Datasheet
503Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
logo
Motorola, Inc
1N4728A MOTOROLA-1N4728A Datasheet
113Kb / 9P
   One Watt Hermetically Sealed Glass Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N4728 NJSEMI-1N4728 Datasheet
146Kb / 1P
   ONE WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
1N4728A NJSEMI-1N4728A Datasheet
185Kb / 1P
   1 WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com