Selected language     English  ▼


KTD251B104M32A0T00 Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part No. KTD251B104M32A0T00
Description  DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHEMI-CON [United Chemi-Con, Inc.]
Homepage  http://www.chemi-con.com
Logo 

   
 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
◆SPECIFICATIONS
10
Temperature Cycle
For 5 cycles for above temperature cycle.
11
Humidity Load Life
12
Endurance
Appearance : No abnormality.
ΔC/C :±20%
D.F. : 10% maximum
I.R. : 25/CR(M
Ω) or 1000(MΩ)
whichever is less.
Appearance : No abnormality.
ΔC/C :±15%
D.F. : To meet the initial specification
I.R. : To meet the initial specification
Appearance : No abnormality.
ΔC/C :±20%
D.F. : 10% maximum
I.R. : 50/CR(M
Ω) or 1000(MΩ)
whichever is less.
Temperature : 40
±2℃
Humidity
: 90 to 95%RH
Voltage
: Rated voltage
Time
: 500
± hours
24
Temperature : 125
±3℃
Voltage
: Rated voltage
Time
: 1000
± hours
48
Step
1
2
Temperature (
℃)
Min. Category temperature
±3
Room temperature
(min.)
30
±3
3 max.
3
4
Max. Category temperature
±3
Room temperature
30
±3
3 max.
0
0
*CR : Rated Capacitance(μF)
5
Rated Ripple Current
10kHz to 1MHz (sine curve)
Ripple voltage Vp shall be less than the rated voltage.
Test Condition
Specification
Items
No.
8
Solderability
Min. 75% of surface of the termination
shall be covered with new solder.
Solder Temperature : 350
±10℃
Resistance to Soldering Heat
9
Dipping Time
: 3
±0.5 sec.
Depth
: 1.5 to 2mm
Appearance : No abnormality.
ΔC/C :±15%
D.F. : Satisfy the initial spec.
Tension
Bending
6
7
Robustness
of
Terminations
Vibration
No visible damage.
Appearance : No abnormality.
Capacitance : To meet the initial
specification.
D.F. : To meet the initial specifications.
Lead
φ (mm)
0.5 max.
Tensile(N)
5
(sec.)
10
±1
Time : 2times.
The force applied shall be :
Amplitude
: 1.5mm
Frequency range
: 10-55-10Hz (1 min)
Direction and time
:
2 hours each to X, Y, Z axis. Total 6 hours.
Lead
φ (mm)
0.5 max.
Bending(N)
2.5
(kg)
0.25
Size code
32
0.3
43
0.8
55
1.0
Arms
Solder
Solder Temperature
Dipping Time
Eutectic
235
±5℃
Pb Free
245
±5℃
2
±0.5sec.
(2/3)
NTDSeries
CAT. No. E1002R




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl