Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANS2N5666 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # JANS2N5666
Description  NPN POWER SILICON SWITCHING TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANS2N5666 Datasheet(HTML) 3 Page - Microsemi Corporation

  JANS2N5666 Datasheet HTML 1Page - Microsemi Corporation JANS2N5666 Datasheet HTML 2Page - Microsemi Corporation JANS2N5666 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN POWER SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/455
T4-LDS-0062 Rev. 1 (081095)
Page 3 of 3
SAFE OPERATING AREA
DC Tests
TC = 100°C, 1 Cycle, t ≥ 1.0s, tr + tf = 10μs
Test 1
VCE = 6.0Vdc, IC = 5.0Adc
VCE = 3.0Vdc, IC = 5.0Adc
2N5664 , 2N5665
2N5666, 2N5667
Test 2
VCE = 32Vdc, IC = 0.75Adc
VCE = 40Vdc, IC = 0.75Adc
VCE = 29Vdc, IC = 0.4Adc
VCE = 37.5Vdc, IC = 0.4Adc
2N5664
2N5665
2N5666
2N5667
Test 3
VCE = 200Vdc, IC = 29mAdc
VCE = 200Vdc, IC = 19mAdc
VCE = 300Vdc, IC = 21mAdc
VCE = 300Vdc, IC = 14mAdc
2N5664
2N5666
2N5665
2N5667
(2) Pulse Test: Pulse Width = 300µs, Duty Cycle ≤ 2.0%


Similar Part No. - JANS2N5666

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS2N5151 MICROSEMI-JANS2N5151 Datasheet
178Kb / 4P
   PNP POWER SILICON TRANSISTOR
JANS2N5151L MICROSEMI-JANS2N5151L Datasheet
178Kb / 4P
   PNP POWER SILICON TRANSISTOR
JANS2N5151U3 MICROSEMI-JANS2N5151U3 Datasheet
178Kb / 4P
   PNP POWER SILICON TRANSISTOR
JANS2N5153 MICROSEMI-JANS2N5153 Datasheet
178Kb / 4P
   PNP POWER SILICON TRANSISTOR
JANS2N5153L MICROSEMI-JANS2N5153L Datasheet
178Kb / 4P
   PNP POWER SILICON TRANSISTOR
More results

Similar Description - JANS2N5666

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZUMT619 ZETEX-ZUMT619 Datasheet
123Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX1051A ZETEX-FCX1051A Datasheet
49Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX617 ZETEX-FCX617 Datasheet
82Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
ZUMT617 ZETEX-ZUMT617 Datasheet
128Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
FCX690B ZETEX-FCX690B Datasheet
83Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
logo
Microsemi Corporation
2N3996 MICROSEMI-2N3996 Datasheet
65Kb / 2P
   NPN POWER SWITCHING SILICON TRANSISTOR
logo
TT Electronics.
BUX45X TTELEC-BUX45X Datasheet
203Kb / 3P
   SILICON NPN POWER SWITCHING TRANSISTOR
logo
Seme LAB
2N5667N1 SEME-LAB-2N5667N1 Datasheet
347Kb / 3P
   NPN POWER SILICON SWITCHING TRANSISTOR
logo
Microsemi Corporation
2N5339 MICROSEMI-2N5339 Datasheet
56Kb / 2P
   NPN POWER SILICON SWITCHING TRANSISTOR
JANS2N5339 MICROSEMI-JANS2N5339 Datasheet
184Kb / 4P
   NPN POWER SILICON SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
FCX1047A KEXIN-FCX1047A Datasheet
52Kb / 2P
   NPN Silicon Power Switching Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com