Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANTX1N4461CME3 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # JANTX1N4461CME3
Description  VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTX1N4461CME3 Datasheet(HTML) 6 Page - Microsemi Corporation

  JANTX1N4461CME3 Datasheet HTML 1Page - Microsemi Corporation JANTX1N4461CME3 Datasheet HTML 2Page - Microsemi Corporation JANTX1N4461CME3 Datasheet HTML 3Page - Microsemi Corporation JANTX1N4461CME3 Datasheet HTML 4Page - Microsemi Corporation JANTX1N4461CME3 Datasheet HTML 5Page - Microsemi Corporation JANTX1N4461CME3 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
T4-LDS-0183, Rev. 3 (120901)
©2012 Microsemi Corporation
Page 6 of 6
1N4460 – 1N4496 and 1N6485 – 1N6491
PACKAGE DIMENSIONS
NOTES:
1.
Dimensions are in inches.
2.
Millimeters are given for general information only.
3.
Package contour optional with BD and length BL. Heat slugs, if any,
shall be included within this cylinder length but shall not be subject to
minimum limit of BD.
4.
The specified lead diameters apply in the zone between .050 inch
(1.27 mm) from the diode body and the end of the lead.
5.
In accordance with ASME Y14.5M, diameters are equivalent to
Φx
symbology.
DIMENSIONS
Ltr
INCH
MILLIMETERS
Notes
Min
Max
Min
Max
BD
.060
.085
1.52
2.16
3
BL
.106
.160
2.69
4.06
3
LD
.028
.032
0.71
0.81
LL
.800
1.300
20.32
33.02
LU
.050
1.27
4


Similar Part No. - JANTX1N4461CME3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTX1N4461 MICROSEMI-JANTX1N4461 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
JANTX1N4461 MICROSEMI-JANTX1N4461 Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
JANTX1N4461US MICROSEMI-JANTX1N4461US Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
JANTX1N4461US MICROSEMI-JANTX1N4461US Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
More results

Similar Description - JANTX1N4461CME3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460_10 Datasheet
185Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
1N4954US MICROSEMI-1N4954US Datasheet
503Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
logo
Motorola, Inc
1N4728A MOTOROLA-1N4728A Datasheet
113Kb / 9P
   One Watt Hermetically Sealed Glass Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N4728 NJSEMI-1N4728 Datasheet
146Kb / 1P
   ONE WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
1N4728A NJSEMI-1N4728A Datasheet
185Kb / 1P
   1 WATT HERMETICALLY SEALED GLASS SILICON ZENER DIODES
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com