Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVND2A Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EVND2A
Description  Carbon Composition Trimmer Po ten ti om e ters/EVND
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVND2A Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EVND2A Datasheet HTML 1Page - Panasonic Semiconductor EVND2A Datasheet HTML 2Page - Panasonic Semiconductor EVND2A Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Carbon Composition Trimmer Potentiometers/EVND
– EV24 –
6.4
12.7
±1.0
1.3 max.
1.3 max.
5.00
±0.05
0.6
0.3
±0.1
(
φ2.5)
Resistance
φ3.2
2-0.85
0.8+0.1
#2
#1
#3
6
2-0.5
0.1
0
+
2-
φ1.0
0.1
0
+
+
φ1.3 0.1
0
+
3 max.
1 max.
1 max.
6.35
±1.30 P=12.7±0.3
0.25
Mounting
surface
3.0
±0.3
0.3
±0.1
(1.7)
PWB mounting
hole for reference
3.85
±0.70
0.8
0
5.0
4.4 min.
φ4.0±0.3
CW
#1
#3
#2
The pattern foil of PWB shall
not be in this dotted square
area.
A
A
Adhesive tape shall
not be over from
base paper.
A
Section
A
2 max.
Circuit diagram
#2
#1
#3
6.4
Resistance
Mounting
surface
Mounting surface
Adhesive tape shall
not be over from
base paper.
Adhesive tape
φ3.2
2-0.85
0.8
±0.1
φ2
3
2-0.5
0.1
0
+
0.6
φ2–1.0 0.1
0
+
φ1.3 0.1
0
+
3.0
0.5
0.2
+
(
φ2.5)
(0.25)
5.00
±0.05
6
12.7
±1.0
2 max.
1.3 max.
1.3 max.
0.3
(0.25)
0.3
±0.1
Circuit diagram
CW
#1
#3
#2
5.0
±0.8 3.85±0.70
A
6.35
±1.30 P=12.7±0.3
φ4.0±0.3
A
A
Section
A
EIAJ RC-1008 shall be applied
to items not specified here.
The pattern foil of PWB shall
not be in this dotted square
area.
PWB mounting hole for reference
View from mounting side
1max.
1 max.
5.00
±0.05
0.8
±0.1
2.2
5.0
±0.8
3.85
±0.70
6.35
±1.30
1.3 max.
1.3 max.
12.7
±1.0
6.4
1.7
(2.05)
1max.
1 max.
3.4
6.8
3.4
12.7
±0.3
Resistance
Circuit diagram
CW
#1
#3
#2
Mounting
surface
AA
2 max.
A
A
Adhesive tape shall
not beoverfrom
base paper.
φ40±0.3
0.3
(0.5)
0.9
2.50
±0.35
0.3
PWB mounting hole
for reference
View from mounting side
Adhesive tape
0.5
0.1
0
+
φ1.3 0.1
0
+
φ2-1.0 0.1
0
+
Section
No. 3
No. 4
No. 5
Radial Taping Products
● Side-adjust ............................................................................................................................................................ EVNDCA
● Top-adjust............................................................................................................................................................... EVNDJA
● Top-adjust...............................................................................................................................................................EVNDXA
Knob color
Orange yellow
Knob color
Orange yellow
Knob color
Orange yellow
Oct. 2012
00


Similar Part No. - EVND2A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVNDJA PANASONIC-EVNDJA Datasheet
162Kb / 3P
   6FE Square Trimmer Potentiometers
More results

Similar Description - EVND2A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVN-D2AA03B52 PANASONIC-EVN-D2AA03B52 Datasheet
152Kb / 3P
   Carbon Composition Trimmer Po ten ti om e ters/EVND
EVN-DCAA03B13 PANASONIC-EVN-DCAA03B13 Datasheet
152Kb / 3P
   Carbon Composition Trimmer Po ten ti om e ters/EVND
EVN-D8AA03B53 PANASONIC-EVN-D8AA03B53 Datasheet
152Kb / 3P
   Carbon Composition Trimmer Po ten ti om e ters/EVND
EVN-D8AA03B52 PANASONIC-EVN-D8AA03B52 Datasheet
152Kb / 3P
   Carbon Composition Trimmer Po ten ti om e ters/EVND
EVN-D8AA03B25 PANASONIC-EVN-D8AA03B25 Datasheet
152Kb / 3P
   Carbon Composition Trimmer Po ten ti om e ters/EVND
EVL-HFAA01B24 PANASONIC-EVL-HFAA01B24 Datasheet
223Kb / 3P
   Compact Thumb-wheel Driving Rotary Po ten ti om e ters
EVL-HFKA05B54 PANASONIC-EVL-HFKA05B54 Datasheet
223Kb / 3P
   Compact Thumb-wheel Driving Rotary Po ten ti om e ters
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
logo
Panasonic Semiconductor
EVN-5ESX50B54 PANASONIC-EVN-5ESX50B54 Datasheet
85Kb / 2P
   3 mm Square SMT Trimmer Potentiometers (Carbon Composition, Dustproof Type)
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com