Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQ9P6B40 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EVQ9P6B40
Description  Light Touch Switches/EVQP6/6P6/7P6/9P6
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQ9P6B40 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EVQ9P6B40 Datasheet HTML 1Page - Panasonic Semiconductor EVQ9P6B40 Datasheet HTML 2Page - Panasonic Semiconductor EVQ9P6B40 Datasheet HTML 3Page - Panasonic Semiconductor EVQ9P6B40 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Light Touch Switches/EVQP6/6P6/7P6/9P6
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES68 –
B'
A'
B
A
(0.5)
4.1
±0.2
(4.3)
A
B
A'
B'
4.7
3.7
B
A
Circuit diagram
0.7
A'
B'
(0.8)
(1.6)
A
B
A'
B'
(1.4)
(3.7)
(2.4)
(1.6)
(5-
φ0.4)
φ2.6
0.43
GND
Part of A-A' terminal is exposed
at
area.
Any land pattern or vias shall not
be provided at
area.
PWB land pattern for reference
Operation point
Part Numbers
Operating Force
Height
Operating Life
EVQ7P6B40
1.0 N
0.43 mm
1000000 cycles
EVQ6P6B40
1.6 N
0.43 mm
1000000 cycles
EVQ9P6B40
2.4 N
0.43 mm
500000 cycles
No. 3
EVQ7P6
EVQ6P6
EVQ9P6
(Embossed Taping)
Surface mount
For reflow soldering
Without push plate
With Ground Terminal
Dimensions in mm (not to scale)
Oct. 2012
00


Similar Part No. - EVQ9P6B40

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ9P6 PANASONIC-EVQ9P6 Datasheet
129Kb / 4P
   4 mm Square SMD Light Touch Switch
More results

Similar Description - EVQ9P6B40

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQQ0C PANASONIC-EVQQ0C Datasheet
111Kb / 3P
   Light Touch Switches
EVQPVA05K PANASONIC-EVQPVA05K_16 Datasheet
103Kb / 2P
   Light Touch Switches
EVQ9P701K PANASONIC-EVQ9P701K Datasheet
143Kb / 4P
   Light Touch Switches
EVQPS0202K PANASONIC-EVQPS0202K Datasheet
112Kb / 4P
   Light Touch Switches
EVQPLA PANASONIC-EVQPLA Datasheet
89Kb / 3P
   Light Touch Switches
EVQP4HB3B PANASONIC-EVQP4HB3B_16 Datasheet
129Kb / 3P
   Light Touch Switches
EVPAX PANASONIC-EVPAX Datasheet
93Kb / 2P
   Light Touch Switches
EVQPAC04M PANASONIC-EVQPAC04M_12 Datasheet
86Kb / 3P
   5N Type Light Touch Switches Light Touch Switches/EVQPA/PB
EVQ-PPHA25 PANASONIC-EVQ-PPHA25 Datasheet
97Kb / 4P
   Light Touch Switches/EVQPP
EVQ-P8203M PANASONIC-EVQ-P8203M Datasheet
98Kb / 3P
   Light Touch Switches/EVQP4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com