Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ8043 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAZ8043
Description  MAZ8xxx Series (MA8000 Series) Silicon planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ8043 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAZ8043 Datasheet HTML 1Page - Panasonic Semiconductor MAZ8043 Datasheet HTML 2Page - Panasonic Semiconductor MAZ8043 Datasheet HTML 3Page - Panasonic Semiconductor MAZ8043 Datasheet HTML 4Page - Panasonic Semiconductor MAZ8043 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Zener Diodes
1
Publication date: March 2004
SKE00007CED
MAZ8xxx Series (MA8000 Series)
Silicon planar type
For stabilization of power supply
■ Features
• Extremely low noise voltage caused from the diode (2.4 V to
39V, 1/3 to 1/10 of our conventional MAZ3xxx series)
• Extremely good rising performance (in the low-current range)
• Easy-to-select the optimum diode because of their finely divided
zener-voltage ranks
• Guaranteed reliability, equivalent to that of conventional products
(Mini type package)
• Allowing to reduce the mounting area, thickness and weight
substantially, compared with those of the conventional products
• Allowing both reflow and flow mode of automatic soldering
• Allowing automatic mounting by an existing chip mounter
■ Absolute Maximum Ratings T
a = 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Repetitive peak forward current
IFRM
200
mA
Power dissipation *
PD
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
■ Common Electrical Characteristics T
a
= 25°C ± 3°C *1
1: Anode
2: Cathode
EIAJ: SC-76
SMini2-F1 Package
Marking Symbol
Refer to the list of the electrical
characteristics within part numbers
(Example) MAZ8082: 8_2 or 8-2 or 8^2
1.25±0.1
0.7±0.1
0.16
0.5±0.1
1
2
+0.1
–0.06
0.35±0.1
0 to 0.1
Note) *:PD = 150 mW achieved with a printed circuit board
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 10 mA
0.9
1.0
V
Zener voltage *
2
VZ
IZ
Specified value
V
Zener rise operating resistance
RZK
IZ
Specified value
Zener operating resistance
RZ
IZ
Specified value
Reverse current
IR
VR
Specified value
µA
Temperature coefficient of zener voltage *
3
SZ
IZ
Specified value
mV/
°C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. Absolute frequency of input and output is 5 MHz.
3. *1: The temperature must be controlled 25°C for VZ mesurement.
VZ value measured at other temperature must be adjusted to VZ (25°C)
*2: VZ guaranteed 20 ms after current flow.
*3: Tj
= 25°C to 150°C
Refer to the list of the
electrical characteristics
within part numbers
Note) The part number in the parenthesis shows conventional part number.
This product complies with the RoHS Directive (EU 2002/95/EC).


Similar Part No. - MAZ8043

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ8043 PANASONIC-MAZ8043 Datasheet
69Kb / 5P
   Silicon planar type
MAZ8043 PANASONIC-MAZ8043 Datasheet
268Kb / 5P
   Silicon planar type For stabilization of power supply
MAZ8043-H PANASONIC-MAZ8043-H Datasheet
69Kb / 5P
   Silicon planar type
MAZ8043-L PANASONIC-MAZ8043-L Datasheet
69Kb / 5P
   Silicon planar type
MAZ8043-M PANASONIC-MAZ8043-M Datasheet
69Kb / 5P
   Silicon planar type
More results

Similar Description - MAZ8043

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZ8068GML PANASONIC-MAZ8068GML Datasheet
687Kb / 8P
   MAZ8xxxG Series Silicon planar type
UNR4121 PANASONIC-UNR4121 Datasheet
152Kb / 7P
   UNR412x Series (UN412x Series) Silicon PNP epitaxial planar type
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com