Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N72241N6072AE3 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N72241N6072AE3
Description  1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPESSOR Qualified per MIL-PRF-19500/507
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N72241N6072AE3 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N72241N6072AE3 Datasheet HTML 1Page - Microsemi Corporation 2N72241N6072AE3 Datasheet HTML 2Page - Microsemi Corporation 2N72241N6072AE3 Datasheet HTML 3Page - Microsemi Corporation 2N72241N6072AE3 Datasheet HTML 4Page - Microsemi Corporation 2N72241N6072AE3 Datasheet HTML 5Page - Microsemi Corporation 2N72241N6072AE3 Datasheet HTML 6Page - Microsemi Corporation 2N72241N6072AE3 Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
T4-LDS-0097, Rev. 3 (120714)
©2012 Microsemi Corporation
Page 2 of 7
1N6036(A) thru 1N6072(A)
MAXIMUM RATINGS
Parameters/Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ and TSTG
-55 to +175
ºC
Peak Pulse Power @ TL = +25 ºC
(1)
P PP
1500
W
Rated Average Power Dissipation @ TL
≤ +125 ºC
(2)
P M(AV)
1
W
Solder Temperature @ 10 s
TSP
260
oC
Notes: 1. At 10/1000 us with repetition rate of 0.01% or less (see Figures 1, 2, & 4).
2. At 10 mm from body (see derating in Figure 3 and note below).
MECHANICAL and PACKAGING
• CASE: DO-13 (DO-202AA), welded, hermetically sealed metal and glass.
• TERMINALS: All external metal surfaces are tin-lead plated and solderable per MIL-STD-750 method 2026.
• MARKING: Part number.
• POLARITY: Not applicable for bidirectional TVS.
• TAPE & REEL option: Standard per EIA-296 (add “TR” suffix to part number). Consult factory for quantities.
• WEIGHT: Approx 1.4 grams.
• See Package Dimensions on last page.
PART NOMENCLATURE
JAN
1N6036
A
(e3)
Reliability Level
JAN = JAN level
JANTX = JANTX level
JANTXV = JANTXV level
(All of the above require “A” suffix)
Blank = Commercial
JEDEC type number
(See Electrical Characteristics
table)
RoHS Compliance
e3 = RoHS compliant (available
on commercial grade only)
Blank = non-RoHS compliant
Voltage Tolerance
A = 5%
Blank = 10%
SYMBOLS & DEFINITIONS
Symbol
Definition
VWM
Standoff Voltage: Applied Reverse Voltage to assure a nonconductive condition.
V (BR)
Breakdown Voltage: This is the Breakdown Voltage the device will exhibit at 25
oC.
V C
Maximum Clamping Voltage: The maximum peak voltage appearing across the TVS when subjected to the peak pulse
current in a one millisecond time interval. The peak pulse voltage is the combination of voltage rise due to both the
series resistance and thermal rise and positive temperature coefficient (
α
V(BR) ).
IPP
Peak Pulse Current: The peak current during the impulse. (See Figure 2)
P PP
Peak Pulse Power: The pulse power as determined by the product of V C and IPP.
ID
Standby Current: The current at the standoff voltage (VWM).
I(BR)
Breakdown Current: The current used for measuring Breakdown Voltage (V(BR)).


Similar Part No. - 2N72241N6072AE3

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N7224 SEME-LAB-2N7224 Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
logo
International Rectifier
2N7224 IRF-2N7224 Datasheet
312Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED
logo
Microsemi Corporation
2N7224 MICROSEMI-2N7224 Datasheet
102Kb / 2P
   N-CHANNEL MOSFET
logo
Sensitron
2N7224 SENSITRON-2N7224 Datasheet
66Kb / 3P
   HERMETIC POWER MOSFET N-CHANNEL
logo
Microsemi Corporation
2N7224 MICROSEMI-2N7224 Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
More results

Similar Description - 2N72241N6072AE3

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N2982BJAN MICROSEMI-1N2982BJAN Datasheet
482Kb / 8P
   10 Watt Zener Diodes Qualified per MIL-PRF-19500/124
JAN2N6766 MICROSEMI-JAN2N6766 Datasheet
1,006Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JAN2N6802 MICROSEMI-JAN2N6802 Datasheet
1Mb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/557
JAN2N6788 MICROSEMI-JAN2N6788 Datasheet
677Kb / 7P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/555
1N5712-1JANTX MICROSEMI-1N5712-1JANTX Datasheet
459Kb / 7P
   Schottky Barrier Diode Qualified per MIL-PRF-19500/444
JANTX1N3893 MICROSEMI-JANTX1N3893 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
2N6768T1 MICROSEMI-2N6768T1 Datasheet
1,001Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/543
JANTX2N3743 MICROSEMI-JANTX2N3743 Datasheet
60Kb / 2P
   PNP HIGH VOLTAGE SILICON TRANSISTOR Qualified per MIL-PRF-19500/397
2N7228JANTX MICROSEMI-2N7228JANTX Datasheet
950Kb / 9P
   N-CHANNEL MOSFET Qualified per MIL-PRF-19500/592
2N4091 MICROSEMI-2N4091 Datasheet
50Kb / 2P
   N-CHANNEL J-FET Qualified per MIL-PRF-19500/431
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com