Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431CD Datasheet(PDF) 4 Page - STMicroelectronics

Part # TL431CD
Description  Programmable voltage reference
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431CD Datasheet(HTML) 4 Page - STMicroelectronics

  TL431CD Datasheet HTML 1Page - STMicroelectronics TL431CD Datasheet HTML 2Page - STMicroelectronics TL431CD Datasheet HTML 3Page - STMicroelectronics TL431CD Datasheet HTML 4Page - STMicroelectronics TL431CD Datasheet HTML 5Page - STMicroelectronics TL431CD Datasheet HTML 6Page - STMicroelectronics TL431CD Datasheet HTML 7Page - STMicroelectronics TL431CD Datasheet HTML 8Page - STMicroelectronics TL431CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Absolute maximum ratings and operating conditions
TL431, TL432
4/21
Doc ID 4467 Rev 11
2
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VKA
Cathode to anode voltage
37
V
Ik
Continuous cathode current range
-100 to +150
mA
Iref
Reference input current range
-0.05 to +10
mA
Rthja
Thermal resistance junction to ambient(1)
TO-92
SO-8 batwing
SOT23-3L
SOT23-5L
SOT323-6L
1.
Short-circuits can cause excessive heating. These values are typical.
200
85
248
157
221
°C/W
Rthjc
Thermal resistance junction to case (1)
SO-8 batwing
SOT23-3L
SOT23-5L
SOT323-6L
30
136
67
110
°C/W
Tstg
Storage temperature range
-65 to +150
°C
TJ
Junction temperature
150
°C
ESD
TL431IY, TL431AIY-T: HBM (human body model) (2)
TL431-TL432: HBM (human body model)
MM: machine model (3)
CDM: charged device model (4)
2.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
3.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
4.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
3000
2000
200
1500
V
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VKA
Cathode to anode voltage
Vref to 36
V
Ik
Cathode current
1 to 100
mA
Toper
Operating free-air temperature range
TL431C/AC
TL431I/AI - TL432I/AI
TL431IY/AIY
0 to +70
-40 to +105
-40 to +125
°C


Similar Part No. - TL431CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431CD MOTOROLA-TL431CD Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
logo
First Components Intern...
TL431CD FCI-TL431CD Datasheet
465Kb / 9P
   Programmable Precision References
TL431CD FCI-TL431CD Datasheet
387Kb / 12P
   Programmable Precision Reference Sink Current Capability of 1.0 to 100mA
logo
ON Semiconductor
TL431CD ONSEMI-TL431CD Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
Texas Instruments
TL431CD TI-TL431CD Datasheet
1Mb / 67P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TL431CD

ManufacturerPart #DatasheetDescription
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
logo
STMicroelectronics
TL1431 STMICROELECTRONICS-TL1431_05 Datasheet
267Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com