Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1S8-0505 Datasheet(PDF) 1 Page - Recom International Power

Part # R1S8-0505
Description  1 Watt SMD Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R1S8-0505 Datasheet(HTML) 1 Page - Recom International Power

  R1S8-0505 Datasheet HTML 1Page - Recom International Power R1S8-0505 Datasheet HTML 2Page - Recom International Power R1S8-0505 Datasheet HTML 3Page - Recom International Power R1S8-0505 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E-24
www.recom-electronic.com
REV: 1/2013
Selection Guide
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
Capacitive
SMD
(3kV)
(VDC)
(VDC)
(mA)
(%)
Load(1)
R1S**-xx3.3
(H)
3.3, 5, 12, 15, 24
3.3
303
75
2200µF
R1S**-xx05
(H)
3.3, 5, 12, 15, 24
5
200
72-78
1000µF
R1S**-xx09
(H)
3.3, 5, 12, 15, 24
9
111
74-78
1000µF
R1S**-xx12
(H)
3.3, 5, 12, 15, 24
12
84
75-80
470µF
R1S**-xx15
(H)
3.3, 5, 12, 15, 24
15
66
75-82
470µF
R1S**-xx24
(H)
3.3, 5, 12, 15, 24
24
42
74-84
220µF
R1D**-xx3.3
(H)
3.3, 5, 12, 15, 24
±3.3
±152
75
±1000µF
R1D**-xx05
(H)
3.3, 5, 12, 15, 24
±5
±100
72-78
±470µF
R1D**-xx09
(H)
3.3, 5, 12, 15, 24
±9
±56
74-78
±470µF
R1D**-xx12
(H)
3.3, 5, 12, 15, 24
±12
±42
75-80
±220µF
R1D**-xx15
(H)
3.3, 5, 12, 15, 24
±15
±33
75-82
±220µF
R1D**-xx24
(H)
3.3, 5, 12, 15, 24
±24
±21
74-84
±100µF
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Input Voltage Range
±10%
Output Voltage Accuracy
±2% typ., ±5% max.
Line Voltage Regulation
All Variants
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3V output types
15% typ., 20% max.
(10% to 100% full load)
5V output type
12% typ., 15% max.
9V output type
7% typ., 10% max.
12V, 15V, 24V output types
6% typ., 10% max.
Output Ripple and Noise (20MHz BW limited)
50mVp-p typ., 100mVp-p max.
Operating Frequency
20kHz min. / 60kHz typ. / 100kHz max.
Efficiency at Full Load
See Selection Guide
Minimum Load = 0%
Specifications valid for 10% minimum load only.
cont.
1 Watt SMD
Single & Dual
Output
Fully RoHS 6/6 Conform
Full Power at 100°C Ambient Temperature
1kVDC or 3kVDC Isolation Options
UL /CSA Certified, CB Report
Suitable for Fully Automated Assembly
(including Vapour Phase Soldering)
Optional Continuous Short Circuit Protection
Efficiency to 84%
Built-In EN55022 Class A Filter
Features
Unregulated
Converters
R1S** : ** without marking denotes 5 pins out of 8 fitted (includes /H option)
** with marking 8 denotes 8 pins out of 8 fitted (/H option not available)
** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
R1D** : ** without marking denotes 6 pins out of 10 fitted (includes /H option)
** with marking 10 denotes with 10 pins out of 10 fitted (/H option not available)
** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
UL-60950-1 Certified
EN-60950-1 Certified
EN-60601-1 Certified*
(*/H suffix)
Case and Pinning Options (note restrictions on /H option)
xx = Input Voltage (other input and output voltage combinations available on request)
* add Suffix “H” for 3kV Isolation, e.g.
R1S-0505/H, R1D-0505/H, R1S12-0505/H, R1D12-0505/H
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
R1S8-0505/P, R1S-0505/HP, R1D12-0505/HP
* add suffix -R for tape & reel packing e.g.
R1S-0505-R. For more details see Application Notes.
R1S_R1D
ECONOLINE
DC/DC-Converter
with 3 year Warranty
Description
The R1S and R1D converters are of the
enclosed open frame type, i.e. they are
not potted.
The converters are typically used in
general purpose and industrial low
power isolation and voltage matching
applications where an SMD converter is
required.
The converter series feature an exten-
ded ambient temperature operating
range of -40°C ~ +100°C without
derating and optional continuous short
circuit protection.
In addition to two isolation options and
three different case formats, the
converters are also available prepacked
as tape and reel for use with automatic
insertion machines.
E358085
Refer to Application Notes
RoHS
2011/65/EU
6/6


Similar Part No. - R1S8-0505

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R1S8-3.305/E RECOM-R1S8-3.305/E Datasheet
111Kb / 2P
   1 Watt SMD Single Output
R1S8-3.305/E-R RECOM-R1S8-3.305/E-R Datasheet
111Kb / 2P
   1 Watt SMD Single Output
R1S8-3.305/EP RECOM-R1S8-3.305/EP Datasheet
111Kb / 2P
   1 Watt SMD Single Output
More results

Similar Description - R1S8-0505

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSS-121.8 RECOM-RSS-121.8 Datasheet
114Kb / 4P
   1 Watt SMD Single & Dual Output
R1DX RECOM-R1DX Datasheet
1Mb / 8P
   1 Watt SMD Single & Dual Output
R1M RECOM-R1M Datasheet
869Kb / 6P
   1 Watt SMD Single & Dual Output
REV.: 0/2023
R1S RECOM-R1S Datasheet
119Kb / 4P
   1 Watt SMD Single & Dual Output
RSS-1.81.8 RECOM-RSS-1.81.8_06 Datasheet
126Kb / 4P
   1 Watt SMD Single & Dual Output
RSS RECOM-RSS_10 Datasheet
249Kb / 6P
   1 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R1S-2405HP ETC2-R1S-2405HP Datasheet
126Kb / 4P
   1 Watt SMD Single Dual Output
logo
Recom International Pow...
R1D-1212 RECOM-R1D-1212 Datasheet
157Kb / 5P
   1 Watt SMD Single Dual Output
R1S-0515 RECOM-R1S-0515 Datasheet
126Kb / 4P
   1 Watt SMD Single Dual Output
R1S-2424 RECOM-R1S-2424 Datasheet
126Kb / 4P
   1 Watt SMD Single Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com