Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE5063A Datasheet(PDF) 4 Page - NTE Electronics

Part # NTE5063A
Description  NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5063A Datasheet(HTML) 4 Page - NTE Electronics

  NTE5063A Datasheet HTML 1Page - NTE Electronics NTE5063A Datasheet HTML 2Page - NTE Electronics NTE5063A Datasheet HTML 3Page - NTE Electronics NTE5063A Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
NTE:
NTE5067A NTE5061A NTE5065A NTE5066A (BULK) NTE5063A NTE5087A NTE5083A NTE5081A NTE5093A
NTE5086A NTE5088A NTE5085A NTE5089A NTE5084A NTE148A NTE5097A NTE5080A NTE5075A
NTE143A NTE5073A NTE5079A NTE5071A NTE5078A NTE5076A NTE5077A NTE5072A NTE5070A
NTE5074A NTE5100A NTE5069A NTE145A NTE144A NTE147A NTE141A NTE149A NTE140A NTE142A
NTE146A NTE5082A NTE150A NTE151A NTE5103A NTE5101A NTE136A NTE134A NTE5098A NTE5090A
NTE5092A NTE5095A NTE5091A NTE5094A NTE5096A NTE5099A NTE135A NTE5068A NTE5062A
NTE5064A NTE139A NTE5105A NTE5102A NTE5104A NTE138A NTE137A NTE5066A (POLYBAG)


Similar Part No. - NTE5063A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5063A NTE-NTE5063A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
More results

Similar Description - NTE5063A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5139A NTE-NTE5139A Datasheet
31Kb / 3P
   NTE5111A thru NTE5166A Zener Diode, 5 Watt 5% Tolerance
NTE5111A NTE-NTE5111A Datasheet
32Kb / 3P
   Zener Diode, 5 Watt 짹5% Tolerance
NTE5061A NTE-NTE5061A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
NTE5000A NTE-NTE5000A Datasheet
26Kb / 3P
   Zener Diode, 1/2 Watt 짹5% Tolerance
logo
Central Semiconductor C...
1N5221B CENTRAL-1N5221B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
   5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
logo
Central Semiconductor C...
CMZ5921B CENTRAL-CMZ5921B Datasheet
145Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
CMZ5913B CENTRAL-CMZ5913B Datasheet
291Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
BZV55C2V4 CENTRAL-BZV55C2V4_10 Datasheet
318Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5% TOLERANCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com