Electronic Components Datasheet Search |
|
EKZM350ESS152MK30S Datasheet(PDF) 1 Page - United Chemi-Con, Inc. |
|
EKZM350ESS152MK30S Datasheet(HTML) 1 Page - United Chemi-Con, Inc. |
1 / 4 page MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS Low impedance, 105C CAT. No. E1001K Sleeve(PET : Brown) L' 15min. 4min. Vent (Except F5 & F6.3) @Long-Life version of KZH series @Endurance with ripple current : 6,000 to 10,000 hours at 105C @Newly innovative electrolyte is employed to minimize ESR @Rated voltage range : 6.3 to 50Vdc, Nominal capacitance range : 27 to 10,000MF @Non solvent resistant type @RoHS Compliant ?SPECIFICATIONS Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tane) Low Temperature Characteristics Endurance Shelf Life Items -40 to +105C 6.3 to 50Vdc P20% (M) I=0.01CV or 3MA, whichever is greater. Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) Rated voltage (Vdc) tanE (Max.) When nominal capacitance exceeds 1,000MF, add 0.02 to the value above for each 1,000MF increase. Z(-25C)/Z(+20C) Z(-40C)/Z(+20C) The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated ripple current is applied for the specified period of time at 105C. Time F5 & F6.3 : 6,000hours F8 : 8,000hours F10 to F18 : 10,000hours Capacitance change [P25% of the initial value (6.3, 10Vdc : [P30%) D.F. (tanE) [200% of the initial specified value Leakage current [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 500 hours at 105C without voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4. Capacitance change [P25% of the initial value (6.3, 10Vdc : [P30%) D.F. (tanE) [200% of the initial specified value Leakage current [The initial specified value Characteristics 6.3V 0.22 10V 0.19 16V 0.16 25V 0.14 35V 0.12 50V 0.10 2 max. 3 max. (at 20C, 120Hz) (at 20C after 2 minutes) (at 20C, 120Hz) (at 120Hz) ?DIMENSIONS [mm] ?PART NUMBERING SYSTEM 5 0.5 2.0 fD fd F fD' L' 6.3 0.5 2.5 8 0.6 3.5 12.5 0.6 5.0 16 0.8 7.5 18 0.8 7.5 10 0.6 5.0 FD+0.5max. L+1.5max. (F5 to F10) (F12.5 to F18) Gas escape end seal 120 0.40 0.50 0.60 0.75 0.85 1k 0.75 0.85 0.87 0.90 0.95 10k 0.90 0.94 0.95 0.95 0.98 100k 1.00 1.00 1.00 1.00 1.00 Capacitance (mF) Frequency (Hz) 27 to 180 220 to 560 680 to 1,800 2,200 to 3,900 4,700 to 10,000 ?RATED RIPPLE CURRENT MULTIPLIERS @Frequency Multipliers @Terminal Code : E Supplement code Size code Capacitance tolerance code Capacitance code (ex. 100MF:101, 1,000MF:102) Lead forming·taping code Terminal code Voltage code (ex. 6.3V:6R3, 10V:100) Series code Category E K Z M A A A E A A A A A A A A N M 13 4 26 7 8 9 10 512 13 11 16 17 18 15 14 Note : The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5C rise. When long life performance is required in actual use, the rms ripple current has to be reduced. Longer life KZM Lower Z KZH KZE Please refer to "Product code guide (radial lead type)" (1/3) |
Similar Part No. - EKZM350ESS152MK30S |
|
Similar Description - EKZM350ESS152MK30S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |