Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5093MTC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN5093MTC
Description  Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5093MTC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN5093MTC Datasheet HTML 1Page - Fairchild Semiconductor FAN5093MTC Datasheet HTML 2Page - Fairchild Semiconductor FAN5093MTC Datasheet HTML 3Page - Fairchild Semiconductor FAN5093MTC Datasheet HTML 4Page - Fairchild Semiconductor FAN5093MTC Datasheet HTML 5Page - Fairchild Semiconductor FAN5093MTC Datasheet HTML 6Page - Fairchild Semiconductor FAN5093MTC Datasheet HTML 7Page - Fairchild Semiconductor FAN5093MTC Datasheet HTML 8Page - Fairchild Semiconductor FAN5093MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PRODUCT SPECIFICATION
FAN5093
REV. 1.1.0 3/27/03
3
Absolute Maximum Ratings (Absolute Maximum Ratings are the values beyond which the device
may be damaged or have it’s useful life impaired. Functional operation under these conditions is not implied.)
Thermal Ratings
Recommended Operating Conditions (See Figure 2)
20
ILIM
Current Limit. A resistor from this pin to ground sets the over current trip level.
21
DROOP/E*
Droop Control/Energy Star Mode Control. A resistor from this pin to ground
sets the amount of droop by controlling the gain of the current sense amplifier.
When this pin is pulled high to BYPASS, the phase A drivers are turned off for
Energy-star operation.
22
ENABLE/SS
Output Enable/Softstart. A logic LOW on this pin will disable the output. An
10µA internal current source allows for open collector control. This pin also
doubles as soft start.
23
RT
Frequency Set. A resistor from this pin to ground sets the switching frequency.
24
VFB
Voltage Feedback. Connect to the desired regulation point at the output of the
converter.
Parameter
Min.
Max.
Unit
Supply Voltage VCC
15
V
Supply Voltages BOOT to PGND
24
V
BOOT to SW
24
V
Voltage Identification Code Inputs, VID0-VID4
6
V
VFB, ENABLE/SS, PWRGD, DROOP/E*
6
V
SWA, SWB to AGND (<1µs)
-3
15
V
PGNDA, PGNDB to AGND
-0.5
0.5
V
Gate Drive Current, peak pulse
3
A
Junction Temperature, TJ
-55
150
°C
Storage Temperature
-65
150
°C
Parameter
Min.
Typ.
Max.
Unit
Lead Soldering Temperature, 10 seconds
300
°C
Power Dissipation, PD
650
mW
Thermal Resistance Junction-to-Case,
ΘJC
16
°C/W
Thremal Resistance Junction-to-Ambient,
ΘJA
84
°C/W
Parameter
Conditions
Min.
Max.
Units
Output Driver Supply, BOOTA, B
16
22
V
Ambient Operating Temperature
0
70
°C
Supply Voltage VCC
10.8
13.2
V
Pin Number
Pin Name
Pin Function Description


Similar Part No. - FAN5093MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5093 FAIRCHILD-FAN5093 Datasheet
578Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
More results

Similar Description - FAN5093MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5093 FAIRCHILD-FAN5093 Datasheet
578Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5193 FAIRCHILD-FAN5193 Datasheet
524Kb / 21P
   Two Phase Interleaved Synchronous Buck Converter
FAN5098 FAIRCHILD-FAN5098 Datasheet
460Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for AMD Hammer?
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Fairchild Semiconductor
FAN5094 FAIRCHILD-FAN5094 Datasheet
182Kb / 22P
   Multi-Phase Interleaved Buck Converter
logo
STMicroelectronics
L6712 STMICROELECTRONICS-L6712_05 Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
L6712 STMICROELECTRONICS-L6712 Datasheet
1Mb / 27P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com