Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5093MTC Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN5093MTC
Description  Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5093MTC Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5093MTC Datasheet HTML 4Page - Fairchild Semiconductor FAN5093MTC Datasheet HTML 5Page - Fairchild Semiconductor FAN5093MTC Datasheet HTML 6Page - Fairchild Semiconductor FAN5093MTC Datasheet HTML 7Page - Fairchild Semiconductor FAN5093MTC Datasheet HTML 8Page - Fairchild Semiconductor FAN5093MTC Datasheet HTML 9Page - Fairchild Semiconductor FAN5093MTC Datasheet HTML 10Page - Fairchild Semiconductor FAN5093MTC Datasheet HTML 11Page - Fairchild Semiconductor FAN5093MTC Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
FAN5093
PRODUCT SPECIFICATION
8
REV. 1.1.0 3/27/03
Typical Operating Characteristics (Continued)
START-UP, 40A LOAD
LOAD TRANSIENT, 12-52A
POWER-DOWN, 40A LOAD
LOAD TRANSIENT, 0-40A
CH1: Iout (20A/div)
CH2: Vout
CH1: Iout (20A/div)
CH2: Vout
CH1: Vout
CH2: Vin
CH1: Vout
CH2: Vin
VOUT TEMPERATURE VARIATION
TEMPERATURE (
°C)
1.501
1.500
1.499
1.498
1.497
1.496
1.495
1.494
025
70
100
CLOSED LOOP RESPONSE, 40A LOAD
FREQUENCY (HZ)
Gain
Phase Margin
-10
0
10
20
30
40
50
100
1000
10000
100000
0
30
60
90
120
150
180


Similar Part No. - FAN5093MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5093 FAIRCHILD-FAN5093 Datasheet
578Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
More results

Similar Description - FAN5093MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5093 FAIRCHILD-FAN5093 Datasheet
578Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5193 FAIRCHILD-FAN5193 Datasheet
524Kb / 21P
   Two Phase Interleaved Synchronous Buck Converter
FAN5098 FAIRCHILD-FAN5098 Datasheet
460Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for AMD Hammer?
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Fairchild Semiconductor
FAN5094 FAIRCHILD-FAN5094 Datasheet
182Kb / 22P
   Multi-Phase Interleaved Buck Converter
logo
STMicroelectronics
L6712 STMICROELECTRONICS-L6712_05 Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
L6712 STMICROELECTRONICS-L6712 Datasheet
1Mb / 27P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com