Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5093MTCX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN5093MTCX
Description  Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5093MTCX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN5093MTCX Datasheet HTML 1Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5093MTCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
FAN5093
PRODUCT SPECIFICATION
2
REV. 1.1.0 3/27/03
Pin Assignments
Pin Definitions
Pin Number
Pin Name
Pin Function Description
1-5
VID0-4
Voltage Identification Code Inputs. Open collector/TTL compatible inputs will
program the output voltage over the ranges specified in Table 1. Internally Pulled-
Up.
6
BYPASS
5V Rail. Bypass this pin with a 0.1
µF ceramic capacitor to AGND.
7
AGND
Analog Ground. Return path for low power analog circuitry. This pin should be
connected to a low impedance system ground plane to minimize ground loops.
8
LDRVB
Low Side FET Driver for B. Connect this pin to the gate of an N-channel
MOSFET for synchronous operation. The trace from this pin to the MOSFET gate
should optimally be <0.5".
9
PGNDB
Power Ground B. Return pin for high currents flowing in low-side MOSFET.
Connect directly to low-side MOSFET source.
10
SWB
High side driver source and low side driver drain switching node B. Gate
drive return for high side MOSFET, and negative input for low-side MOSFET
current sense.
11
HDRVB
High Side FET Driver B. Connect this pin to the gate of an N-channel MOSFET.
The trace from this pin to the MOSFET gate should optimally be <0.5".
12
BOOTB
Bootstrap B. Input supply for high-side MOSFET.
13
BOOTA
Bootstrap A. Input supply for high-side MOSFET.
14
HDRVA
High Side FET Driver A. Connect this pin to the gate of an N-channel MOSFET.
The trace from this pin to the MOSFET gate should optimally be <0.5".
15
SWA
High side driver source and low side driver drain switching node A. Gate
drive return for high side MOSFET, and negative input for low-side MOSFET
current sense.
16
PGNDA
Power Ground A. Return pin for high currents flowing in low-side MOSFET.
Connect directly to low-side MOSFET source.
17
LDRVA
Low Side FET Driver for A. Connect this pin to the gate of an N-channel
MOSFET for synchronous operation. The trace from this pin to the MOSFET gate
should optimally be <0.5".
18
VCC
VCC. Internal IC supply. Connect to system 12V supply, and decouple with a 10
resistor and 1
µF ceramic capacitor.
19
PWRGD
Power Good Flag. An open collector output that will be logic LOW if the output
voltage is less than 350mV less than the nominal output voltage setpoint. Power
Good is prevented from going low until the output voltage is out of spec for
500µsec.
FAN5093
VID0
VID1
VID2
VID3
VID4
AGND
BYPASS
LDRVB
PGNDB
SWB
HDRVB
BOOTB
VFB
RT
ENABLE/SS
DROOP/E*
ILIM
PWRGD
VCC
LDRVA
PGNDA
SWA
HDRVA
BOOTA
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13


Similar Part No. - FAN5093MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5093 FAIRCHILD-FAN5093 Datasheet
578Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
More results

Similar Description - FAN5093MTCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5090 FAIRCHILD-FAN5090 Datasheet
183Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5093 FAIRCHILD-FAN5093 Datasheet
578Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for VRM 9.x Applications
FAN5193 FAIRCHILD-FAN5193 Datasheet
524Kb / 21P
   Two Phase Interleaved Synchronous Buck Converter
FAN5098 FAIRCHILD-FAN5098 Datasheet
460Kb / 17P
   Two Phase Interleaved Synchronous Buck Converter for AMD Hammer?
FAN5091 FAIRCHILD-FAN5091 Datasheet
193Kb / 21P
   Two Slice Interleaved Synchronous Buck Converter
logo
Linear Technology
LTC3789EGN LINER-LTC3789EGN Datasheet
721Kb / 12P
   300W 2-Phase Interleaved Synchronous Buck-Boost Converter
logo
Fairchild Semiconductor
FAN5094 FAIRCHILD-FAN5094 Datasheet
182Kb / 22P
   Multi-Phase Interleaved Buck Converter
logo
STMicroelectronics
L6712 STMICROELECTRONICS-L6712_05 Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
L6712 STMICROELECTRONICS-L6712 Datasheet
1Mb / 27P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com