Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE5073A Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE5073A
Description  NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5073A Datasheet(HTML) 1 Page - NTE Electronics

  NTE5073A Datasheet HTML 1Page - NTE Electronics NTE5073A Datasheet HTML 2Page - NTE Electronics NTE5073A Datasheet HTML 3Page - NTE Electronics NTE5073A Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE5061A thru NTE5105A
(Includes NTE134A thru NTE151A)
Zener Diode, 1 Watt
±5% Tolerance
Features:
D Zener Voltage 2.4V to 200V
D Low Cost
D Low Zener Impedance
D Excellent Clamping
D Easily Cleaned with Freon, Alcohol, Chlorothene, and Similar Solvents
Maximum Ratings and Electrical Characteristics: (TC = +25°C, unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load, for capacitive load, derate current by 20%)
Nominal
Zener
Test
Maximum Dynamic
Impedance
Maximum
Leakage
Max DC
Zener
Max Forward
NTE Type
Number
Zener Voltage
Vz @ Izt
Current
(Izt)
Zzt @ Izt
Zzk @ Izk
Current
IR @ VR
Current
(Izm)
Voltage
VF @ IF
Volts
mA
mA
µA
Volts
mA
Volts
mA
NTE5061A
2.4
20.0
30
1200
0.25
100
1.0
1.1
200
NTE5062A
2.5
20.0
30
1250
0.25
100
1.0
1.1
200
NTE5063A
2.7
20.0
30
1300
0.25
75
1.0
1.1
200
NTE5064A
2.8
20.0
30
1400
0.25
75
1.0
1.1
200
NTE5065A
3.0
20.0
30
1600
0.25
50
1.0
1.1
200
NTE5066A
3.3
76.0
10
400
1.0
100
1.0
1.2
200
NTE134A
3.6
69.0
10
400
1.0
100
1.0
1.2
200
NTE5067A
3.9
64.0
9
400
1.0
50
1.0
1.2
200
NTE5068A
4.3
58.0
9
400
1.0
10
1.0
1.2
200
NTE5069A
4.7
53.0
8
500
1.0
10
1.0
1.2
200
NTE135A
5.1
49.0
7
550
1.0
10
1.0
1.2
200
NTE136A
5.6
45.0
5
600
1.0
10
2.0
1.2
200
NTE5070A
6.0
43.0
3.5
650
1.0
10
2.5
1.2
200
NTE137A
6.2
41.0
2
700
1.0
10
3.0
1.2
200
NTE5071A
6.8
37.0
3.5
700
1.0
10
4.0
1.2
200
NTE138A
7.5
34.0
4.0
700
0.5
10
5.0
1.2
200
NTE5072A
8.2
31.0
4.5
700
0.5
10
6.0
1.2
200


Similar Part No. - NTE5073A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE507 NTE-NTE507 Datasheet
17Kb / 1P
   Silicon Rectifier Diode
NTE5070A NTE-NTE5070A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
NTE5071A NTE-NTE5071A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
NTE5072A NTE-NTE5072A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
More results

Similar Description - NTE5073A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5139A NTE-NTE5139A Datasheet
31Kb / 3P
   NTE5111A thru NTE5166A Zener Diode, 5 Watt 5% Tolerance
NTE5111A NTE-NTE5111A Datasheet
32Kb / 3P
   Zener Diode, 5 Watt 짹5% Tolerance
NTE5061A NTE-NTE5061A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
NTE5000A NTE-NTE5000A Datasheet
26Kb / 3P
   Zener Diode, 1/2 Watt 짹5% Tolerance
logo
Central Semiconductor C...
1N5221B CENTRAL-1N5221B Datasheet
173Kb / 2P
   ZENER DIODE 2.4 VOLTS THRU 200VOLTS 500mL, 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
   5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
logo
Central Semiconductor C...
CMZ5921B CENTRAL-CMZ5921B Datasheet
145Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 6.8 THRU 200 VOLTS 짹 5% TOLERANCE
CMZ5913B CENTRAL-CMZ5913B Datasheet
291Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS 짹 5% TOLERANCE
BZV55C2V4 CENTRAL-BZV55C2V4_10 Datasheet
318Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5% TOLERANCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com