Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1808Y102KFQAT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1808Y102KFQAT
Description  Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1808Y102KFQAT Datasheet(HTML) 2 Page - Vishay Siliconix

  1808Y102KFQAT Datasheet HTML 1Page - Vishay Siliconix 1808Y102KFQAT Datasheet HTML 2Page - Vishay Siliconix 1808Y102KFQAT Datasheet HTML 3Page - Vishay Siliconix 1808Y102KFQAT Datasheet HTML 4Page - Vishay Siliconix 1808Y102KFQAT Datasheet HTML 5Page - Vishay Siliconix 1808Y102KFQAT Datasheet HTML 6Page - Vishay Siliconix 1808Y102KFQAT Datasheet HTML 7Page - Vishay Siliconix 1808Y102KFQAT Datasheet HTML 8Page - Vishay Siliconix 1808Y102KFQAT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
VJ Commercial Series
www.vishay.com
Vishay Vitramon
Revision: 06-May-13
2
Document Number: 45199
For technical questions, contact: mlcc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Detail ratings see “Selection Chart”
QUICK REFERENCE DATA
DIELECTRIC
CASE
MAXIMUM VOLTAGE
(V)
CAPACITANCE
MINIMUM
MAXIMUM
C0G (NP0)
0402
100
1.0 pF
220 pF
0603
200
1.0 pF
1.0 nF
0805
500
1.0 pF
4.7 nF
1206
630
1.0 pF
10 nF
1210
630
56 pF
12 nF
1808
1000
18 pF
10 nF
1812
1000
39 pF
22 nF
1825
500
100 pF
39 nF
2220
1000
270 pF
47 nF
2225
1000
270 pF
56 nF
X5R
0805
10
560 nF
1.0 μF
X7R
0402
100
120 pF
47 nF
0603
200
330 pF
150 nF
0805
250
330 pF
470 nF
1206
630
330 pF
1.0 μF
1210
630
390 pF
1.0 μF
1808
1000
470 pF
270 nF
1812
1000
1.0 nF
1.0 μF
1825
1000
10 nF
2.7 μF
2220
500
15 nF
2.2 μF
2225
1000
33 nF
4.7 μF
3640
500
27 nF
6.8 μF


Similar Part No. - 1808Y102KFQAT

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
1808 KEMET-1808 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
1808 ETC2-1808 Datasheet
230Kb / 1P
   FEMALE THREADED STANDOFFS
logo
Alpha Wire
1808 ALPHAWIRE-1808 Datasheet
98Kb / 4P
   Customer Specification
2/21/2023
logo
Heyco.
1808 HEYCO-1808 Datasheet
138Kb / 1P
   RDD Lockit™ Strain Relief Bushings – Right Angle
logo
Aries Electronics, Inc.
18080 ARIES-18080 Datasheet
744Kb / 1P
   24-Pin SOIC-to-22-Pin 0.400" DIP
More results

Similar Description - 1808Y102KFQAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0402 VISHAY-VJ0402_11 Datasheet
136Kb / 14P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 14-Jul-11
VJ1206A471KXEAT VISHAY-VJ1206A471KXEAT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y104KXBAT VISHAY-VJ1206Y104KXBAT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ1210A103JXAAT VISHAY-VJ1210A103JXAAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0402A1R0BXAAC VISHAY-VJ0402A1R0BXAAC Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJCOMMERCIALSERIES VISHAY-VJCOMMERCIALSERIES Datasheet
161Kb / 16P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
01-Jan-2023
VJ0603Y104KXX VISHAY-VJ0603Y104KXX Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206Y103JXAMC VISHAY-VJ1206Y103JXAMC Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
VJ0805Y102KXBMT VISHAY-VJ0805Y102KXBMT Datasheet
149Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 15-May-12
VJ1206A102GXBAT VISHAY-VJ1206A102GXBAT Datasheet
78Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 23-Sep-09
VJ0805A150JXAMT VISHAY-VJ0805A150JXAMT Datasheet
168Kb / 15P
   Surface Mount Multilayer Ceramic Chip Capacitors for Commercial Applications
Revision: 06-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com