Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC355DD72W474KX01L Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd.

Part # GC355DD72W474KX01L
Description  Chip Monolithic Ceramic Capacitors for Automotive
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GC355DD72W474KX01L Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd.

Back Button GC355DD72W474KX01L Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GC355DD72W474KX01L Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GC355DD72W474KX01L Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GC355DD72W474KX01L Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GC355DD72W474KX01L Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. GC355DD72W474KX01L Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. GC355DD72W474KX01L Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. GC355DD72W474KX01L Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. GC355DD72W474KX01L Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
Capacitance Table
L×W (mm)
0.33
T max. (mm)
Rated Voltage (Vdc)
25
X7R
0.6×0.3
p21
p21
p21
p21
p21
p21
p21
p21
16
X7R
p21
p21
10
X7R
p21
p21
p21
0.55
100
X7R
1.0×0.5
p21
p21
p21
p21
p21
p21
p21
p21
p21
50
X7R
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
25
X7R
p21
p21
p21
p21
p21
16
X7R
p21
p21
p21
p21
0.9
100
X7R
1.6×0.8
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
50
X7R
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
p21
25
X7R
p21
p21
p21
p21
p21
p21
p21
p21
16
X7R
p21
p21
p21
p21
6.3
X7R
p21
0.7
100
X7R
2.0×1.25
p21
p21
p21
p21
0.95
100
X7R
p21
50
X7R
p21
p21
25
X7R
p21
16
X7R
p21
p22
1.4
100
X7R
p22
p22
p22
50
X7R
p22
p22
p22
p22
p22
p22
p22
35
X7R
p22
p22
25
X7R
p22
p22
p22
p22
p22
p22
16
X7R
p22
p22
10
X7
Δ
p22
p22
p22
6.3
X7R
p22
0.95
100
X7R
3.2×1.6
p22
1.25
100
X7R
p22
p22
Cap. / TC Code
100pF
150pF
220pF
330pF
470pF
680pF
1000pF
1500pF
2200pF
3300pF
4700pF
6800pF
10000pF
15000pF
22000pF
33000pF
47000pF
68000pF
0.10μF
0.15μF
0.22μF
0.33μF
0.47μF
0.68μF
1.0μF
2.2μF
4.7μF
10μF
22μF
47μF
c GCM Series High Dielectric Constant Type
p00
Part Number List
X7R X7S
EIA:
Capacitance Table p00 Each number in the Part Number List refers to the page number printed at the bottom of the page.
C03E.pdf
May.17,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
8


Similar Part No. - GC355DD72W474KX01L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GC355DD72W474KX01L MURATA-GC355DD72W474KX01L Datasheet
2Mb / 67P
   Explanation of Symbols in This Catalog AEC-Q200 compliant product
More results

Similar Description - GC355DD72W474KX01L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM32DR72A225KA64L MURATA-GCM32DR72A225KA64L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM2195C2A470JZ13D MURATA-GCM2195C2A470JZ13D Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM188R71H472KA37J MURATA-GCM188R71H472KA37J Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM188R71H472KA37D MURATA-GCM188R71H472KA37D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM32ER71H105KA37L MURATA-GCM32ER71H105KA37L Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
C03E MURATA1-C03E_V01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
logo
Murata Manufacturing Co...
GCM188R71H333KA55D MURATA-GCM188R71H333KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM31CR70J226KE23L MURATA-GCM31CR70J226KE23L Datasheet
2Mb / 67P
   chip monolithic ceramic capacitors for automotive
GCM31A7U2J102JX01D MURATA-GCM31A7U2J102JX01D Datasheet
604Kb / 43P
   Chip Monolithic Ceramic Capacitors for Automotive
GCM219R71H334KA55D MURATA-GCM219R71H334KA55D Datasheet
2Mb / 67P
   Chip Monolithic Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com