Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGTP12N60C3 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HGTP12N60C3
Description  24A, 600V, UFS Series N-Channel IGBTs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HGTP12N60C3 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HGTP12N60C3 Datasheet HTML 1Page - Fairchild Semiconductor HGTP12N60C3 Datasheet HTML 2Page - Fairchild Semiconductor HGTP12N60C3 Datasheet HTML 3Page - Fairchild Semiconductor HGTP12N60C3 Datasheet HTML 4Page - Fairchild Semiconductor HGTP12N60C3 Datasheet HTML 5Page - Fairchild Semiconductor HGTP12N60C3 Datasheet HTML 6Page - Fairchild Semiconductor HGTP12N60C3 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
©2001 Fairchild Semiconductor Corporation
HGTP12N60C3, HGT1S12N60C3S Rev. B
FIGURE 7. TURN-ON DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 8. TURN-OFF DELAY TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 9. TURN-ON RISE TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 10. TURN-OFF FALL TIME vs COLLECTOR TO
EMITTER CURRENT
FIGURE 11. TURN-ON ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
FIGURE 12. TURN-OFF ENERGY LOSS vs COLLECTOR TO
EMITTER CURRENT
Typical Performance Curves (Continued)
10
20
30
510
1520
ICE, COLLECTOR TO EMITTER CURRENT (A)
100
25
30
50
VGE = 10V
VGE = 15V
TJ = 150
oC, R
G = 25Ω, L = 100µH, VCE(PK) = 480V
ICE, COLLECTOR TO EMITTER CURRENT (A)
400
300
200
100
510
15
20
25
30
TJ = 150
oC, R
G = 25Ω, L = 100mH, VCE(PK) = 480V
VGE = 10V
VGE = 15V
ICE, COLLECTOR TO EMITTER CURRENT (A)
5
10
100
5
10152025
30
VGE = 15V
VGE = 10V
200
TJ = 150
oC, R
G = 25Ω, L = 100µH, VCE(PK) = 480V
ICE, COLLECTOR TO EMITTER CURRENT (A)
100
5
1015202530
200
300
TJ = 150
oC, R
G = 25Ω, L = 100mH, VCE(PK) = 480V
VGE = 10V or 15V
90
80
ICE, COLLECTOR TO EMITTER CURRENT (A)
0
510
15
20
VGE = 15V
0.5
1.0
1.5
2.0
25
30
VGE = 10V
TJ = 150
oC, R
G = 25Ω, L = 100µH, VCE(PK) = 480V
ICE, COLLECTOR TO EMITTER CURRENT (A)
510
15
20
25
30
0.5
1.0
1.5
2.0
2.5
3.0
0
TJ = 150
oC, R
G = 25Ω, L = 100µH, VCE(PK) = 480V
VGE = 10V or 15V
HGTP12N60C3, HGT1S12N60C3S


Similar Part No. - HGTP12N60C3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP12N60C3 INTERSIL-HGTP12N60C3 Datasheet
119Kb / 6P
   24A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTP12N60C3 HARRIS-HGTP12N60C3 Datasheet
131Kb / 6P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGTP12N60C3D FAIRCHILD-HGTP12N60C3D Datasheet
154Kb / 8P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
logo
Intersil Corporation
HGTP12N60C3D INTERSIL-HGTP12N60C3D Datasheet
99Kb / 7P
   24A, 600V, UFS Series N-Channel IGBT with Anti-Parallel Hyperfast Diodes
January 2000
More results

Similar Description - HGTP12N60C3

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HGTP12N60C3 HARRIS-HGTP12N60C3 Datasheet
131Kb / 6P
   24A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTP12N60C3 INTERSIL-HGTP12N60C3 Datasheet
119Kb / 6P
   24A, 600V, UFS Series N-Channel IGBTs
January 2000
HGT1S20N60B3S INTERSIL-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD3N60C3 HARRIS-HGTD3N60C3 Datasheet
227Kb / 9P
   6A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGT1S20N60B3S FAIRCHILD-HGT1S20N60B3S Datasheet
138Kb / 6P
   40A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD3N60C3S INTERSIL-HGTD3N60C3S Datasheet
243Kb / 6P
   6A, 600V, UFS Series N-Channel IGBTs
January 2000
logo
Harris Corporation
HGTD7N60C3 HARRIS-HGTD7N60C3 Datasheet
153Kb / 6P
   14A, 600V, UFS Series N-Channel IGBTs
logo
Fairchild Semiconductor
HGTG12N60B3 FAIRCHILD-HGTG12N60B3 Datasheet
247Kb / 8P
   27A, 600V, UFS Series N-Channel IGBTs
logo
Intersil Corporation
HGTD7N60C3S INTERSIL-HGTD7N60C3S Datasheet
144Kb / 7P
   14A, 600V, UFS Series N-Channel IGBTs
January 2000
HGTP12N60B3 INTERSIL-HGTP12N60B3 Datasheet
112Kb / 7P
   27A, 600V, UFS Series N-Channel IGBTs
January 2000
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com