Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5223GTR Datasheet(PDF) 2 Page - Rohm

Part # BD5223GTR
Description  Free Delay Time Setting CMOS Voltage Detector IC Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5223GTR Datasheet(HTML) 2 Page - Rohm

  BD5223GTR Datasheet HTML 1Page - Rohm BD5223GTR Datasheet HTML 2Page - Rohm BD5223GTR Datasheet HTML 3Page - Rohm BD5223GTR Datasheet HTML 4Page - Rohm BD5223GTR Datasheet HTML 5Page - Rohm BD5223GTR Datasheet HTML 6Page - Rohm BD5223GTR Datasheet HTML 7Page - Rohm BD5223GTR Datasheet HTML 8Page - Rohm BD5223GTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.rohm.com © 2011 ROHM Co., Ltd. All rights reserved.
TSZ02201-0R7R0G300040-1-2
TSZ22111・15・001
2/10
19.DEC.2011 Rev.002
BD52xx series
BD53xx series
Datasheet
●Ordering Information
B
D
5
2
2
3
G
T R
BD52: Adjustable Delay Time
Reset Voltage Value
Package
Packaging and forming specification
CMOS Reset IC
23: 2.3V to (0.1V step)
G: SSOP5
TR: Embossed tape and reel
Open Drain Type
60: 6.0V
FVE: VSOF5
BD53: Adjustable Delay Time
CMOS Reset IC
CMOS Output Type
●Lineup
Marking
Detection
Voltage
Part
Number
Marking
Detection
Voltage
Part
Number
Marking
Detection
Voltage
Part
Number
Marking
Detection
Voltage
Part
Number
PW
6.0V
BD5260
PB
4.1V
BD5241
RW
6.0V
BD5360
RB
4.1V
BD5341
PV
5.9V
BD5259
PA
4.0V
BD5240
RV
5.9V
BD5359
RA
4.0V
BD5340
PU
5.8V
BD5258
MV
3.9V
BD5239
RU
5.8V
BD5358
QV
3.9V
BD5339
PT
5.7V
BD5257
MU
3.8V
BD5238
RT
5.7V
BD5357
QU
3.8V
BD5338
PS
5.6V
BD5256
MT
3.7V
BD5237
RS
5.6V
BD5356
QT
3.7V
BD5337
PR
5.5V
BD5255
MS
3.6V
BD5236
RR
5.5V
BD5355
QS
3.6V
BD5336
PQ
5.4V
BD5254
MR
3.5V
BD5235
RQ
5.4V
BD5354
QR
3.5V
BD5335
PP
5.3V
BD5253
MQ
3.4V
BD5234
RP
5.3V
BD5353
QQ
3.4V
BD5334
PN
5.2V
BD5252
MP
3.3V
BD5233
RN
5.2V
BD5352
QP
3.3V
BD5333
PM
5.1V
BD5251
MN
3.2V
BD5232
RM
5.1V
BD5351
QN
3.2V
BD5332
PL
5.0V
BD5250
MM
3.1V
BD5231
RL
5.0V
BD5350
QM
3.1V
BD5331
PK
4.9V
BD5249
ML
3.0V
BD5230
RK
4.9V
BD5349
QL
3.0V
BD5330
PJ
4.8V
BD5248
MK
2.9V
BD5229
RJ
4.8V
BD5348
QK
2.9V
BD5329
PH
4.7V
BD5247
MJ
2.8V
BD5228
RH
4.7V
BD5347
QJ
2.8V
BD5328
PG
4.6V
BD5246
MH
2.7V
BD5227
RG
4.6V
BD5346
QH
2.7V
BD5327
PF
4.5V
BD5245
MG
2.6V
BD5226
RF
4.5V
BD5345
QG
2.6V
BD5326
PE
4.4V
BD5244
MF
2.5V
BD5225
RE
4.4V
BD5344
QF
2.5V
BD5325
PD
4.3V
BD5243
ME
2.4V
BD5224
RD
4.3V
BD5343
QE
2.4V
BD5324
PC
4.2V
BD5242
MD
2.3V
BD5223
RC
4.2V
BD5342
QD
2.3V
BD5323
(Unit : mm)
SSOP5
2.9
±0.2
0.13
+6°
−4°
+0.05
−0.03
0.42
+0.05
−0.04
0.95
5
4
12
3
0.1
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin
(Unit : mm)
VSOF5
4
3
1.0
±0.05
1
0.22
±0.05
0.5
5
1.6
±0.05
0.13
±0.05
2


Similar Part No. - BD5223GTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5223G ROHM-BD5223G Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-1TR ROHM-BD5223G-1TR Datasheet
1Mb / 22P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
18.May.2023 Rev.002
BD5223G-2C ROHM-BD5223G-2C Datasheet
2Mb / 24P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
BD5223G-2CTR ROHM-BD5223G-2CTR Datasheet
2Mb / 24P
   Free Time Delay Setting CMOS Voltage Detector (Reset) IC
BD5223G-TR ROHM-BD5223G-TR Datasheet
400Kb / 16P
   Delay time controlled by extemal capacitor
More results

Similar Description - BD5223GTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5260 ROHM-BD5260_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-TR ROHM-BD52E23G-TR Datasheet
373Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5240G-TR ROHM-BD5240G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD52E23G-MTR ROHM-BD52E23G-MTR Datasheet
396Kb / 15P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5223G-TR ROHM-BD5223G-TR_13 Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5229G-TR ROHM-BD5229G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5226G-TR ROHM-BD5226G-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
BD5228FVE-TR ROHM-BD5228FVE-TR Datasheet
400Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com