Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11F3SR2M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # H11F3SR2M
Description  H11F1M, H11F2M, H11F3M Photo FET Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11F3SR2M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  H11F3SR2M Datasheet HTML 1Page - Fairchild Semiconductor H11F3SR2M Datasheet HTML 2Page - Fairchild Semiconductor H11F3SR2M Datasheet HTML 3Page - Fairchild Semiconductor H11F3SR2M Datasheet HTML 4Page - Fairchild Semiconductor H11F3SR2M Datasheet HTML 5Page - Fairchild Semiconductor H11F3SR2M Datasheet HTML 6Page - Fairchild Semiconductor H11F3SR2M Datasheet HTML 7Page - Fairchild Semiconductor H11F3SR2M Datasheet HTML 8Page - Fairchild Semiconductor H11F3SR2M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
H11F1M, H11F2M, H11F3M Rev. 1.0.5
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Device
Value
Units
TOTAL DEVICE
TSTG
Storage Temperature
All
-40 to +150
°C
TOPR
Operating Temperature
All
-40 to +100
°C
TSOL
Lead Solder Temperature
All
260 for 10 sec
°C
EMITTER
IF
Continuous Forward Current
All
60
mA
VR
Reverse Voltage
All
5
V
IF(pk)
Forward Current – Peak (10µs pulse, 1% duty cycle)
All
1
A
PD
LED Power Dissipation 25°C Ambient
All
100
mW
Derate Linearly from 25°C
1.33
mW/°C
DETECTOR
PD
Detector Power Dissipation @ 25°C
All
300
mW
Derate linearly from 25°C
4.0
mW/°C
BV4-6
Breakdown Voltage (either polarity)
H11F1M,
H11F2M
±30
V
H11F3M
±15
V
I4-6
Continuous Detector Current (either polarity)
All
±100
mA


Similar Part No. - H11F3SR2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11F3SD FAIRCHILD-H11F3SD Datasheet
547Kb / 10P
   PHOTO FET OPTOCOUPLERS
H11F3SM FAIRCHILD-H11F3SM Datasheet
2Mb / 11P
   Photo FET Optocouplers
More results

Similar Description - H11F3SR2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11F1 FAIRCHILD-H11F1 Datasheet
403Kb / 9P
   PHOTO FET OPTOCOUPLERS
H11F3SM FAIRCHILD-H11F3SM Datasheet
2Mb / 11P
   Photo FET Optocouplers
H11F1 FAIRCHILD-H11F1_03 Datasheet
553Kb / 10P
   PHOTO FET OPTOCOUPLERS
H11F3SD FAIRCHILD-H11F3SD Datasheet
547Kb / 10P
   PHOTO FET OPTOCOUPLERS
logo
ON Semiconductor
H11F1M ONSEMI-H11F1M Datasheet
338Kb / 10P
   Photo FET Optocouplers
September, 2022 - Rev. 3
logo
Fairchild Semiconductor
H11F1M FAIRCHILD-H11F1M Datasheet
245Kb / 10P
   Photo FET Optocouplers
logo
QT Optoelectronics
H11C1 QT-H11C1 Datasheet
415Kb / 5P
   photo scr optocouplers
logo
Fairchild Semiconductor
H11C1 FAIRCHILD-H11C1 Datasheet
589Kb / 11P
   PHOTO SCR OPTOCOUPLERS
logo
QT Optoelectronics
4N39 QT-4N39 Datasheet
420Kb / 5P
   PHOTO SCR OPTOCOUPLERS
logo
Fairchild Semiconductor
4N39 FAIRCHILD-4N39 Datasheet
171Kb / 8P
   PHOTO SCR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com